Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS52015-1GST3 Datasheet(PDF) 1 Page - Cherry Semiconductor Corporation

Part # CS52015-1GST3
Description  1.5A Adjustable Linear Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS52015-1GST3 Datasheet(HTML) 1 Page - Cherry Semiconductor Corporation

  CS52015-1GST3 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS52015-1GST3 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS52015-1GST3 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS52015-1GST3 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS52015-1GST3 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS52015-1GST3 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS52015-1GST3 Datasheet HTML 7Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Cherry Semiconductor Corporation
2000 South County Trail, East Greenwich, RI 02818
Tel: (401)885-3600 Fax: (401)885-5786
Email: info@cherry-semi.com
Web Site: www.cherry-semi.com
1
Features
s
Output Current to 1.5A
s
Output Accuracy to ±1%
Over Temperature
s
Dropout Voltage (typical)
1.05V @ 1.5A
s
Fast Transient Response
s
Fault Protection
Current Limit
Thermal Shutdown
Package Options
3L TO-220
Tab (VOUT)
1.5A Adjustable Linear Regulator
1
CS52015-1
The CS52015-1 linear regulator pro-
vides 1.5A with an accuracy of ±1%.
The device uses two external resis-
tors to set the output voltage within
a 1.25V to 5.5V range.
The regulator is intended for use as
a post regulator and microprocessor
supply. The fast loop response and
low dropout voltage make this reg-
ulator ideal for applications where
low voltage operation and good
transient response are important.
The circuit is designed to operate
with dropout voltages less than
1.4V at 1.5A output current. Device
protection includes overcurrent and
thermal shutdown.
The CS52015-1 is pin compatible
with the LT1086 family of linear
regulators but has lower dropout
voltage.
The regulator is available in TO-
220, surface mount D2, and SOT-223
packages.
Application Diagram
Consult factory for fixed output voltage
versions.
CS52015 -1
1
Adj
2VOUT (Tab)
3VIN
Description
3L D2PAK
Tab (VOUT)
1
A
Company
¨
5.0V
CS52015-1
VIN
Adj
124
W
1%
200
W
1%
3.3V @ 1.5A
0.1
mF
5V
Tantalum
22
mF
5V
10
mF
5V
VOUT
SOT-223
Tab (VOUT)
1
Rev. 2/17/98


Similar Part No. - CS52015-1GST3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS52015-1GST3 ONSEMI-CS52015-1GST3 Datasheet
242Kb / 9P
   1.5 A Adjustable Linear Regulator
September, 2006 ??Rev. 7
More results

Similar Description - CS52015-1GST3

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK5173 ANAREN-MSK5173 Datasheet
808Kb / 8P
   1.5A, NEGATIVE ADJUSTABLE LINEAR REGULATOR
MSK5972RH ANAREN-MSK5972RH Datasheet
472Kb / 8P
   RAD HARD 1.5A, ADJUSTABLE LINEAR REGULATOR
logo
E-Tech Electronics LTD
UZ1086 ETL-UZ1086 Datasheet
253Kb / 7P
   1.5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
UZ1086 UTC-UZ1086_09 Datasheet
224Kb / 6P
   1.5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1086 UTC-UZ1086_12 Datasheet
239Kb / 6P
   1.5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
FAN1086 FAIRCHILD-FAN1086 Datasheet
45Kb / 9P
   1.5A Adjustable/Fixed Low Dropout Linear Regulator
logo
Anaren Microwave
MSK5973RH ANAREN-MSK5973RH Datasheet
447Kb / 8P
   RAD HARD 1.5A, NEGATIVE ADJUSTABLE LINEAR REGULATOR
logo
SHANGHAI BELLING CO., L...
BL8071 BELLING-BL8071 Datasheet
947Kb / 5P
   1.5A Linear Regulator
logo
Texas Instruments
LP38512-ADJ TI1-LP38512-ADJ Datasheet
1Mb / 24P
[Old version datasheet]   1.5A Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
logo
National Semiconductor ...
LP38512-ADJ NSC-LP38512-ADJ Datasheet
388Kb / 14P
   1.5A Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com