Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTC1806D3 Datasheet(PDF) 6 Page - Cystech Electonics Corp.

Part # BTC1806D3
Description  Silicon NPN Epitaxial Planar Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTC1806D3 Datasheet(HTML) 6 Page - Cystech Electonics Corp.

  BTC1806D3 Datasheet HTML 1Page - Cystech Electonics Corp. BTC1806D3 Datasheet HTML 2Page - Cystech Electonics Corp. BTC1806D3 Datasheet HTML 3Page - Cystech Electonics Corp. BTC1806D3 Datasheet HTML 4Page - Cystech Electonics Corp. BTC1806D3 Datasheet HTML 5Page - Cystech Electonics Corp. BTC1806D3 Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C819D3
Issued Date : 2012.07.27
Revised Date :
Page No. : 6/6
BTC1806D3
CYStek Product Specification
TO-126ML Dimension
*: Typical
Inches
Millimeters
Inches
Millimeters
DIM
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
0.118
0.134
3.000
3.400
e
*0.090
*2.28
A1
0.071
0.087
1.800
2.200
e1
0.176
0.183
4.460
4.660
b
0.026
0.034
0.660
0.860
L
0.594
0.610
15.100
15.500
b1
0.046
0.054
1.170
1.370
L1
0.051
0.059
1.300
1.500
c
0.018
0.024
0.450
0.600
P
0.159
0.167
4.040
4.240
D
0.307
0.323
7.800
8.200
Φ1
0.118
0.126
3.000
3.200
E
0.425
0.441
10.800
11.200
Φ2
0.122
0.130
3.100
3.300
Notes: 1.Controlling dimension: millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
• Lead: Pure tin plated.
• Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0.
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek.
• CYStek reserves the right to make changes to its products without notice.
• CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Marking:
C1806
Device
□□
1 2 3
E C B
Date Code:
Year+Month
Year: 2005→5,2006
6, …., etc
Month: Jan→1,Feb
Name
2,…,Sep
9, Oct→A
Nov→B,
Dec→C
Style: Pin 1.Emitter 2.Collector 3.Base
3-Lead TO-126ML Plastic Package
CYStek Package Code: D3


Similar Part No. - BTC1806D3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BTC1815A3 CYSTEKEC-BTC1815A3 Datasheet
155Kb / 4P
   General Purpose NPN Epitaxial Planar Transistor
More results

Similar Description - BTC1806D3

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BFY84 SEME-LAB-BFY84 Datasheet
19Kb / 2P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
AUK corp
SUR541EF AUK-SUR541EF Datasheet
176Kb / 4P
   NPN Epitaxial Planar Silicon Transistor
logo
SeCoS Halbleitertechnol...
2SC4226 SECOS-2SC4226_11 Datasheet
258Kb / 3P
   NPN Silicon Epitaxial Planar Transistor
logo
KODENSHI_AUK CORP.
SUR526H KODENSHI-SUR526H Datasheet
275Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR539J KODENSHI-SUR539J Datasheet
279Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR543EF KODENSHI-SUR543EF Datasheet
276Kb / 5P
   Epitaxial planar NPN silicon transistor
logo
Sanken electric
2SC2921 SANKEN-2SC2921_07 Datasheet
33Kb / 1P
   Silicon NPN Epitaxial Planar Transistor
logo
Seme LAB
2N4239 SEME-LAB-2N4239 Datasheet
122Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
2N3114CSM SEME-LAB-2N3114CSM_09 Datasheet
163Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
Micro Electronics
BC485 MICRO-ELECTRONICS-BC485 Datasheet
57Kb / 1P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
2N4123 MICRO-ELECTRONICS-2N4123 Datasheet
85Kb / 2P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com