Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5205A-1GT3 Datasheet(PDF) 3 Page - Cherry Semiconductor Corporation

Part # CS5205A-1GT3
Description  5A Adjustable Linear Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5205A-1GT3 Datasheet(HTML) 3 Page - Cherry Semiconductor Corporation

  CS5205A-1GT3 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS5205A-1GT3 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS5205A-1GT3 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS5205A-1GT3 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS5205A-1GT3 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS5205A-1GT3 Datasheet HTML 6Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Typical Performance Characteristics
Dropout Voltage vs. Output Current
Reference Voltage vs. Temperature
0.025
0.000
0.050
0.075
0.100
0.200
01
2
3
4
5
Output Current (A)
TCASE = 0°C
0.125
0.150
0.175
TCASE = 125°C
TCASE = 25°C
0
10
130
-0.12
0.10
TJ (°C)
20
30
40
50
60
70
80
90 100 110 120
0.08
0.06
0.04
0.02
0.00
-0.02
-0.04
-0.06
-0.08
-0.10
Load Regulation vs. Output Current
0.85
0.70
0.90
0.95
1.00
1.10
1.15
1.20
1.25
TCASE = 0°C
TCASE = 125°C
TCASE = 25°C
0.75
Output Current (A)
01
2
3
4
5
1.05
0.80
1
2
3
456
0.550
VIN – VOUT (V)
TCASE = 0°C
TCASE = 125°C
7
0.875
1.200
1.525
1.850
2.175
2.500
8
9
TCASE = 25°C
Minimum Load Current
0.0
101
Frequency (Hz)
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
100.0
102
103
104
105
TCASE = 25°C
IOUT = 5A
(VIN Ð VOUT) = 3V
VRIPPLE = 1.6VPP
CAdj = 25mF
Ripple Rejection vs. Frequency


Similar Part No. - CS5205A-1GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5205A-1 ONSEMI-CS5205A-1 Datasheet
219Kb / 8P
   5.0 A Adjustable Linear Regulator
September, 2006 ??Rev. 7
More results

Similar Description - CS5205A-1GT3

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G1084 GMT-G1084_07 Datasheet
344Kb / 11P
   5A Adjustable Low-Dropout Linear Regulator
G1084 GMT-G1084_15 Datasheet
35Kb / 1P
   5A Adjustable Low-Dropout Linear Regulator
G1084 GMT-G1084 Datasheet
346Kb / 8P
   5A Adjustable Low-Dropout Linear Regulator
logo
Fairchild Semiconductor
FAN1585A FAIRCHILD-FAN1585A Datasheet
63Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
List of Unclassifed Man...
L1084S5 ETC-L1084S5 Datasheet
46Kb / 4P
   5A Adjustable Low Dropout Linear Regulator (LDO)
L1084 ETC-L1084 Datasheet
232Kb / 8P
   5A Adjustable Low Dropout Linear Regulator (LDO)
L1084XG ETC2-L1084XG Datasheet
145Kb / 7P
   5A Adjustable Low Dropout Linear Regulator (LDO)
logo
Fairchild Semiconductor
RC1585M FAIRCHILD-RC1585M Datasheet
87Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
Avic Technology
AV1084 AVICTEK-AV1084 Datasheet
9Mb / 8P
   5A Adjustable Low Dropout Linear Regulator (LDO)
logo
E-Tech Electronics LTD
UZ1084 ETL-UZ1084 Datasheet
204Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com