Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N3154 Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # 1N3154
Description  TEMPERATURE COMPENSATED ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

1N3154 Datasheet(HTML) 1 Page - Digitron Semiconductors

  1N3154 Datasheet HTML 1Page - Digitron Semiconductors 1N3154 Datasheet HTML 2Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
1N3154(A) -1N3157(A)
TEMPERATURE COMPENSATED ZENER DIODES
MAXIMUM RATINGS
Operating Temperature
-65 to +175°C
Storage Temperature
-65 to +175°C
DC Power Dissipation
500 mW @ 50۠°C
Power Derating
4 mW/°C above 50°C
Reverse Leakage Current
IR = 10µA @ 25°C & VR = 5.5 Vdc
ELECTRICAL CHARACTERISTICS
Zener Voltage
VZ @ IZT
Zener Test
Current
IZT
Maximum
Zener
Impedance
ZZT
Note 1
Voltage
Temperature
Stability
VZT maximum
Note 2
Temperature
Range
Effective
Temperature
Coefficient
Type Number
Volts
mA
Ohms
mV
°C
%/°C
1N3154
8.00-8.80
10
15
130
-55 to +100
.01
1N3154A
8.00-8.80
10
15
172
-55 to +150
.01
1N3155
8.00-8.80
10
15
65
-55 to +100
.005
1N3155A
8.00-8.80
10
15
86
-55 to +150
.005
1N3156
8.00-8.80
10
15
26
-55 to +100
.002
1N3156A
8.00-8.80
10
15
34
-55 to +150
.002
1N3157
8.00-8.80
10
15
13
-55 to +100
.001
1N3157A
8.00-8.80
10
15
17
-55 to +150
.001
Note 1: Zener impedance is derived by superimposing on IZT A 60 Hz rms ac current equal to 10% of IZT.
Note 2: The maximum allowable change observed over the entire temperature range. (The diode voltage will not exceed the specified mV at any discrete
temperature between the established limits.
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20120705


Similar Part No. - 1N3154

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N3154 CDI-DIODE-1N3154 Datasheet
96Kb / 2P
   8.4 V0LT NOMINAL ZENER VOLTAGE
logo
Microsemi Corporation
1N3154 MICROSEMI-1N3154 Datasheet
72Kb / 2P
   8.4 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N3154 MICROSEMI-1N3154 Datasheet
107Kb / 2P
   TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N3154 MICROSEMI-1N3154 Datasheet
137Kb / 3P
   8.4 Volt Temperature Compensated Zener Reference Diodes
logo
New Jersey Semi-Conduct...
1N3154 NJSEMI-1N3154 Datasheet
109Kb / 1P
   ZENER VOLTAGE 8.4V
More results

Similar Description - 1N3154

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
1N3154 NJSEMI-1N3154 Datasheet
86Kb / 1P
   temperature compensated zener diodes
logo
Compensated Deuices Inc...
CDLL821 CDI-DIODE-CDLL821 Datasheet
41Kb / 2P
   TEMPERATURE COMPENSATED ZENER DIODES
logo
Microsemi Corporation
1N821UR-1 MICROSEMI-1N821UR-1 Datasheet
356Kb / 2P
   TEMPERATURE COMPENSATED ZENER DIODES
logo
Compensated Deuices Inc...
CDLL4916 CDI-DIODE-CDLL4916 Datasheet
77Kb / 2P
   TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
logo
American Microsemicondu...
1N4575 AMMSEMI-1N4575 Datasheet
311Kb / 1P
   TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N4583 AMMSEMI-1N4583 Datasheet
311Kb / 1P
   TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N4583A AMMSEMI-1N4583A Datasheet
311Kb / 1P
   TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
logo
Microsemi Corporation
1N935BUR-1 MICROSEMI-1N935BUR-1 Datasheet
535Kb / 2P
   TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
logo
Compensated Deuices Inc...
1N935BUR-1 CDI-DIODE-1N935BUR-1 Datasheet
51Kb / 2P
   TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
logo
Microsemi Corporation
1N3154UR-1 MICROSEMI-1N3154UR-1 Datasheet
108Kb / 2P
   TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com