Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N3294 Datasheet(PDF) 2 Page - Digitron Semiconductors

Part # 1N3294
Description  HIGH POWER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

1N3294 Datasheet(HTML) 2 Page - Digitron Semiconductors

  1N3294 Datasheet HTML 1Page - Digitron Semiconductors 1N3294 Datasheet HTML 2Page - Digitron Semiconductors 1N3294 Datasheet HTML 3Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
1N3288(A)-1N3297(A)
HIGH POWER RECTIFIER
MECHANICAL CHARACTERISTICS
Case
DO-8(R)
Marking
Alpha numeric
Normal polarity
Cathode is stud
Reverse polarity
Anode is stud (add “R” suffix)
DO-8(R)
Inches
Millimeters
Min
Max
Min
Max
A
4.375
4.625
111.13
117.47
B
-
1.625
-
41.270
C
0.875
0.960
22.230
24.380
F
0.610
0.640
15.500
16.250
G
0.327
0.347
8.310
8.810
H
0.900
0.910
22.860
23.110
K
0.500
0.600
12.700
15.240
L
0.297
0.327
7.550
8.300
M
0.070
0.100
1.780
2.540
N
0.350
0.410
8.900
10.410
P
0.271
0.291
6.890
7.390
Q
1.050
1.060
26.670
26.920
Available Non-RoHS (standard) or RoHS compliant (add PBF suffix).
Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number.
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20121217


Similar Part No. - 1N3294

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N3294 MICROSEMI-1N3294 Datasheet
120Kb / 3P
   Silicon Power Rectifier
1N3294 MICROSEMI-1N3294 Datasheet
141Kb / 2P
   SILICON POWER RECTIFIER
logo
TRANSYS Electronics Lim...
1N3294 TEL-1N3294 Datasheet
160Kb / 1P
   High Current Rectifier
logo
Naina Semiconductor ltd...
1N3294 NAINA-1N3294 Datasheet
87Kb / 1P
   SILICON POWER DIODE
logo
Microsemi Corporation
1N3294 MICROSEMI-1N3294 Datasheet
87Kb / 3P
   HIGH RELIABILITY SILICON POWER RECTIFIER
More results

Similar Description - 1N3294

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
1N2054 DIGITRON-1N2054 Datasheet
123Kb / 2P
   HIGH POWER RECTIFIER
A180 DIGITRON-A180 Datasheet
426Kb / 2P
   HIGH POWER RECTIFIER
logo
Sensitron
SRS1150HE SENSITRON-SRS1150HE Datasheet
40Kb / 2P
   HIGH EFFICIENCY POWER RECTIFIER
SRS3120HE SENSITRON-SRS3120HE Datasheet
40Kb / 2P
   HIGH EFFICIENCY POWER RECTIFIER
SRS3140HE SENSITRON-SRS3140HE Datasheet
40Kb / 2P
   HIGH EFFICIENCY POWER RECTIFIER
logo
America Semiconductor, ...
MBR8045 AMERICASEMI-MBR8045 Datasheet
569Kb / 2P
   HIGH POWER-SCHOTTKY RECTIFIER
MBR8020 AMERICASEMI-MBR8020 Datasheet
569Kb / 2P
   HIGH POWER-SCHOTTKY RECTIFIER
logo
Sensitron
SRS3150HE SENSITRON-SRS3150HE Datasheet
40Kb / 2P
   HIGH EFFICIENCY POWER RECTIFIER
SRS3130HE SENSITRON-SRS3130HE Datasheet
40Kb / 2P
   HIGH EFFICIENCY POWER RECTIFIER
SRS1140HE SENSITRON-SRS1140HE Datasheet
40Kb / 2P
   HIGH EFFICIENCY POWER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com