Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N3092 Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # 1N3092
Description  HIGH POWER RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

1N3092 Datasheet(HTML) 1 Page - Digitron Semiconductors

  1N3092 Datasheet HTML 1Page - Digitron Semiconductors 1N3092 Datasheet HTML 2Page - Digitron Semiconductors 1N3092 Datasheet HTML 3Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
fax +1.908.245-0555
sales@digitroncorp.com
www.digitroncorp.com
Rev. 20121214
1N3085-1N3092, 1N3111, 1N5162
HIGH POWER RECTIFIERS
MAXIMUM RATINGS
Maximum repetitive peak reverse
voltage
Maximum direct reverse voltage
Maximum average reverse current
at maximum rated IF(AV) and VRRM
TC = -65° to +200°C
TC = -65° to +200°C
TC = 150°C
Part
number
V
V
mA
1N3111
50
40
25
1N3085
100
80
25
1N3086
200
160
17
1N3087
300
240
17
1N3088
400
320
17
1N3089
500
400
17
1N3090
600
480
17
1N3091
800
640
16
1N3092
1000
800
12
1N5162
1200
960
10
ELECTRICAL CHARACTERISTICS
Characteristic
Symbol
1N3111, 1N3085,
1N5162 SERIES
Unit
Test Condition
Maximum average forward current
IF(AV)
150
A
180° sinusoidal conduction max. TC = 150°C
2850
Half cycle 50Hz sine
wave or 6ms
rectangular pulse
3000
Half cycle 60Hz sine
wave or 5ms
rectangular pulse
Following any rated
load condition and
with rated VRRM applied
3400
Half cycle 50Hz sine
wave or 6ms
rectangular pulse
Maximum peak one-cycle non-
repetitive surge current
IFSM
3550
A
Half cycle 60Hz sine
wave or 5ms
rectangular pulse
Following any rated
load condition and
with VRRM applied
following surge = 0
41000
t = 10ms
37500
t = 8.3ms
With rated VRRM
applied following
surge, initial T =
200°C
58000
t = 10ms
Maximum I2t for fusing
I2t
53000
A2s
t = 8.3ms
With VRRM = 0
following surge, initial
T = 200°C
Maximum I2√t for individual fusing
I2√t
580000
A2√s
t = 0.1 to 10ms, VRRM = 0 following surge
Maximum peak forward voltage
VFM
1.2
V
IF(AV) = 150A, TC = 150°C
Maximum operating case
temperature range
TC
-65 to +200
°C
Maximum storage temperature
range
Tstg
-65 to +200
°C
Maximum internal thermal
resistance, junction to case
Rthjc
0.25
°C/W
DC operation
Thermal resistance, case to sink
Rthcs
0.10
°C/W
Mounting surface flat, smooth, greased


Similar Part No. - 1N3092

ManufacturerPart #DatasheetDescription
logo
International Rectifier
1N3092 IRF-1N3092 Datasheet
85Kb / 3P
   150AMP AVG SILICON RECTIFIER DIODES
logo
New Jersey Semi-Conduct...
1N3092 NJSEMI-1N3092 Datasheet
187Kb / 2P
   150 Amp Avg Silicon Rectifier Diode
More results

Similar Description - 1N3092

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
1N4044 DIGITRON-1N4044 Datasheet
107Kb / 2P
   HIGH POWER RECTIFIERS
1N3735 DIGITRON-1N3735 Datasheet
107Kb / 2P
   HIGH POWER RECTIFIERS
logo
America Semiconductor, ...
MBR60045CT AMERICASEMI-MBR60045CT Datasheet
599Kb / 2P
   HIGH POWER -SCHOTTKY RECTIFIERS
MBR40020CT AMERICASEMI-MBR40020CT Datasheet
325Kb / 2P
   HIGH POWER -SCHOTTKY RECTIFIERS
MBRT60045 AMERICASEMI-MBRT60045 Datasheet
654Kb / 2P
   HIGH POWER-SCHOTTKY RECTIFIERS
MBRT30020 AMERICASEMI-MBRT30020 Datasheet
636Kb / 2P
   HIGH POWER-SCHOTTKY RECTIFIERS
MBRT20020 AMERICASEMI-MBRT20020 Datasheet
643Kb / 2P
   HIGH POWER-SCHOTTKY RECTIFIERS
MBRH12045 AMERICASEMI-MBRH12045 Datasheet
635Kb / 2P
   HIGH POWER -SCHOTTKY RECTIFIERS
MBRH12020 AMERICASEMI-MBRH12020 Datasheet
634Kb / 2P
   HIGH POWER -SCHOTTKY RECTIFIERS
MBR50020CT AMERICASEMI-MBR50020CT Datasheet
597Kb / 2P
   HIGH POWER -SCHOTTKY RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com