Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N747 Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # 1N747
Description  SILICON PLANAR POWER ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

1N747 Datasheet(HTML) 1 Page - Digitron Semiconductors

  1N747 Datasheet HTML 1Page - Digitron Semiconductors 1N747 Datasheet HTML 2Page - Digitron Semiconductors 1N747 Datasheet HTML 3Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
1N746 – 1N759A
SILICON PLANAR POWER ZENER DIODES
1N4370-1N4372A
MAXIMUM RATINGS
Operating and Storage Temperature
-65 to +175°C
Thermal Resistance
250°C/W junction to lead at 3/8” lead length from body
Steady State Power
0.5 Watts at TL ≤ 50°C
Forward Voltage @ 200mA
1.1 Volts
Solder Temperatures:
260°C for 10 s (max)
ELECTRICAL CHARACTERISTICS @ 25°C unless otherwise specified
Normal Zener
Voltage
VZ @ lZT
(Note 2)
Zener
Test
Current
lZT
Maximum
Zener
Impedance
ZZT @ lZT
(Note 3)
Maximum Reverse
Leakage Current
VR = 1 Volt
Maximum
Zener
Current
lZM
(Note 4)
Typical
Temperature
Coefficient
Of Zener
Voltage
Part
Number
(Note 1)
VOLTS
mA
OHMS
μA @ 25°C
μA @ 125°C
mA
%/°C
1N4370
2.4
20
30
100
200
150
-.085
1N4371
2.7
20
30
75
150
135
-.080
1N4372
3.0
20
29
50
100
120
-.075
1N746
3.3
20
28
10
30
110
-.066
1N747
3.6
20
24
10
30
100
-.058
1N748
3.9
20
23
10
30
95
-.046
1N749
4.3
20
22
2
30
85
-.033
1N750
4.7
20
19
2
30
75
-.015
1N751
5.1
20
17
1
20
70
±.010
1N752
5.6
20
11
1
20
65
+.030
1N753
6.2
20
7
0.1
20
60
+.049
1N754
6.8
20
5
0.1
20
55
+.053
1N755
7.5
20
6
0.1
20
50
+.057
1N756
8.2
20
8
0.1
20
45
+.060
1N757
9.1
20
10
0.1
20
40
+.061
1N758
10
20
17
0.1
20
35
+.062
1N759
12
20
30
0.1
20
30
+.062
Notes:
1. Suffix letter A denotes ±5% tolerance, suffix C denotes ±2% tolerance, & suffix D denotes ±1% tolerance.
2. Voltage measurements to be performed 20 seconds after application of dc current.
3. Zener impedance derived by superimposing on lZT, a 60cps, rms ac current equal to 10% lZT (2mA ac)
4. Allowance has been made for the increase in VZ due to ZZ and for the increase in junction temperature as the unit approaches thermal equilibrium at the power
dissipation of 400mW.
MECHANICAL CHARACTERISTICS
Case:
DO-35 Glass
Marking:
Alpha Numeric
Polarity:
Cathode Band
Dimensions
Inches
Millimeters
Min
Max
Min
Max
BD
0.055
0.090
1.400
2.290
BL
0.120
0.200
3.050
5.080
LD
0.018
0.022
0.460
0.559
LL
1.000
1.500
25.400
38.100
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20120705


Similar Part No. - 1N747

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
1N747 JGD-1N747 Datasheet
199Kb / 2P
   500mW SILICON ZENER DIODES
logo
New Jersey Semi-Conduct...
1N747 NJSEMI-1N747 Datasheet
141Kb / 1P
   500mW SILICON ZENER DIODES
logo
Shanghai Lunsure Electr...
1N747 CHENYI-1N747 Datasheet
33Kb / 2P
   0.5W SILICON PLANAR ZENER DIODES
logo
GOOD-ARK Electronics
1N747 GOOD-ARK-1N747 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Micro Commercial Compon...
1N747 MCC-1N747 Datasheet
347Kb / 2P
   0.5W Silicon Planar Zener Diodes
More results

Similar Description - 1N747

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ZMU100 SEMTECH-ZMU100 Datasheet
134Kb / 3P
   SILICON PLANAR POWER ZENER DIODES?
logo
GOOD-ARK Electronics
1N4728 GOOD-ARK-1N4728 Datasheet
34Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
Nanjing International G...
ZM1.5C DGNJDZ-ZM1.5C Datasheet
83Kb / 2P
   Silicon Planar Power Zener Diodes
logo
Chenmko Enterprise Co. ...
MMGZ5221BPT CHENMKO-MMGZ5221BPT Datasheet
120Kb / 5P
   SILICON PLANAR POWER ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX85C SEMTECH_ELEC-BZX85C Datasheet
254Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
New Jersey Semi-Conduct...
1N957 NJSEMI-1N957 Datasheet
140Kb / 2P
   Silicon Planar Power Zener Diodes
1N4727A NJSEMI-1N4727A Datasheet
164Kb / 2P
   SILICON PLANAR POWER ZENER DIODES
logo
PACELEADER INDUSTRIAL
ZM4728A PACELEADER-ZM4728A Datasheet
179Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
Kingtronics Internation...
1N4727A-1N4761A KINGTRONICS-1N4727A-1N4761A Datasheet
499Kb / 5P
   Silicon Planar Power Zener Diodes
logo
Semtech Corporation
BZV85 SEMTECH-BZV85 Datasheet
277Kb / 3P
   SILICON PLANAR POWER ZENER DIODES???
logo
GOOD-ARK Electronics
ZM4728 GOOD-ARK-ZM4728 Datasheet
35Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com