Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

13003ADGL-T92-B Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 13003ADGL-T92-B
Description  NPN SILICON POWER TRANSISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

13003ADGL-T92-B Datasheet(HTML) 4 Page - Unisonic Technologies

  13003ADGL-T92-B Datasheet HTML 1Page - Unisonic Technologies 13003ADGL-T92-B Datasheet HTML 2Page - Unisonic Technologies 13003ADGL-T92-B Datasheet HTML 3Page - Unisonic Technologies 13003ADGL-T92-B Datasheet HTML 4Page - Unisonic Technologies 13003ADGL-T92-B Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
13003ADG
Preliminary
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R223-023.b
ELECTRICAL CHARACTERISTICS (TC=25°C, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
(Note)
Collector-Emitter Sustaining Voltage
VCEO(SUS)
IC=10mA , IB=0
400
V
Collector Cutoff Current
TC=25°C
ICEO
VCEO=Rated Value,
VBE(OFF)=1.5 V
1
mA
TC=100°C
5
Emitter Cutoff Current
IEBO
VEB=9V, IC=0
1
mA
SECOND BREAKDOWN
Second Breakdown Collector Current with bass
forward biased
Is/b
See Fig.5
Clamped Inductive SOA with base reverse biased
RBSOA
See Fig.6
ON CHARACTERISTICS
(Note)
DC Current Gain
hFE1
IC=0.5A, VCE=5V
14
57
hFE2
IC=1A, VCE=5V
5
30
Collector-Emitter Saturation Voltage
VCE(SAT)
IC=0.5A, IB=0.1A
0.5
V
IC=1A, IB=0.25A
1
IC=1.5A, IB=0.5A
3
IC=1A, IB=0.25A, TC=100°C
1
Base-Emitter Saturation Voltage
VBE(SAT)
IC=0.5A, IB=0.1A
1
V
IC=1A, IB=0.25A
1.2
IC=1A, IB=0.25A, TC=100°C
1.1
DYNAMIC CHARACTERISTICS
Current-Gain-Bandwidth Product
fT
IC=100mA, VCE=10V, f=1MHz
4
10
MHz
Output Capacitance
COB
VCB=10V, IE=0, f=0.1MHz
21
pF
SWITCHING CHARACTERISTICS
Resistive Load (Table 1)
Delay Time
tD
VCC=125V, IC=1A, B1=IB2=0.2A,
tP=25μs, Duty Cycle≤1%
0.05 0.1
μs
Rise Time
tR
0.5
1
μs
Storage Time
tS
2
4
μs
Fall Time
tF
0.4
0.7
μs
Inductive Load, Clamped (Table 1)
Storage Time
tSTG
IC=1A, VCLAMP=300V, IB1=0.2A,
VBE(OFF)=5VDC, TC=100°C
1.7
4
μs
Crossover Time
tC
0.29 0.75
μs
Fall Time
tF
0.15
μs
Diode Forward Voltage
VF
IF=0.5A
1.5
V
Note: Pulse Test: PW=300μs, Duty Cycle≤2%


Similar Part No. - 13003ADGL-T92-B

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
13003ADGL-T92-F-B UTC-13003ADGL-T92-F-B Datasheet
149Kb / 5P
   NPN SILICON POWER TRANSISTOR
13003ADGL-T92-F-K UTC-13003ADGL-T92-F-K Datasheet
149Kb / 5P
   NPN SILICON POWER TRANSISTOR
More results

Similar Description - 13003ADGL-T92-B

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MRF10031 MA-COM-MRF10031 Datasheet
195Kb / 5P
   Microwave Power Silicon NPN Transistor Microwave Power Silicon NPN Transistor
logo
NEC
2SC3568 NEC-2SC3568 Datasheet
172Kb / 3P
   NPN SILICON POWER TRANSISTOR
logo
Seme LAB
BUW46 SEME-LAB-BUW46 Datasheet
17Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
NEC
2SC2752 NEC-2SC2752 Datasheet
188Kb / 4P
   NPN SILICON POWER TRANSISTOR
logo
Seme LAB
SDT96305 SEME-LAB-SDT96305 Datasheet
17Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
NEC
2SD1818 NEC-2SD1818 Datasheet
196Kb / 3P
   NPN SILICON POWER TRANSISTOR
logo
Transys Electronics
BUL791 TRSYS-BUL791 Datasheet
873Kb / 6P
   NPN SILICON POWER TRANSISTOR
logo
Siemens Semiconductor G...
BU326A SIEMENS-BU326A Datasheet
69Kb / 3P
   NPN SILICON POWER TRANSISTOR
logo
Boca Semiconductor Corp...
2N3441 BOCA-2N3441 Datasheet
100Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
Central Semiconductor C...
CZT5338 CENTRAL-CZT5338 Datasheet
101Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
AUK corp
STD13003L AUK-STD13003L Datasheet
271Kb / 3P
   NPN Silicon Power Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com