Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N1185A Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # 1N1185A
Description  STANDARD RECOVERY RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

1N1185A Datasheet(HTML) 1 Page - Digitron Semiconductors

  1N1185A Datasheet HTML 1Page - Digitron Semiconductors 1N1185A Datasheet HTML 2Page - Digitron Semiconductors 1N1185A Datasheet HTML 3Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
1N1183-1N1190, 1N3765-1N3768
STANDARD RECOVERY RECTIFIER
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Characteristics
Symbol
Conditions
Average forward current
IF(AV)
40 Amps
TC = 146°C, half sine wave, RθJC = 1.25°C/W
Maximum surge current
IFSM
800 Amps
8.3ms, half sine, TJ = 200°C
Maximum I2t for fusing
I2t
2600 A2s
Maximum peak forward voltage
VFM
1.19 Volts
IFM = 90A: TJ = 25°C
Maximum peak reverse current
IRM
10 µA
VRRM, TJ = 25°C*
Maximum peak reverse current
IRM
2.0 mA
VRRM, TJ = 150°C
Maximum thermal resistance
R
θJC
1.25°C/W
Junction to case
Maximum recommended operating frequency
10 kHz
Storage temperature range
Tstg
-65 to +200°C
Operating junction temperature range
TJ
-65 to +200°C
*Pulse test: Pulse width 300µsec. Duty cycle 2%
VOLTAGE RATINGS
Part numbers
Peak reverse voltage
1N1183, 1N1183A
50V
1N1184, 1N1184A
100V
1N1185, 1N1185A
150V
1N1186, 1N1186A
200V
1N1187, 1N1187A
300V
1N1188, 1N1188A
400V
1N1189, 1N1189A
500V
1N1190, 1N1190A
600V
1N3765
700V
1N3766
800V
1N3767
900V
1N3768
1000V
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20121206


Similar Part No. - 1N1185A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N1185A MICROSEMI-1N1185A Datasheet
128Kb / 2P
   Silicon Power Rectifier
logo
International Rectifier
1N1185A IRF-1N1185A Datasheet
377Kb / 5P
   35,40,and 60 Amp Power Silicon Rectifier Diodes
logo
Vishay Siliconix
1N1185A VISHAY-1N1185A Datasheet
274Kb / 6P
   Power Silicon Rectifier Diodes, 35 A/40 A/60 A
Revision: 04-Dec-12
logo
Microsemi Corporation
1N1185A MICROSEMI-1N1185A Datasheet
132Kb / 2P
   Silicon Power Rectifier
logo
Vishay Siliconix
1N1185A VISHAY-1N1185A Datasheet
297Kb / 8P
   Power Silicon Rectifier Diodes, 35 A/40 A/60 A
Revision: 25-May-09
More results

Similar Description - 1N1185A

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPD3595 SSDI-SPD3595_1 Datasheet
113Kb / 2P
   STANDARD RECOVERY RECTIFIER
SPD5550 SSDI-SPD5550_1 Datasheet
156Kb / 2P
   STANDARD RECOVERY RECTIFIER
RC0091C SSDI-RC0091C_15 Datasheet
100Kb / 2P
   STANDARD RECOVERY RECTIFIER
SPD645-1 SSDI-SPD645-1_1 Datasheet
210Kb / 2P
   STANDARD RECOVERY RECTIFIER
R00005B SSDI-R00005B Datasheet
97Kb / 2P
   STANDARD RECOVERY RECTIFIER
R00019B SSDI-R00019B Datasheet
45Kb / 2P
   STANDARD RECOVERY RECTIFIER
RC0091C SSDI-RC0091C Datasheet
100Kb / 2P
   STANDARD RECOVERY RECTIFIER
RC0046F SSDI-RC0046F Datasheet
137Kb / 2P
   STANDARD RECOVERY RECTIFIER
logo
Digitron Semiconductors
BY228 DIGITRON-BY228 Datasheet
113Kb / 2P
   STANDARD RECOVERY RECTIFIER
logo
Solid States Devices, I...
SPD6557 SSDI-SPD6557_2 Datasheet
77Kb / 2P
   STANDARD RECOVERY RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com