Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N972B Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # 1N972B
Description  500mW SILICON ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

1N972B Datasheet(HTML) 1 Page - Digitron Semiconductors

  1N972B Datasheet HTML 1Page - Digitron Semiconductors 1N972B Datasheet HTML 2Page - Digitron Semiconductors 1N972B Datasheet HTML 3Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
1N957B-1N992B
500mW SILICON ZENER DIODES
MAXIMUM RATINGS
Rating
Value
Operating temperature
-65°C to +175°C
Storage temperature
-65°C to +175°C
Thermal resistance
250°C/W junction to lead at 3/8” lead length from body, or 310°C/W junction to ambient when
mounted on FR4 PC board(1)
Steady-state power
0.5W at TL ≤ 50°C 3/8” from body or 0.48W at TA ≤ 25°C when mounted on FR4 PC board(1)
@ 200 mA: 1.1 volts maximum (1N957B-1N985B)
Forward voltage
@ 200mA: 1.3 volts maximum (1N985-1N992B)
Solder temperature
260°C for 10 s maximum
1.
FR4 PC board with 4mm2 copper pads and track width 1mm, length 25mm.
ELECTRICAL CHARACTERISTICS @ 25°C
Nominal
zener
voltage
(2)
Zener
test
current
Maximum zener
impedance(3)
Maximum
DC zener
current
(4)
Maximum
surge
current
(5)
Maximum reverse
leakage current
Maximum
temperature
coefficient
VZ
IZT
ZZT @
IZT
ZZK
@IZK
IZM
IZSM
IR
@VR
αvz
Part
number
(1)
Volts
mA
Ohms
Ohms
mA
mA
mA
µA
Volts
%/°C
1N957B
6.8
18.5
4.5
700
1.0
55
300
150
5.2
0.05
1N958B
7.5
16.5
5.5
700
0.5
50
275
75
5.7
0.058
1N959B
8.2
15.0
6.5
700
0.5
45
250
50
6.2
0.065
1N960B
9.1
14.0
7.5
700
0.5
41
225
25
6.9
0.068
1N961B
10
12.5
8.5
700
0.25
38
200
10
7.6
0.075
1N962B
11
11.5
9.5
700
0.25
32
175
5
8.4
0.076
1N963B
12
10.5
11.5
700
0.25
31
160
5
9.1
0.077
1N964B
13
9.5
13
700
0.25
28
150
5
9.9
0.079
1N965B
15
8.5
16
700
0.25
25
130
5
11.4
0.082
1N966B
16
7.8
17
700
0.25
24
120
5
12.2
0.083
1N967B
18
7.0
21
750
0.25
20
110
5
13.7
0.085
1N968B
20
6.2
25
750
0.25
18
100
5
15.2
0.086
1N969B
22
5.6
29
750
0.25
16
90
5
16.7
0.087
1N970B
24
5.2
33
750
0.25
15
80
5
18.2
0.088
1N971B
27
4.6
41
750
0.25
13
70
5
20.6
0.090
1N972B
30
4.2
49
1000
0.25
12
65
5
22.8
0.091
1N973B
33
3.8
58
1000
0.25
11
60
5
25.1
0.092
1N974B
36
3.4
70
1000
0.25
10
55
5
27.4
0.093
1N975B
39
3.2
80
1000
0.25
9.5
46
5
29.7
0.094
1N976B
43
3.0
93
1500
0.25
8.8
44
5
32.7
0.095
1N977B
47
2.7
105
1500
0.25
7.9
40
5
35.8
0.095
1N978B
51
2.5
125
1500
0.25
7.4
37
5
38.8
0.096
1N979B
56
2.2
150
2000
0.25
6.8
35
5
42.6
0.096
1N980B
62
2.0
185
2000
0.25
6.0
30
5
47.1
0.097
1N981B
68
1.8
230
2000
0.25
5.5
28
5
51.7
0.097
1N982B
75
1.7
270
2000
0.25
5.0
26
5
56.0
0.098
1N983B
82
1.5
330
3000
0.25
4.6
23
5
62.2
0.098
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20120730


Similar Part No. - 1N972B

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
1N972B JGD-1N972B Datasheet
185Kb / 2P
   0.5W SILICON ZENER DIODES
logo
TRANSYS Electronics Lim...
1N972B TEL-1N972B Datasheet
231Kb / 2P
   Hermetically Sealed Glass Package Zener Diodes
logo
Compensated Deuices Inc...
1N972B CDI-DIODE-1N972B Datasheet
110Kb / 2P
   METALLURGICALLY BONDED
logo
Tak Cheong Electronics ...
1N972B TAK_CHEONG-1N972B Datasheet
167Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
General Semiconductor
1N972B GE-1N972B Datasheet
37Kb / 2P
   ZENER DIODES
More results

Similar Description - 1N972B

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N753A MICROSEMI-1N753A Datasheet
75Kb / 2P
   SILICON 500MW ZENER DIODES
logo
Micro Commercial Compon...
MMSZ4678-TP MCC-MMSZ4678-TP Datasheet
346Kb / 5P
   500mW Silicon Zener Diodes
LLZ2V4 MCC-LLZ2V4 Datasheet
630Kb / 6P
   500mW Silicon Zener Diodes
DL4678 MCC-DL4678 Datasheet
432Kb / 5P
   500mW Silicon Zener Diodes
logo
Jinan Gude Electronic D...
1N746 JGD-1N746 Datasheet
199Kb / 2P
   500mW SILICON ZENER DIODES
logo
Shanghai Lunsure Electr...
BZX79C2V4 CHENYI-BZX79C2V4 Datasheet
97Kb / 4P
   500mW Silicon Zener Diodes
logo
Micro Commercial Compon...
1N4614 MCC-1N4614 Datasheet
265Kb / 5P
   500mW Silicon Zener Diodes
1N4614 MCC-1N4614_12 Datasheet
201Kb / 5P
   500mW Silicon Zener Diodes
MMSZ4678 MCC-MMSZ4678_16 Datasheet
306Kb / 5P
   500mW Silicon Zener Diodes
1N4678 MCC-1N4678_11 Datasheet
214Kb / 5P
   500mW Silicon Zener Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com