Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N976B Datasheet(PDF) 2 Page - Digitron Semiconductors

Part # 1N976B
Description  500mW SILICON ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

1N976B Datasheet(HTML) 2 Page - Digitron Semiconductors

  1N976B Datasheet HTML 1Page - Digitron Semiconductors 1N976B Datasheet HTML 2Page - Digitron Semiconductors 1N976B Datasheet HTML 3Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
1N957B-1N992B
500mW SILICON ZENER DIODES
Nominal
zener
voltage
(2)
Zener
test
current
Maximum zener
impedance(3)
Maximum
DC zener
current
(4)
Maximum
surge
current
(5)
Maximum reverse
leakage current
Maximum
temperature
coefficient
VZ
IZT
ZZT @
IZT
ZZK
@IZK
IZM
IZSM
IR
@VR
αvz
Part
number
(1)
Volts
mA
Ohms
Ohms
mA
mA
mA
µA
Volts
%/°C
1N984B
91
1.4
400
3000
0.25
4.1
21
5
69.2
0.099
1N985B
100
1.3
500
3000
0.25
3.7
18
5
76.0
0.110
1N986B
110
1.1
750
4000
0.25
3.3
16
5
83.6
0.110
1N987B
120
1.0
900
4500
0.25
3.1
15
5
91.2
0.110
1N988B
130
0.95
1100
5000
0.25
2.7
13
5
98.8
0.110
1N989B
150
0.85
1500
6000
0.25
2.4
12
5
114.0
0.110
1N990B
160
0.80
1700
6500
0.25
2.2
11
5
121.6
0.110
1N991B
180
0.68
2200
7100
0.25
2.0
10
5
136.8
0.110
1N992B
200
0.65
2500
8000
0.25
1.8
9
5
152.0
0.110
NOTE 1. Zener voltage tolerance on ‘’B’’ suffix is + 5%. Suffix letter A denotes +10%. No suffix denotes +20% tolerance. ‘’C’’ suffix denotes + 2% and ‘’D’’ suffix denotes + 1%.
NOTE 2. Zener voltage is measured with the device junction in thermal equilibrium at an ambient temperature of 25°C + 3°C.
NOTE 3. Zener impedance is derived by superimposing on IZTA 60HZ rms a.c. current equal to 10% of IZT.
NOTE 4: The values of IZM are calculated for a ±5% tolerance on nominal zener voltage. Allowance has been made for the rise in zener voltage above VZT which results from zener
impedance and the increase in junction temperature as power dissipation approaches 400mW. In the case of individual diodes IZM is that value of current which results in a
dissipation of 400mW at 75°C lead temperature at 3/8” from body.
NOTE 5: The surge for IZM is a square wave or equivalent half-sine wave pulse of 1/120 second duration.
MECHANICAL CHARACTERISTICS
Case
Hermetically sealed glass DO-35
Marking
Body painted, alph-numeric
Polarity
Cathode band
Dimensions
Inches
Millimeters
Min
Max
Min
Max
BD
0.055
0.090
1.400
2.290
BL
0.120
0.200
3.050
5.080
LD
0.018
0.022
0.460
0.560
LL
1.000
1.500
25.400
38.100
Available Non-RoHS (standard) or RoHS compliant (add PBF suffix)
Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20120730


Similar Part No. - 1N976B

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
1N976B JGD-1N976B Datasheet
185Kb / 2P
   0.5W SILICON ZENER DIODES
logo
TRANSYS Electronics Lim...
1N976B TEL-1N976B Datasheet
231Kb / 2P
   Hermetically Sealed Glass Package Zener Diodes
logo
Compensated Deuices Inc...
1N976B CDI-DIODE-1N976B Datasheet
110Kb / 2P
   METALLURGICALLY BONDED
logo
Tak Cheong Electronics ...
1N976B TAK_CHEONG-1N976B Datasheet
167Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
General Semiconductor
1N976B GE-1N976B Datasheet
37Kb / 2P
   ZENER DIODES
More results

Similar Description - 1N976B

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N753A MICROSEMI-1N753A Datasheet
75Kb / 2P
   SILICON 500MW ZENER DIODES
logo
Micro Commercial Compon...
MMSZ4678-TP MCC-MMSZ4678-TP Datasheet
346Kb / 5P
   500mW Silicon Zener Diodes
LLZ2V4 MCC-LLZ2V4 Datasheet
630Kb / 6P
   500mW Silicon Zener Diodes
DL4678 MCC-DL4678 Datasheet
432Kb / 5P
   500mW Silicon Zener Diodes
logo
Jinan Gude Electronic D...
1N746 JGD-1N746 Datasheet
199Kb / 2P
   500mW SILICON ZENER DIODES
logo
Shanghai Lunsure Electr...
BZX79C2V4 CHENYI-BZX79C2V4 Datasheet
97Kb / 4P
   500mW Silicon Zener Diodes
logo
Micro Commercial Compon...
1N4614 MCC-1N4614 Datasheet
265Kb / 5P
   500mW Silicon Zener Diodes
1N4614 MCC-1N4614_12 Datasheet
201Kb / 5P
   500mW Silicon Zener Diodes
MMSZ4678 MCC-MMSZ4678_16 Datasheet
306Kb / 5P
   500mW Silicon Zener Diodes
1N4678 MCC-1N4678_11 Datasheet
214Kb / 5P
   500mW Silicon Zener Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com