Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5KE16 Datasheet(PDF) 4 Page - Digitron Semiconductors

Part # 1.5KE16
Description  1500W UNIDIRECTIONAL AND BIDIRECTIONAL
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

1.5KE16 Datasheet(HTML) 4 Page - Digitron Semiconductors

  1.5KE16 Datasheet HTML 1Page - Digitron Semiconductors 1.5KE16 Datasheet HTML 2Page - Digitron Semiconductors 1.5KE16 Datasheet HTML 3Page - Digitron Semiconductors 1.5KE16 Datasheet HTML 4Page - Digitron Semiconductors 1.5KE16 Datasheet HTML 5Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
1.5KE6.8 – 1.5KE400A
1500W UNIDIRECTIONAL AND BIDIRECTIONAL
TRANSIENT VOLTAGE SUPPRESSORS
Rated
Standoff
Voltage
VWM
(Note 1)
Breakdown Voltage
V(BR) @ l(BR)
Maximum
Clamping
Voltage
VC @ lPP
Maximum
Standby
Current
lD @ VWM
Maximum
Pulse Current
lPP
(Fig. 2)
Maximum
Temperature
Coefficient of
V(BR)
αV(BR)
Volts
Volts
Type
Number
Volts
Min
Max
mA
Volts
μA
A
%/°C
1.5KE220A
185.00
209.00
231.00
1
328.0
5
4.6
.110
1.5KE250
202.00
225.00
275.00
1
360.0
5
4.2
.110
1.5KE250A
214.00
237.00
263.00
1
344.0
5
4.4
.110
1.5KE300
243.00
270.00
330.00
1
430.0
5
3.5
.111
1.5KE300A
256.00
285.00
315.00
1
414.0
5
3.6
.111
1.5KE350
284.00
315.00
385.00
1
504.0
5
3.0
.111
1.5KE350A
300.00
332.00
368.00
1
482.0
5
3.1
.111
1.5KE400
324.00
360.00
440.00
1
574.0
5
2.6
.111
1.5KE400A
324.00
380.00
420.00
1
548.0
5
2.7
.111
Notes:
1. Normal selection criteria fro TVS devices is by rated stand-off voltage (VWM) and should be equal or greater than dc or continuous peak
operating voltage.
2. TVS devices are tested to maximum peak pulse current (lPP) with clamping voltage monitored. This surge capability is one of the most significant electrical
characteristics of the device and should be considered as part of customer quality inspections.
3. For Bidirectional part number add C or CA as suffix. For Bidirectional types having VWM of 8 volts and under, the lD leakage current is doubled. For bipolar
capacitance will be .5 that shown in Fig. 2 for zero bias.
4. For unidirectional, the forward voltage (VF) is 3.5 volts maximum at 100 Amps peak 8.3 ms half-sine wave.
MECHANICAL CHARACTERISTICS
Case:
Void free transfer molded thermosetting epoxy body
Polarity:
Cathode band.
No cathode marking on bidirectional devices
Marking:
Body Painted, Alpha-Numeric
Dimensions
Inches
Millimeters
Min
Max
Min
Max
BD
0.190
0.205
4.826
5.207
BL
0.335
0.375
8.508
9.525
LD
0.037
0.043
0.940
1.092
LL
1.000
-
25.400
-
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20120830


Similar Part No. - 1.5KE16

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1.5KE16 TRSYS-1.5KE16 Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
1.5KE16 LUGUANG-1.5KE16 Datasheet
216Kb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
logo
Diotec Semiconductor
1.5KE16 DIOTEC-1.5KE16 Datasheet
129Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
Won-Top Electronics
1.5KE16 WTE-1.5KE16 Datasheet
66Kb / 5P
   1500W TRANSIENT VOLTAGE SUPPRESSORS
logo
Shanghai Semitech Semic...
1.5KE16 SEMITECH-1.5KE16 Datasheet
180Kb / 5P
   Fast response time: typically less than 1 ns
More results

Similar Description - 1.5KE16

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1N6267 ETC1-1N6267 Datasheet
91Kb / 6P
   1500W Unidirectional and Bidirectional Transient Voltage Suppressor Diodes
logo
Sangdest Microelectroni...
TPK15KPXX SMC-TPK15KPXX Datasheet
131Kb / 4P
   Unidirectional and Bidirectional
logo
DONGGUAN YOU FENG WEI E...
P4KE6.8 YFWDIODE-P4KE6.8 Datasheet
97Kb / 3P
   Unidirectional And Bidirectional
logo
HY ELECTRONIC CORP.
SMCJ10 HY-SMCJ10_17 Datasheet
171Kb / 5P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL
logo
STMicroelectronics
BZW06 STMICROELECTRONICS-BZW06 Datasheet
446Kb / 9P
   Unidirectional and bidirectional types
April 2017 Rev 4
logo
Microsemi Corporation
SMC MICROSEMI-SMC Datasheet
144Kb / 3P
   UNIDIRECTIONAL AND BIDIRECTIONAL SURFACE MOUNT
SML MICROSEMI-SML Datasheet
138Kb / 3P
   UNIDIRECTIONAL AND BIDIRECTIONAL SURFACE MOUNT
logo
HY ELECTRONIC CORP.
1.5KEG HY-1.5KEG Datasheet
473Kb / 4P
   Unidirectional and Bidirectional TransientVoltage Suppressors
logo
Digitron Semiconductors
1N5610 DIGITRON-1N5610 Datasheet
106Kb / 2P
   1500W TRANSIENT VOLTAGE SUPPRESSORS UNIDIRECTIONAL
1N5907 DIGITRON-1N5907 Datasheet
122Kb / 2P
   1500W TRANISIENT VOLTAGE SUPPRESSORS UNIDIRECTIONAL
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com