Selected language     English  ▼


KTD863L-GR-T9N-K Datasheet(PDF) 2 Page - Unisonic Technologies

Part No. KTD863L-GR-T9N-K
Description  TRIPLE DIFFUSED NPN TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  UTC [Unisonic Technologies]
Homepage  http://www.utc-ic.com
Logo 

   
 2 page
background image
KTD863
Preliminary
NPN EPITAXIAL SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R211-020.a
ABSOLUTE MAXIMUM RATINGS (TA=25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
60
V
Collector-Emitter Voltage
VCEO
60
V
Emitter-Base Voltage
VEBO
5
V
Continuous Collector Current
DC
IC
1
A
Pulse
ICP
2
A
Collector Power Dissipation
PC
1
W
Junction Temperature
TJ
150
°C
Storage Temperature Range
TSTG
-55~+150
°C
Note: Absolute maximum ratings are stress ratings only and functional device operation is not implied.
Absolute maximum ratings are those values beyond which the device could be permanently damaged.
ELECTRICAL CHARACTERISTICS (TA=25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Collector-Emitter Breakdown Voltage
BVCEO
IC=1mA, IB=0
60
V
Collector Cut-Off Current
ICBO
VCB=50V, IE=0
1
µA
Emitter Cut-Off Current
IEBO
VEB=4V, IC=0
1
μA
Collector-Emitter Saturation Voltage
VCE(sat)
IC=500mA, IB=50mA
0.15 0.5
V
Base-Emitter Saturation Voltage
VBE(sat)
IC=500mA, IB=50mA
0.85 1.2
V
DC Current Gain
hFE1
IC=50mA,VCE=2V
60
320
hFE2
IC=1A,VCE=2V
30
Transition Frequency
fT
IC=50mA, VCE=10V
150
MHz
Collector Output Capacitance
Cob
VCB=10V, f=1MHz, IE=0
12
pF
CLASSIFICATION OF hFE1
RANK
O
Y
GR
RANGE
60~120
100~200
160~320




Html Pages

1  2  3 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl