Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5KE27A Datasheet(PDF) 3 Page - Digitron Semiconductors

Part # 1.5KE27A
Description  1500W UNIDIRECTIONAL AND BIDIRECTIONAL
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

1.5KE27A Datasheet(HTML) 3 Page - Digitron Semiconductors

  1.5KE27A Datasheet HTML 1Page - Digitron Semiconductors 1.5KE27A Datasheet HTML 2Page - Digitron Semiconductors 1.5KE27A Datasheet HTML 3Page - Digitron Semiconductors 1.5KE27A Datasheet HTML 4Page - Digitron Semiconductors 1.5KE27A Datasheet HTML 5Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
1.5KE6.8 – 1.5KE400A
1500W UNIDIRECTIONAL AND BIDIRECTIONAL
TRANSIENT VOLTAGE SUPPRESSORS
Rated
Standoff
Voltage
VWM
(Note 1)
Breakdown Voltage
V(BR) @ l(BR)
Maximum
Clamping
Voltage
VC @ lPP
Maximum
Standby
Current
lD @ VWM
Maximum
Pulse Current
lPP
(Fig. 2)
Maximum
Temperature
Coefficient of
V(BR)
αV(BR)
Volts
Volts
Type
Number
Volts
Min
Max
mA
Volts
μA
A
%/°C
1.5KE56A
47.80
53.20
58.80
1
77.0
5
19.5
.103
1.5KE62
50.20
55.80
68.20
1
89.0
5
16.9
.104
1.5KE62A
53.00
58.90
65.10
1
85.0
5
17.6
.104
1.5KE68
55.10
61.20
74.80
1
98.0
5
15.3
.104
1.5KE68A
58.10
64.60
71.40
1
92.0
5
16.3
.104
1.5KE75
60.70
67.50
82.50
1
108.0
5
13.9
.105
1.5KE75A
64.10
71.30
78.80
1
103.0
5
14.6
.105
1.5KE82
66.40
73.80
90.20
1
118.0
5
12.7
.105
1.5KE82A
70.10
77.90
86.10
1
113.0
5
13.3
.105
1.5KE91
73.70
81.90
100.00
1
131.0
5
11.5
.106
1.5KE91A
77.80
86.50
95.50
1
125.0
5
12.0
.106
1.5KE100
81.00
90.00
110.00
1
144.0
5
10.4
.106
1.5KE100A
85.50
95.00
105.00
1
137.0
5
10.9
.106
1.5KE110
89.20
99.00
121.00
1
158.0
5
9.5
.107
1.5KE110A
94.00
105.00
116.00
1
152.0
5
9.9
.107
1.55KE120
97.20
108.00
132.00
1
173.0
5
8.7
.107
1.5KE120A
102.00
114.00
126.00
1
165.0
5
9.1
.107
1.5KE130
105.00
117.00
143.00
1
187.0
5
8.0
.107
1.5KE130A
111.00
124.00
137.00
1
179.0
5
8.4
.107
1.5KE150
121.00
135.00
165.00
1
215.0
5
7.0
.108
1.5KE150A
128.00
143.00
158.00
1
207.0
5
7.2
.108
1.5KE160
130.00
144.00
176.00
1
230.0
5
6.5
.108
1.5KE160A
136.00
152.00
168.00
1
219.0
5
6.8
.108
1.5KE170
138.00
153.00
187.00
1
244.0
5
6.1
.108
1.5KE170A
145.00
162.00
179.00
1
234.0
5
6.4
.108
1.5KE180
146.00
162.00
198.00
1
258.0
5
5.8
.108
1.5KE180A
154.00
171.00
189.00
1
246.0
5
6.1
.108
1.5KE200
162.00
180.00
220.00
1
287.0
5
5.2
.108
1.5KE200A
171.00
190.00
210.00
1
274.0
5
5.5
.108
1.5KE220
175.00
198.00
242.00
1
344.0
5
4.4
.110
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20120830


Similar Part No. - 1.5KE27A

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
1.5KE27A BILIN-1.5KE27A Datasheet
133Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Taiwan Semiconductor Co...
1.5KE27A TSC-1.5KE27A Datasheet
201Kb / 6P
   1500W, 6.8V - 440V Transient Voltage Suppressor
logo
Transys Electronics
1.5KE27A TRSYS-1.5KE27A Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
STMicroelectronics
1.5KE27A STMICROELECTRONICS-1.5KE27A Datasheet
142Kb / 10P
   Transil
logo
Shanghai Shunye Electro...
1.5KE27A SY-1.5KE27A Datasheet
660Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPESSOR
More results

Similar Description - 1.5KE27A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1N6267 ETC1-1N6267 Datasheet
91Kb / 6P
   1500W Unidirectional and Bidirectional Transient Voltage Suppressor Diodes
logo
Sangdest Microelectroni...
TPK15KPXX SMC-TPK15KPXX Datasheet
131Kb / 4P
   Unidirectional and Bidirectional
logo
DONGGUAN YOU FENG WEI E...
P4KE6.8 YFWDIODE-P4KE6.8 Datasheet
97Kb / 3P
   Unidirectional And Bidirectional
logo
HY ELECTRONIC CORP.
SMCJ10 HY-SMCJ10_17 Datasheet
171Kb / 5P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL
logo
STMicroelectronics
BZW06 STMICROELECTRONICS-BZW06 Datasheet
446Kb / 9P
   Unidirectional and bidirectional types
April 2017 Rev 4
logo
Microsemi Corporation
SMC MICROSEMI-SMC Datasheet
144Kb / 3P
   UNIDIRECTIONAL AND BIDIRECTIONAL SURFACE MOUNT
SML MICROSEMI-SML Datasheet
138Kb / 3P
   UNIDIRECTIONAL AND BIDIRECTIONAL SURFACE MOUNT
logo
HY ELECTRONIC CORP.
1.5KEG HY-1.5KEG Datasheet
473Kb / 4P
   Unidirectional and Bidirectional TransientVoltage Suppressors
logo
Digitron Semiconductors
1N5610 DIGITRON-1N5610 Datasheet
106Kb / 2P
   1500W TRANSIENT VOLTAGE SUPPRESSORS UNIDIRECTIONAL
1N5907 DIGITRON-1N5907 Datasheet
122Kb / 2P
   1500W TRANISIENT VOLTAGE SUPPRESSORS UNIDIRECTIONAL
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com