Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5KE39A Datasheet(PDF) 2 Page - Digitron Semiconductors

Part # 1.5KE39A
Description  1500W UNIDIRECTIONAL AND BIDIRECTIONAL
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

1.5KE39A Datasheet(HTML) 2 Page - Digitron Semiconductors

  1.5KE39A Datasheet HTML 1Page - Digitron Semiconductors 1.5KE39A Datasheet HTML 2Page - Digitron Semiconductors 1.5KE39A Datasheet HTML 3Page - Digitron Semiconductors 1.5KE39A Datasheet HTML 4Page - Digitron Semiconductors 1.5KE39A Datasheet HTML 5Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
1.5KE6.8 – 1.5KE400A
1500W UNIDIRECTIONAL AND BIDIRECTIONAL
TRANSIENT VOLTAGE SUPPRESSORS
Rated
Standoff
Voltage
VWM
(Note 1)
Breakdown Voltage
V(BR) @ l(BR)
Maximum
Clamping
Voltage
VC @ lPP
Maximum
Standby
Current
lD @ VWM
Maximum
Pulse Current
lPP
(Fig. 2)
Maximum
Temperature
Coefficient of
V(BR)
αV(BR)
Volts
Volts
Type
Number
Volts
Min
Max
mA
Volts
μA
A
%/°C
1.5KE13A
11.10
12.40
13.70
1
18.2
5
82.4
.081
1.5KE15
12.10
13.50
16.50
1
22.0
5
68.2
.084
1.5KE15A
12.80
14.30
15.80
1
21.2
5
70.8
.084
1.5KE16
12.90
14.40
17.60
1
23.5
5
63.8
.086
1.5KE16A
13.60
15.20
16.80
1
22.5
5
66.7
.086
1.5KE18
14.50
16.20
19.80
1
26.5
5
56.6
.088
1.5KE18A
15.30
17.10
18.90
1
25.2
5
59.5
.088
1.5KE20
16.20
18.00
22.00
1
29.1
5
51.5
.090
1.5KE20A
17.10
19.00
21.00
1
27.7
5
54.2
.090
1.5KE22
17.80
19.80
24.20
1
31.9
5
47.0
.092
1.5KE22A
18.80
20.90
23.10
1
30.6
5
49.0
.092
1.5KE24
19.40
21.60
26.40
1
34.7
5
43.2
.094
1.5KE24A
20.50
22.80
25.20
1
33.2
5
45.2
.094
1.5KE27
21.80
24.30
29.70
1
39.1
5
38.4
.096
1.5KE27A
23.10
25.70
28.40
1
37.5
5
40.0
.096
1.5KE30
24.30
27.00
33.00
1
43.5
5
34.5
.097
1.5KE30A
25.60
28.50
31.50
1
41.4
5
36.2
.097
1.5KE33
26.80
29.70
36.30
1
47.7
5
31.4
.098
1.5KE33A
28.20
31.40
34.70
1
45.7
5
32.8
.098
1.5KE36
29.10
32.40
39.60
1
52.0
5
28.8
.099
1.5KE36A
30.80
34.20
37.80
1
49.9
5
30.1
.099
1.5KE39
31.60
35.10
42.90
1
56.4
5
26.6
.100
1.5KE39A
33.30
37.10
41.00
1
53.9
5
27.8
.100
1.5KE43
34.80
38.70
47.30
1
61.9
5
24.2
.101
1.5KE43A
36.80
40.90
45.20
1
59.3
5
25.3
.101
1.5KE47
38.10
42.30
51.70
1
67.8
5
22.1
.101
1.5KE47A
40.20
44.70
49.40
1
64.8
5
23.1
.101
1.5KE51
41.30
45.90
56.10
1
73.5
5
20.4
.102
1.5KE51A
43.60
48.50
53.60
1
70.1
5
21.4
.102
1.5KE56
45.40
50.40
61.60
1
80.5
5
18.6
.103
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20120830


Similar Part No. - 1.5KE39A

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
1.5KE39A BILIN-1.5KE39A Datasheet
133Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
First Silicon Co., Ltd
1.5KE39A FS-1.5KE39A Datasheet
702Kb / 6P
   Transient Voltage Suppressors Peak Pluse Power 1500W Breakdown Voltage 6.8 to 550V
logo
Transys Electronics
1.5KE39A TRSYS-1.5KE39A Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
1.5KE39A SOCAY-1.5KE39A Datasheet
513Kb / 6P
   Axial Lead Transient Voltage Suppressors (TVS)
logo
Shanghai Shunye Electro...
1.5KE39A SY-1.5KE39A Datasheet
660Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPESSOR
More results

Similar Description - 1.5KE39A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1N6267 ETC1-1N6267 Datasheet
91Kb / 6P
   1500W Unidirectional and Bidirectional Transient Voltage Suppressor Diodes
logo
Sangdest Microelectroni...
TPK15KPXX SMC-TPK15KPXX Datasheet
131Kb / 4P
   Unidirectional and Bidirectional
logo
DONGGUAN YOU FENG WEI E...
P4KE6.8 YFWDIODE-P4KE6.8 Datasheet
97Kb / 3P
   Unidirectional And Bidirectional
logo
HY ELECTRONIC CORP.
SMCJ10 HY-SMCJ10_17 Datasheet
171Kb / 5P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL
logo
STMicroelectronics
BZW06 STMICROELECTRONICS-BZW06 Datasheet
446Kb / 9P
   Unidirectional and bidirectional types
April 2017 Rev 4
logo
Microsemi Corporation
SMC MICROSEMI-SMC Datasheet
144Kb / 3P
   UNIDIRECTIONAL AND BIDIRECTIONAL SURFACE MOUNT
SML MICROSEMI-SML Datasheet
138Kb / 3P
   UNIDIRECTIONAL AND BIDIRECTIONAL SURFACE MOUNT
logo
HY ELECTRONIC CORP.
1.5KEG HY-1.5KEG Datasheet
473Kb / 4P
   Unidirectional and Bidirectional TransientVoltage Suppressors
logo
Digitron Semiconductors
1N5610 DIGITRON-1N5610 Datasheet
106Kb / 2P
   1500W TRANSIENT VOLTAGE SUPPRESSORS UNIDIRECTIONAL
1N5907 DIGITRON-1N5907 Datasheet
122Kb / 2P
   1500W TRANISIENT VOLTAGE SUPPRESSORS UNIDIRECTIONAL
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com