Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5210-1 Datasheet(PDF) 6 Page - Cherry Semiconductor Corporation

Part # CS5210-1
Description  10A LDO 3-Pin Adjustable Linear Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5210-1 Datasheet(HTML) 6 Page - Cherry Semiconductor Corporation

  CS5210-1 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS5210-1 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS5210-1 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS5210-1 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS5210-1 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS5210-1 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS5210-1 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS5210-1 Datasheet HTML 8Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
The output compensation capacitor helps determine three
main characteristics of a linear regulator: start-up delay,
load transient response, and loop stability.
The capacitor value and type is based on cost, availability,
size and temperature constraints. A tantalum or aluminum
electrolytic capacitor is best, since a film or ceramic capaci-
tor with almost zero ESR can cause instability. The alu-
minum electrolytic capacitor is the least expensive solution.
However, when the circuit operates at low temperatures,
both the value and ESR of the capacitor will vary consider-
ably. The capacitor manufacturerÕs data sheet provides this
information.
A 300µF tantalum capacitor will work for most applica-
tions, but with high current regulators such as the CS5210
the transient response and stability improve with higher
values of capacitance. The majority of applications for this
regulator involve large changes in load current so the out-
put capacitor must supply the instantaneous load current.
The ESR of the output capacitor causes an immediate drop
in output voltage given by:
ÆV = ÆI
´ ESR.
For microprocessor applications it is customary to use an
output capacitor network consisting of several tantalum and
ceramic capacitors in parallel. This reduces the overall ESR
and reduces the instantaneous output voltage drop under
transient load conditions. The output capacitor network
should be as close to the load as possible for the best results.
Protection Diodes
When large external capacitors are used with a linear regu-
lator it is sometimes necessary to add protection diodes. If
the input voltage of the regulator gets shorted, the output
capacitor will discharge into the output of the regulator.
The discharge current depends on the value of the capaci-
tor, the output voltage, and the rate at which VIN drops. In
the CS5210-1 regulator, the discharge path is through a
large junction and protection diodes are not usually need-
ed. If the regulator is used with large values of output
capacitance and the input voltage is instantaneously short-
ed to ground, damage can occur. In this case, a diode con-
nected as shown in Figure 3 is recommended.
A rule of thumb useful in determining if a protection diode
is required is to solve for current
I=
, where
I
is the current flow out of the load capacitance
when VIN is shorted,
C
is the value of load capacitance
V
is the output voltage, and
T
is the time duration required for VIN to transition
from high to being shorted.
If the calculated current is greater than or equal to the typi-
cal short circuit current valued provided in the specifica-
tions, serious thought should be given to include a protec-
tion diode.
Figure 3:
Current Limit
The internal current limit circuit limits the output current
under excessive load conditions and protects the regulator.
Short Circuit Protection
The device includes foldback short circuit current limit that
clamps the output current at approximately two amperes
less than its current limit value.
Thermal Shutdown
The thermal shutdown circuitry is guaranteed by design to
become activated above a die junction temperature of
150¡C and to shut down the regulator output. This circuit-
ry includes a thermal hysteresis circuit with 25¡C of typical
hysteresis, thereby allowing the regulator to recover from a
thermal fault automatically.
Calculating Power Dissipation and Heat Sink
Requirements
High power regulators such as the CS5210-1 usually oper-
ate at high junction temperatures. Therefore, it is important
to calculate the power dissipation and junction tempera-
tures accurately to ensure that an adequate heat sink is
used. Since the package tab is connected to Vout on the
CS5210-1, electrical isolation may be required for some
applications. Also, as with all high power packages, ther-
mal compound in necessary to ensure proper heat flow.
For added safety, this high current LDO includes an inter-
nal thermal shutdown circuit.
The thermal characteristics of an IC depend on the follow-
ing four factors. Junction temperature, ambient tempera-
ture, die power dissipation, and the thermal resistance
V
IN
CS5210-1
Adj
V
OUT
C
´V
T
Stability Considerations
Application Notes: continued


Similar Part No. - CS5210-1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5210-1 ONSEMI-CS5210-1 Datasheet
220Kb / 8P
   10 A LDO 3?뭁in Adjustable Linear Regulator
July, 2006 ??Rev. 7
CS5210-1GT3 ONSEMI-CS5210-1GT3 Datasheet
220Kb / 8P
   10 A LDO 3?뭁in Adjustable Linear Regulator
July, 2006 ??Rev. 7
More results

Similar Description - CS5210-1

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS52510-1 CHERRY-CS52510-1 Datasheet
154Kb / 9P
   10A LDO 5-Pin Adjustable Linear Regulator
CS5208-1 CHERRY-CS5208-1 Datasheet
136Kb / 7P
   8A LDO 3-Pin Adjustable Linear Regulator
CS5207A-1 CHERRY-CS5207A-1 Datasheet
136Kb / 7P
   7A LDO 3-Pin Adjustable Linear Regulator
CS5257A-1 CHERRY-CS5257A-1 Datasheet
173Kb / 9P
   7A LDO 5-Pin Adjustable Linear Regulator
CS5258-1 CHERRY-CS5258-1 Datasheet
153Kb / 9P
   8A LDO 5-Pin Adjustable Linear Regulator
CS5253-1 CHERRY-CS5253-1 Datasheet
171Kb / 9P
   3A LDO 5-Pin Adjustable Linear Regulator
logo
List of Unclassifed Man...
S1117 ETC1-S1117 Datasheet
111Kb / 4P
   1.0A Adjustable LDO Linear Regulator
logo
ON Semiconductor
CS5210-1 ONSEMI-CS5210-1 Datasheet
220Kb / 8P
   10 A LDO 3?뭁in Adjustable Linear Regulator
July, 2006 ??Rev. 7
CS5207A-1 ONSEMI-CS5207A-1 Datasheet
221Kb / 8P
   7.0 A LDO 3?뭁in Adjustable Linear Regulator
September, 2006 ??Rev. 7
CS5208-1 ONSEMI-CS5208-1 Datasheet
221Kb / 8P
   8.0 A LDO 3?뭁in Adjustable Linear Regulator
September, 2006 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com