Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5KE110 Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # 1.5KE110
Description  1500W UNIDIRECTIONAL AND BIDIRECTIONAL
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

1.5KE110 Datasheet(HTML) 1 Page - Digitron Semiconductors

  1.5KE110 Datasheet HTML 1Page - Digitron Semiconductors 1.5KE110 Datasheet HTML 2Page - Digitron Semiconductors 1.5KE110 Datasheet HTML 3Page - Digitron Semiconductors 1.5KE110 Datasheet HTML 4Page - Digitron Semiconductors 1.5KE110 Datasheet HTML 5Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
1.5KE6.8 – 1.5KE400A
1500W UNIDIRECTIONAL AND BIDIRECTIONAL
TRANSIENT VOLTAGE SUPPRESSORS
FEATURES
Available in both Unidirectional and Bidirectional (add C or CA suffix for bidirectional)
Voltages from 6.8 to 400 V Breakdown (VBR)
Suppresses transients up to 1500 watts @ 10/1000 μs (see Figure 1)
Surface mount equivalent packages are available as SMDJ5.0-SMDJ170CA or SMDG5.0-SMDG170CA
Power rating = 1500 watts
VF: 3.5 V Maximum, IF5 = 100 A (@ 25°C)/ “C” suffix denotes standard back to back
Available Non-RoHS (standard) or RoHS compliant (add PBF suffix)
Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number
MAXIMUM RATINGS
Peak Pulse Power Dissipation at 25°C:
1500 watts @ 10/1000μs
Impulse Repetition Rate (duty factor):
0.01%
Tclamping (0 volts to V(BR) min):
<100 ps theoretical for unidirectional and <5 ns for bidirectional
Operating and Storage Temperature:
-65°C to +150°C
Thermal Resistance:
22°C/W junction to lead at 3/8”(10mm) from body, or 82°C/W
junction to ambient when mounted on FR4 PC board with 4mm2
copper pads (1oz) and track width 1mm, length 25mm
Steady-State Power Dissipation:
5 watts at TL=40°C or 1.52 watts @ TA=25°C when mounted on FR4
PC board described for thermal resistance
Forward Surge:
200 Amps peak impulse of 8.3ms half-sine wave at 25°C
(unidirectional only)
Solder Temperature:
260°C for 10 s (maximum)
ELECTRICAL CHARACTERISTICS
Rated
Standoff
Voltage
VWM
(Note 1)
Breakdown Voltage
V(BR) @ l(BR)
Maximum
Clamping
Voltage
VC @ lPP
Maximum
Standby
Current
lD @ VWM
Maximum
Pulse Current
lPP
(Fig. 2)
Maximum
Temperature
Coefficient of
V(BR)
αV(BR)
Volts
Volts
Type
Number
Volts
Min
Max
mA
Volts
μA
A
%/°C
1.5KE6.8
5.50
6.12
7.48
10
10.8
1000
139.0
.057
1.5KE6.8A
5.80
6.45
7.14
10
10.5
1000
143.0
.057
1.5KE7.5
6.05
6.75
8.25
10
11.7
500
128.0
.061
1.5KE7.5A
6.40
7.13
7.88
10
11.3
500
132.0
.061
1.5KE8.2
6.63
7.38
9.02
10
12.5
200
120.0
.065
1.5KE8.2A
7.02
7.79
8.61
10
12.1
200
124.0
.065
1.5KE9.1
7.37
8.19
10.00
1
13.8
50
109.0
.068
1.5KE9.1A
7.78
8.65
9.55
1
13.4
50
112.0
.068
1.5KE10
8.10
9.00
11.00
1
15.0
10
100.0
.073
1.5KE10A
8.55
9.50
10.50
1
14.5
10
103.0
.073
1.5KE11
8.92
9.90
12.10
1
16.2
5
92.6
.075
1.5KE11A
9.40
10.50
11.60
1
15.6
5
96.2
.075
1.5KE12
9.72
10.80
13.20
1
17.3
5
86.7
.078
1.5KE12A
10.22
11.40
12.60
1
16.7
5
89.8
.078
1.5KE13
10.50
11.70
14.30
1
19.0
5
78.9
.081
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20120830


Similar Part No. - 1.5KE110

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1.5KE110 PANJIT-1.5KE110 Datasheet
103Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 1500 Watts
logo
Transys Electronics
1.5KE110 TRSYS-1.5KE110 Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
SAMYANG ELECTRONICS CO....
1.5KE110 SAMYANG-1.5KE110 Datasheet
1Mb / 6P
   Transient Voltage Suppressor Diodes
logo
Shenzhen Luguang Electr...
1.5KE110 LUGUANG-1.5KE110 Datasheet
216Kb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
logo
Won-Top Electronics
1.5KE110 WTE-1.5KE110 Datasheet
66Kb / 5P
   1500W TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - 1.5KE110

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1N6267 ETC1-1N6267 Datasheet
91Kb / 6P
   1500W Unidirectional and Bidirectional Transient Voltage Suppressor Diodes
logo
Sangdest Microelectroni...
TPK15KPXX SMC-TPK15KPXX Datasheet
131Kb / 4P
   Unidirectional and Bidirectional
logo
DONGGUAN YOU FENG WEI E...
P4KE6.8 YFWDIODE-P4KE6.8 Datasheet
97Kb / 3P
   Unidirectional And Bidirectional
logo
HY ELECTRONIC CORP.
SMCJ10 HY-SMCJ10_17 Datasheet
171Kb / 5P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL
logo
STMicroelectronics
BZW06 STMICROELECTRONICS-BZW06 Datasheet
446Kb / 9P
   Unidirectional and bidirectional types
April 2017 Rev 4
logo
Microsemi Corporation
SMC MICROSEMI-SMC Datasheet
144Kb / 3P
   UNIDIRECTIONAL AND BIDIRECTIONAL SURFACE MOUNT
SML MICROSEMI-SML Datasheet
138Kb / 3P
   UNIDIRECTIONAL AND BIDIRECTIONAL SURFACE MOUNT
logo
HY ELECTRONIC CORP.
1.5KEG HY-1.5KEG Datasheet
473Kb / 4P
   Unidirectional and Bidirectional TransientVoltage Suppressors
logo
Digitron Semiconductors
1N5610 DIGITRON-1N5610 Datasheet
106Kb / 2P
   1500W TRANSIENT VOLTAGE SUPPRESSORS UNIDIRECTIONAL
1N5907 DIGITRON-1N5907 Datasheet
122Kb / 2P
   1500W TRANISIENT VOLTAGE SUPPRESSORS UNIDIRECTIONAL
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com