Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5253-1GDPR5 Datasheet(PDF) 7 Page - Cherry Semiconductor Corporation

Part # CS5253-1GDPR5
Description  3A LDO 5-Pin Adjustable Linear Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5253-1GDPR5 Datasheet(HTML) 7 Page - Cherry Semiconductor Corporation

  CS5253-1GDPR5 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS5253-1GDPR5 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS5253-1GDPR5 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS5253-1GDPR5 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS5253-1GDPR5 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS5253-1GDPR5 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS5253-1GDPR5 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS5253-1GDPR5 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS5253-1GDPR5 Datasheet HTML 9Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
Application Notes: continued
While not required, a bypass capacitor connected between
the adjust pin and ground will improve transient response
and ripple rejection. A 0.1µF tantalum capacitor is recom-
mended for Òfirst cutÓ design. Value and type may be var-
ied to optimize performance vs. price.
Other Adjustable Operation Considerations
The CS5253-1 linear regulator has an absolute maximum
specification of 6V for the voltage difference between
VPOWER and VOUT. However, the IC may be used to regu-
late voltages in excess of 6V. The two main considerations
in such a design are the sequencing of power supplies and
short circuit capability.
Power supply sequencing should be such that the VCON-
TROL supply is brought up coincidentally with or before the
VPOWER supply. This allows the IC to begin charging the
output capacitor as soon as the VPOWER to VOUT differential
is large enough that the pass transistor conducts. As VPOW-
ER increases, the pass transistor will remain in dropout, and
current is passed to the load until VOUT is in regulation.
Further increase in the supply voltage brings the pass tran-
sistor out of dropout. In this manner, any output voltage
less than 13V may be regulated, provided the VPOWER to
VOUT differential is less than 6V. In the case where VCON-
TROL and VPOWER are shorted, there is no theoretical limit
to the regulated voltage as long as the VPOWER to VOUT dif-
ferential of 6V is not exceeded.
There is a possibility of damaging the IC when VPOWER-
VOUT is greater than 6V if a short circuit occurs. Short cir-
cuit conditions will result in the immediate operation of
the pass transistor outside of its safe operating area. Over-
voltage stresses will then cause destruction of the pass
transistor before overcurrent or thermal shutdown circuit-
ry can become active. Additional circuitry may be required
to clamp the VPOWER to VOUT differential to less than 6V if
fail safe operation is required. One possible clamp circuit is
illustrated in Figure 2; however, the design of clamp cir-
cuitry must be done on an application by application basis.
Care must be taken to ensure the clamp actually protects
the design. Components used in the clamp design must be
able to withstand the short circuit condition indefinitely
while protecting the IC.
Figure 2: This circuit is an example of how the CS5253-1 can be short-
circuit-protected when operating with VOUT > 6V.
Stability Considerations
The output compensation capacitor helps determine three
main characteristics of a linear regulator: start-up delay,
load transient response, and loop stability.
The capacitor value and type is based on cost, availability,
size and temperature constraints. A tantalum or aluminum
electrolytic capacitor is best, since a film or ceramic capaci-
tor with almost zero ESR can cause instability. The alu-
minum electrolytic capacitor is the least expensive solution.
However, when the circuit operates at low temperatures,
both the value and ESR of the capacitor will vary consider-
ably. The capacitor manufacturer's data sheet provides this
information.
A 300µF tantalum capacitor will work for most applica-
tions, but with high current regulators such as the
CS5253-1 the transient response and stability improve with
higher values of capacitor. The majority of applications for
this regulator involve large changes in load current so the
output capacitor must supply the instantaneous load cur-
rent. The ESR of the output capacitor causes an immediate
drop in output voltage given by:
ÆV = ÆI
´ ESR.
For microprocessor applications it is customary to use an
output capacitor network consisting of several tantalum
and ceramic capacitors in parallel. This reduces the overall
ESR and reduces the instantaneous output voltage drop
under transient load conditions. The output capacitor net-
work should be as close to the load as possible for the best
results.
Protection Diodes
When large external capacitors are used with a linear
regulator, it is sometimes necessary to add protection
diodes. If the input voltage of the regulator gets shorted,
the output capacitor will discharge into the output of the
regulator. The discharge current depends on the value of
the capacitor, the output voltage, and the rate at which
VCONTROL drops. In the CS5253-1 regulator, the discharge
path is through a large junction and protection diodes are
not usually needed. If the regulator is used with large val-
ues of output capacitance and the input voltage is instanta-
neously shorted to ground, damage can occur. In this case,
a diode connected as shown in Figure 3 is recommended.
Figure 3: Diode protection circuit.
V
SENSE
V
OUT
V
CONTROL
V
POWER
CS5253-1
Adjust
External Supply
V
Control
V
Power
V
Adjust
V
OUT
V
SENSE
External
Supply


Similar Part No. - CS5253-1GDPR5

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5253-1GDPR5 ONSEMI-CS5253-1GDPR5 Datasheet
268Kb / 10P
   3.0 A LDO 5?뭁in Adjustable Linear Regulator
September, 2006??Rev. 11
CS5253-1GDPR5G ONSEMI-CS5253-1GDPR5G Datasheet
268Kb / 10P
   3.0 A LDO 5?뭁in Adjustable Linear Regulator
September, 2006??Rev. 11
More results

Similar Description - CS5253-1GDPR5

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS52510-1 CHERRY-CS52510-1 Datasheet
154Kb / 9P
   10A LDO 5-Pin Adjustable Linear Regulator
CS5257A-1 CHERRY-CS5257A-1 Datasheet
173Kb / 9P
   7A LDO 5-Pin Adjustable Linear Regulator
CS5258-1 CHERRY-CS5258-1 Datasheet
153Kb / 9P
   8A LDO 5-Pin Adjustable Linear Regulator
logo
Avic Technology
AV1085 AVICTEK-AV1085 Datasheet
108Kb / 7P
   3A Adjustable Low Dropout Linear Regulator (LDO)
logo
List of Unclassifed Man...
L1085 ETC-L1085 Datasheet
78Kb / 7P
   3A Adjustable Low Dropout Linear Regulator (LDO)
logo
NIKO SEMICONDUCTOR CO.,...
L1085XG NIKOSEM-L1085XG Datasheet
137Kb / 8P
   3A Adjustable Low Dropout Linear Regulator (LDO)
logo
Cherry Semiconductor Co...
CS5208-1 CHERRY-CS5208-1 Datasheet
136Kb / 7P
   8A LDO 3-Pin Adjustable Linear Regulator
CS5210-1 CHERRY-CS5210-1 Datasheet
142Kb / 8P
   10A LDO 3-Pin Adjustable Linear Regulator
CS5207A-1 CHERRY-CS5207A-1 Datasheet
136Kb / 7P
   7A LDO 3-Pin Adjustable Linear Regulator
CS5203-1 CHERRY-CS5203-1 Datasheet
165Kb / 8P
   3A Adjustable Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com