Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5257A-1GT5 Datasheet(PDF) 3 Page - Cherry Semiconductor Corporation

Part # CS5257A-1GT5
Description  7A LDO 5-Pin Adjustable Linear Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5257A-1GT5 Datasheet(HTML) 3 Page - Cherry Semiconductor Corporation

  CS5257A-1GT5 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS5257A-1GT5 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS5257A-1GT5 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS5257A-1GT5 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS5257A-1GT5 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS5257A-1GT5 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS5257A-1GT5 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS5257A-1GT5 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS5257A-1GT5 Datasheet HTML 9Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Package Pin Description
PACKAGE PIN #
PIN SYMBOL
FUNCTION
3
Block Diagram
V
CONTROL
BIAS
and
TSD
V
REF
EA
IA
V
OUT
V
SENSE
Adjust
-
+
-
+
V
POWER
Electrical Characteristics: 0¡C ² TA ² 70¡C, 0¡C ² TJ ² 150¡C, VSENSE = VOUT and VAdj = 0V unless otherwise specified.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VPOWER Supply Only
VPOWER = 6V, VCONTROL not connected,
0.1
1
mA
Output Current
VADJUST = VOUT = VSENSE = 0V
Note 1:
The minimum load current is the minimum current required to maintain regulation. Normally the current in the resistor divider used to set
the output voltage is selected to meet the minimum load current requirement.
Note 2:
The VCONTROL pin current is the drive current required for the output transistor. This current will track output current with roughly a 1:100
ratio. The minimum value is equal to the quiescent current of the device.
Note 3:
This parameter is guaranteed by design and is not 100% production tested.
Note 4:
Dropout is defined as either the minimum control voltage, (VCONTROL) or minimum power voltage (VPOWER) to output voltage differential
required to maintain 1.5% regulation at a particular load current.
Note 5:
This parameter is guaranteed by design, but not parametrically tested in production. However, a 100% thermal shutdown functional test is
performed on each part.
5L TO-220
1VSENSE
This Kelvin sense pin allows for remote sensing of the output voltage at the
load for improved regulation. It is internally connected to the positive input
of the voltage sensing error amplifier.
2
Adjust
This pin is connected to the low side of the internally trimmed 1.5% bandgap
reference voltage and carries a bias current of about 50µA. A resistor divider
from Adj to VOUT and from Adj to ground sets the output voltage. Also,
transient response can be improved by adding a small bypass capacitor from
this pin to ground.
3VOUT
This pin is connected to the emitter of the power pass transistor and pro-
vides a regulated voltage capable of sourcing 7A of current.
4VCONTROL
This is the supply voltage for the regulator control circuitry. For the device
to regulate, this voltage should be between 1V and 1.25V (depending on the
output current) greater than the output voltage. The control pin current will
be about 1% of the output current.
5VPOWER
This is the power input voltage. The pin is physically connected to the collec-
tor of the power pass transistor. For the device to regulate, this voltage
should be between 0.1V and 0.65V greater than the output voltage, depend-
ing on output current. The output load current of 7A is supplied through
this pin.


Similar Part No. - CS5257A-1GT5

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5257A-1GT5 ONSEMI-CS5257A-1GT5 Datasheet
274Kb / 11P
   7.0 A LDO 5?뭁in Adjustable Linear Regulator
September, 2006 ??Rev. 10
More results

Similar Description - CS5257A-1GT5

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS5207A-1 CHERRY-CS5207A-1 Datasheet
136Kb / 7P
   7A LDO 3-Pin Adjustable Linear Regulator
CS52510-1 CHERRY-CS52510-1 Datasheet
154Kb / 9P
   10A LDO 5-Pin Adjustable Linear Regulator
CS5258-1 CHERRY-CS5258-1 Datasheet
153Kb / 9P
   8A LDO 5-Pin Adjustable Linear Regulator
CS5253-1 CHERRY-CS5253-1 Datasheet
171Kb / 9P
   3A LDO 5-Pin Adjustable Linear Regulator
CS5207-1 CHERRY-CS5207-1 Datasheet
135Kb / 6P
   7A Adjustable Linear Regulator
CS5208-1 CHERRY-CS5208-1 Datasheet
136Kb / 7P
   8A LDO 3-Pin Adjustable Linear Regulator
CS5210-1 CHERRY-CS5210-1 Datasheet
142Kb / 8P
   10A LDO 3-Pin Adjustable Linear Regulator
logo
ON Semiconductor
CS52510-1 ONSEMI-CS52510-1 Datasheet
262Kb / 10P
   10 A LDO 5?뭁in Adjustable Linear Regulator
September, 2006 ??Rev. 6
CS5253-1 ONSEMI-CS5253-1 Datasheet
268Kb / 10P
   3.0 A LDO 5?뭁in Adjustable Linear Regulator
September, 2006??Rev. 11
CS5257A-1 ONSEMI-CS5257A-1 Datasheet
274Kb / 11P
   7.0 A LDO 5?뭁in Adjustable Linear Regulator
September, 2006 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com