Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS8120 Datasheet(PDF) 2 Page - Cherry Semiconductor Corporation

Part # CS8120
Description  5V, 300mA Linear Regulator with and ENABLE RESET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS8120 Datasheet(HTML) 2 Page - Cherry Semiconductor Corporation

  CS8120 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS8120 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS8120 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS8120 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS8120 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS8120 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS8120 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS8120 Datasheet HTML 8Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Electrical Characteristics: V
IN
= 14V, I
OUT
=5 mA, -40ûC ² TJ ² 150ûC, -40ûC ² TC ² 125ûC unless otherwise specified
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Absolute Maximum Ratings
DC Input Voltage ...........................................................................................................................................................-0.7 to 26V
Load Dump .................................................................................................................................................................................60V
Output Current .................................................................................................................................................Internally Limited
Electrostatic Discharge (Human Body Model) ......................................................................................................................2kV
Operating Temperature .......................................................................................................................................-40¡C to +125¡C
Junction Temperature...........................................................................................................................................-40¡C to +150¡C
Storage Temperature ............................................................................................................................................-55¡C to +150¡C
Lead Temperature Soldering
Wave Solder (through hole styles only) .....................................................................................10 sec. max, 260¡C peak
Reflow (SMD styles only) ......................................................................................60 sec. max above 183¡C, 230¡C peak
* To have safe operating junction temperatures, low duty cycle pulse testing is used on tests where applicable.
s Output Stage
Output Voltage, VOUT
7V ² VIN ² 26V, 1mA ² IOUT ² 300mA
4.8
5.0
5.2
V
Line Regulation
7V ² VIN ² 26V, IOUT = 200mA
50
mV
Load Regulation
1mA ² IOUT ² 300mA
50
mV
Supply Voltage Rejection
VIN = 14VDC + 1VRMS
40
70
dB
@120Hz, ILOAD = 25½
Dropout Voltage
IOUT = 200mA
1.0
1.5
V
Quiescent Current
= High, VIN = 12V
0.25
0.65
mA
= Low, IOUT = 200mA
2.5
15.0
mA
s Protection Circuits
Short Circuit Current
300
600
mA
Thermal Shutdown
150
190
ûC
Overvoltage Shutdown
26
40
V
s
Saturation Voltage
1V < VOUT < VRT(OFF), 3.1k½ pull-up
0.1
0.4
V
to VOUT
Output Leakage
= Low
0
25
µA
Current
VOUT > VRT(ON), V
= VOUT
Power ON/OFF
3.1k½ pull-up to VOUT
0.7
1.0
V
Peak Output Voltage
Threshold ON
VOUT - 0.10
VOUT - 0.04
V
(VOUT Increasing)
Threshold OFF
4.75
VOUT - 0.14
V
(VOUT Decreasing)
Threshold Hysteresis
10
40
mV
s
Input High Voltage
7V < VIN < 26V
2.9
3.9
V
Input Low Voltage
7V < VIN < 26V
1.1
2.1
V
Input Hysteresis
7V < VIN < 26V
0.4
0.8
2.8
V
Input Current
Gnd < VIN(HI) < VOUT
-10
0
+10
µA
ENABLE
RESET
RESET
RESET
RESET
RESET
ENABLE
RESET
RESET
RESET
ENABLE
ENABLE


Similar Part No. - CS8120

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS8120 ONSEMI-CS8120 Datasheet
121Kb / 14P
   5.0 V, 300 mA Linear Regulator with RESET and ENABLE
January, 2004 ??Rev. 8
CS8120YD14 ONSEMI-CS8120YD14 Datasheet
121Kb / 14P
   5.0 V, 300 mA Linear Regulator with RESET and ENABLE
January, 2004 ??Rev. 8
CS8120YDP5 ONSEMI-CS8120YDP5 Datasheet
121Kb / 14P
   5.0 V, 300 mA Linear Regulator with RESET and ENABLE
January, 2004 ??Rev. 8
CS8120YDPR5 ONSEMI-CS8120YDPR5 Datasheet
121Kb / 14P
   5.0 V, 300 mA Linear Regulator with RESET and ENABLE
January, 2004 ??Rev. 8
CS8120YDR14 ONSEMI-CS8120YDR14 Datasheet
121Kb / 14P
   5.0 V, 300 mA Linear Regulator with RESET and ENABLE
January, 2004 ??Rev. 8
More results

Similar Description - CS8120

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8121 CHERRY-CS8121 Datasheet
205Kb / 8P
   5V, 1A Linear Regulator with and ENABLE RESET
CS8140 CHERRY-CS8140 Datasheet
214Kb / 12P
   5V, 500mA Linear Regulator with ENABLE, , and Watchdog RESET
CS5112 CHERRY-CS5112 Datasheet
199Kb / 10P
   1.4A Switching Regulator with 5V, 100mA Linear Regulator with Watchdog, RESET and ENABLE
CS5111 CHERRY-CS5111 Datasheet
188Kb / 10P
   1.4A Switching Regulator with 5V, 100mA Linear Regulator with Watchdog, RESET and ENABLE
CS8101 CHERRY-CS8101 Datasheet
196Kb / 8P
   Micropower 5V, 100mA Low Dropout Linear Regulator with RESET and ENABLE
logo
E-CMOS Corporation
EC49513A E-CMOS-EC49513A Datasheet
1Mb / 24P
   300mA Linear Regulator with Enable And Fast Discharge Function
logo
Orister Corporation
RS7206 ORISTER-RS7206 Datasheet
1Mb / 16P
   300mA CMOS LDO Linear Regulator with Enable
logo
Cherry Semiconductor Co...
CS403 CHERRY-CS403 Datasheet
158Kb / 6P
   5V, 750mA Linear Regulator with RESET
CS8135 CHERRY-CS8135 Datasheet
180Kb / 8P
   5V, 5V Low Dropout Dual Regulator with /ENABLE RESET
logo
Advanced Analogic Techn...
AAT3258 ANALOGICTECH-AAT3258 Datasheet
251Kb / 17P
   300mA LDO Linear Regulator with UP Reset
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com