Selected language     English  ā–¼


D-3100S Datasheet(PDF) 1 Page - Tyco Electronics

Part No. D-3100S
Description  D-3000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire)
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

 
 1 page
background image
34
Catalog 1242132
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 5-07
unless otherwise specified.
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
D-3000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire)
AMP Dynamic Series Connectors
List of Products by
Application
Used for both signal circuit
and power/power supply
circuit applications.
Able to carry 15A max. of
current per position and are
available in a full range of
connector configurations
including wire-to-wire,
panel-mounting, free
hanging, and horizontal
and vertical wire-to-board
mounting.
D-3100S
Standard 1-Row Type
D-3100M
Standard Modular Type
D-3100D
Standard 2-Row Type
D-3100S
Free-Hanging Type
D-3100S
Board-Mounting
Vertical Type
D-3100S
Panel Type
D-3100S Board-Mounting
Horizontal Type
D-3100S SMT
Board-Mounting
Vertical Type
D-3100S SMT
Board-Mounting
Horizontal Type
Surface-mount type
with housing
material and the
shape of retention
legs changed.
All connector
configurations
available as with
the standard
one-row type line.
D-3100M
Board-Mounting
Vertical Type
D-3100M
Board-Mounting
Horizontal Type
D-3100D
Board-Mounting
Vertical Type
D-3100D Board-Mounting
Horizontal Type
D-3100D
Free-Hanging Type
D-3100D Panel Type
Tab Housing
Receptacle
Housing
Tab
Contact
Receptacle
Contact




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl