Selected language     English  ▼


D-3100S Datasheet(PDF) 4 Page - Tyco Electronics

Part No. D-3100S
Description  D-3000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire)
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

 
 4 page
background image
37
Catalog 1242132
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 5-07
unless otherwise specified.
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
D-3000 Series (Continued)
AMP Dynamic Series Connectors
Performance Specifications
(Continued)
Specifications and
Instruction Sheets
Instruction Sheet-
Hand Tools
Safety Specifications
The safety specifications listed below are approved on specific part numbers. Contact our Technical
Support to check if the part numbers you use are approved or not. Keep in mind that there are instances
where values differ from those given by Tyco Electronics Specifications.
Specifications and Instruction Sheets
Product Specification
108-5349
Testing Report
501-5013
Application Specification
114-5148
Instruction Sheet-Extraction Tool
411-5726
Series
Specifications
Specifications
108-5349
UL File No. E28476
(Recognized
Component)
CSA Report No.
LR7189
TÜV License No.
R9151488 (VDE0627)
IP Protection IP-00
Overvoltage
Classification(II)
Number of Repeated
Insertions and
Withdrawals 50
D-3100, D-3400 Series (3.81mm pitch)
D-3200, D-3500 Series (5.08mm pitch)
Voltage
Rating
Current
Rating
Temperature
Rating
250 V
250 V
250 V
See
page 36
8A max.
#28 AWG=2A
#26 AWG=3A
#24 AWG=3A
#22 AWG=4A
#20 AWG=5A
#18 AWG=6A
#16 AWG=8A
#14 AWG=8A
-55° to +105˚C
-20° to +105˚C
Determined by
requirements
of equipment
in use.
Determined by
requirements
of equipment
in use.
Voltage
Rating
Current
Rating
Temperature
Rating
600 V
(Single conn.)
250 V
500 V
See
page 36
8A max.
#28 AWG=2A
#26 AWG=3A
#24 AWG=3A
#22 AWG=4A
#20 AWG=5A
#18 AWG=6A
#16 AWG=8A
#14 AWG=8A
-55° to +105˚C
-20° to +105˚C
Determined by
requirements
of equipment
in use.
Determined by
requirements
of equipment
in use.
Instruction Sheet-Manual Tools
Tool No.
91565-1
91559-1
91558-1
91560-1
19561-1
IS No.
408-8547
*Remember to obtain Instruction Sheets when you choose
to use these tools.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl