Selected language     English  ā–¼


D-3100M Datasheet(PDF) 2 Page - Tyco Electronics

Part No. D-3100M
Description  D-3000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire)
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

 
 2 page
background image
35
Catalog 1242132
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 5-07
unless otherwise specified.
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
D-3000 Series (Continued)
AMP Dynamic Series Connectors
List of Products by
Application (Continued)
D-3200M
High Pressure
Modular Type
Fit for high-voltage circuits.
D-3200S
High Pressure
1-Row Type
D-3500D
Sensor Connector
D-3400F
Skyscraper Connector
D-3200S
Drawer Type
D-3200S
Board-Mounting
Vertical Type
D-3200S
Board-Mounting
Horizontal Type
Used for top and bottom
(horizontal) modular
connections.
Many I/O circuits
can be drawn from
the board end.
Many I/O circuits can
be drawn from one
header (board side),
making it possible to
save board-mount
space.
D-3500D
D-3400F
Can be used in
rack-and-panel
application.
D-3200M
Board-Mounting
Vertical Type
D-3200M
Board-Mounting
Horizontal Type
D-3200T
High Pressure
3-Row Type




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl