Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D-3200T Datasheet(PDF) 8 Page - Tyco Electronics

Part # D-3200T
Description  D-3000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire)
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

D-3200T Datasheet(HTML) 8 Page - Tyco Electronics

Back Button D-3200T Datasheet HTML 4Page - Tyco Electronics D-3200T Datasheet HTML 5Page - Tyco Electronics D-3200T Datasheet HTML 6Page - Tyco Electronics D-3200T Datasheet HTML 7Page - Tyco Electronics D-3200T Datasheet HTML 8Page - Tyco Electronics D-3200T Datasheet HTML 9Page - Tyco Electronics D-3200T Datasheet HTML 10Page - Tyco Electronics D-3200T Datasheet HTML 11Page - Tyco Electronics D-3200T Datasheet HTML 12Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
41
Catalog 1242132
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 5-07
unless otherwise specified.
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
D-3000 Series (Continued)
AMP Dynamic Series Connectors
Application Tooling
(Continued)
Extraction Tool
This tool is used to extract contacts from wire-type tab/receptacle housings.
Part Number: 234168-1
(411-5726)
Part Number: 175855-1
Part Number: 919041-1
*Take care not to insert into
the Contact Section.
ΠInsert Extraction Tool into the
narrow section of the upper
convex cavity of housing in
the direction as shown
(Make sure the Tool's top
and bottom are in correct
position.)
ΠInsert a keying plug in one
position of receptacle
Housing.
 Twist off a tab in the corre-
sponding position of mating
Tab Header and empty that
position. To twist off the tab,
insert Cutting Tool into its
root and turn Tool as shown.
* For Tab housing (Panel/Free
hanging Types), leave
Housing empty by not
inserting a contact in one
position.
Ž This being done, contacts cannot be
inserted in wrong direction.
 The Extraction Tool tip lifts up
housing lance, making contact free.
Ž Contact can now be pulled out.
Keying Plug
(used to help prevent misinsertion)
Keying plug is used to minimize the possibility of contacts being
inserted in wrong directions when using connectors of the same size
end-to-end.
How To Use Plug and Tool
*Some of the products in this Series (D-3100S/D-3100M/D-3200S/D-3200M)
are preloaded with keying plugs to help prevent misinsertion.
Tab Contact Cutting Tool
(A)
(B)
(B)
(A)


Similar Part No. - D-3200T

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
D-32A TEC-D-32A Datasheet
490Kb / 1P
   HARTMAN Power Switching DC Contactors
logo
Tyco Electronics
D-32AB MACOM-D-32AB Datasheet
88Kb / 1P
   D-32AB 2SPST, Center Off, Double Break,100 Amps, 28 VDC
More results

Similar Description - D-3200T

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
178306-2 MACOM-178306-2 Datasheet
3Mb / 22P
   D-3000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire)
178328-2 MACOM-178328-2 Datasheet
3Mb / 22P
   D-3000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire)
1-1318120-3 MACOM-1-1318120-3 Datasheet
3Mb / 18P
   D-2000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire)
1-177648-8 MACOM-1-177648-8 Datasheet
3Mb / 22P
   Wire-to-Board, Wire-to-Panel and Wire-to-Wire
D-2100S MACOM-D-2100S Datasheet
3Mb / 18P
   D-2000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire)
logo
List of Unclassifed Man...
51021 ETC2-51021 Datasheet
69Kb / 1P
   1.25mm (.049) Pitch Wire-to-Wire and Wire-to-Board Receptacle
logo
Molex Electronics Ltd.
5005920800 MOLEX11-5005920800 Datasheet
148Kb / 3P
   2.50mm (.098") Pitch Wire-to-Wire and Wire-to-Board Housing
0638197700 MOLEX11-0638197700 Datasheet
45Kb / 1P
   Hand Crimp Tool for Wire-to-Wire and Wire-to-Board Terminals
0638197600 MOLEX11-0638197600 Datasheet
45Kb / 1P
   Hand Crimp Tool for Wire-to-Wire and Wire-to-Board Terminals
63823-5300 MOLEX11-63823-5300 Datasheet
38Kb / 1P
   Hand Crimp Tool for Wire-to-Wire and Wire-to-Board Terminals
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com