Electronic Components Datasheet Search |
|
6-147099-2 Datasheet(PDF) 3 Page - Tyco Electronics |
|
6-147099-2 Datasheet(HTML) 3 Page - Tyco Electronics |
3 / 98 page 183 Catalog 1307819 Dimensions are in inches and Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-2103-6000 Revised 8-08 millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com are metric equivalents. to change. C. America: 52-55-1106-0803 UK: 44-8706-080-208 Mod. IV Receptacle Assemblies, Double-Row, .100 x .100 [2.54 x 2.54] Centerline AMPMODU Interconnection System 5 Material and Finish Housing — Glass-filled thermoplastic, black, 94V-0 rated Contacts — Phosphor bronze, plated as follows: Plating A — Duplex .000030 [0.00076] gold on contact area, .000150-.000300 [0.00381-0.00762] matte tin on solder area all over .000050 [0.00127] nickel Plating B — Duplex .000010 [0.000254] gold on contact area, .000150-.000300 [0.00381-0.00762] matte tin on solder area all over .000050 [0.00127] nickel Plating C — .000150-.000300 [0.00381-0.00762] matte tin on solder leads, all over .000050 [0.00127] nickel Related Product Data Mateable Headers — Refer to the Mating Post Selection Guide — page 90 Performance Characteristics — page 174 Technical Documents — page 276 Product Specification 108-25022 Application Specification 114-25018 Closed Dual Entry, Side and End Stackable Low Profile, .100 x .100 [2.54 x 2.54] Centerline, .150 [3.81] Tine Spacing .100±.003 [2.54±0.08] .245 [6.22] Typ. .020 [0.51] Typ. (Standoffs) A .198 [5.03] .050 [1.27] Max. Typ. .150 [3.81] Typ. .130±.010 [3.30±0.25] Typ. .148 [3.77] Typ. Point of Contact .107 [2.72] Typ. (Localized Gold Plate Area) No. of Dimensions Contact Plating/Part Nos. Pos. A B Plating A Plating B Plating C 2 .100 [2.54] — 5-535542-1 5-147095-1 5-147096-1 4 .200 [5.08] .100 [2.54] 5-535542-2 5-147095-2 5-147096-2 6 .300 [7.62] .200 [5.08] 5-535542-3 5-147095-3 5-147096-3 8 .400 [10.16] .300 [7.62] 5-535542-4 5-147095-4 5-147096-4 10 .500 [12.70] .400 [10.16] 5-535542-5 5-147095-5 5-147096-5 12 .600 [15.24] .500 [12.70] 5-535542-6 5-147095-6 5-147096-6 14 .700 [17.78] .600 [15.24] 5-535542-7 5-147095-7 5-147096-7 16 .800 [20.32] .700 [17.78] 5-535542-8 5-147095-8 5-147096-8 18 .900 [22.86] .800 [20.32] 5-535542-9 5-147095-9 5-147096-9 20 1.000 [25.40] .900 [22.86] 6-535542-0 6-147095-0 6-147096-0 22 1.100 [27.94] 1.000 [25.40] 6-535542-1 6-147095-1 6-147096-1 24 1.200 [30.48] 1.100 [27.94] 6-535542-2 6-147095-2 6-147096-2 26 1.300 [33.02] 1.200 [30.48] 6-535542-3 6-147095-3 6-147096-3 28 1.400 [35.56] 1.300 [33.02] 6-535542-4 6-147095-4 6-147096-4 30 1.500 [38.10] 1.400 [35.56] 6-535542-5 6-147095-5 6-147096-5 32 1.600 [40.64] 1.500 [38.10] 6-535542-6 6-147095-6 6-147096-6 34 1.700 [43.18] 1.600 [40.64] 6-535542-7 6-147095-7 6-147096-7 36 1.800 [45.72] 1.700 [43.18] 6-535542-8 6-147095-8 6-147096-8 38 1.900 [48.26] 1.800 [45.72] 6-535542-9 6-147095-9 6-147096-9 40 2.000 [50.80] 1.900 [48.26] 7-535542-0 7-147095-0 7-147096-0 Notes: 1. Tyco Electronics recommends mating gold or duplex plated headers with duplex plated receptacle assemblies. 2. To obtain the minimum mating post length, add .020 [0.51] (not including the post lead in chamfer) to the maximum point-of-contact dimension, and .062 [1.57] for recommended board thickness if used in bot- tom entry application. .100 [2.54] .100* [2.54] Typ. .100 [2.54] Typ. B Recommended PC Board Hole Layout for Bottom Entry or Pass Through Applications *±.003 [±0.08] tolerances not to accumulate within one connector pattern. Recommended PC Board Hole Layout for Top Entry .035±.003 [0.89±0.08] Dia. Typ. B Dia. Typ. .075 +.005 .060 -.000 1.90 +0.13 -0.00 [ ] .100 [2.54] Typ. .150 [3.81] Typ. Note: All part numbers are RoHS compliant. |
Similar Part No. - 6-147099-2 |
|
Similar Description - 6-147099-2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |