Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS8141 Datasheet(PDF) 6 Page - Cherry Semiconductor Corporation

Part # CS8141
Description  5V, 500mA Linear Regulator with ENABLE, , and Watchdog RESET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS8141 Datasheet(HTML) 6 Page - Cherry Semiconductor Corporation

Back Button CS8141 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS8141 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS8141 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS8141 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS8141 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS8141 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS8141 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS8141 Datasheet HTML 9Page - Cherry Semiconductor Corporation CS8141 Datasheet HTML 10Page - Cherry Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Precision Voltage Reference
The regulated output voltage depends on the precision
band gap voltage reference in the IC. By adding an error
amplifier into the feedback loop , the output voltage is main-
tained within ±4% over temperature and supply variation.
Output Stage
The composite PNP-NPN output structure (Figure1) pro-
vides 500mA (min) of output current while maintaining a
low drop out voltage (1.25V) and drawing little quiescent
current (7mA).
Figure 1: Composite Output Stage of the CS8140/1
The NPN pass device prevents deep saturation of the out-
put stage which in turn improves the ICÕs efficiency by
preventing excess current from being used and dissipated
by the IC.
Output Stage Protection
The output stage is protected against overvoltage, short
circuit and thermal runaway conditions (Figure 2).
If the input voltage rises above 30V (e.g. load dump), the
output shuts down. This response protects the internal cir-
cuitry and enables the IC to survive unexpected voltage
transients.
Using an emitter sense scheme, the amount of current
through the NPN pass transistor is monitored. Feedback
circuitry insures that the output current never exceeds a
preset limit.
Figure 2: Typical Circuit Waveforms for Output Stage Protection.
Should the junction temperature of the power device
exceed 180ûC (typ), the power transistor is turned off.
Thermal shutdown is an effective means to prevent die
overheating since the power transistor is the principle heat
source in the IC.
The CS8140 differs from all other linear regulators in its
unique combination of control features.
Watchdog and ENABLE Functions
VOUT is controlled by the logic functions ENABLE and
Watchdog (Table 1).
Table 1: VOUT as a Function of ENABLE and Watchdog
WDI
ENABLE
Slow
Normal
Fast
High
Low
H
55
5
5
5
L
05
0
0
0
VOUT (V)
Regulator Control Functions
IO
VOUT
VIN
Load
Dump
Short
Circuit
Thermal
Shutdown
> 30V
VOUT
VIN
Voltage Reference and Output Circuitry
6
Dropout Voltage
The input-output voltage differential at which the circuit
ceases to regulate against further reduction in input volt-
age. Measured when the output voltage has dropped
100mV from the nominal value obtained at 14V input,
dropout voltage is dependent upon load current and junc-
tion temperature.
Input Voltage
The DC voltage applied to the input terminals with respect
to ground.
Line Regulation
The change in output voltage for a change in the input
voltage. The measurement is made under conditions of
low dissipation or by using pulse techniques such that the
average chip temperature is not significantly affected.
Load Regulation
The change in output voltage for a change in load current
at constant chip temperature.
Quiescent Current
The part of the positive input current that does not con-
tribute to the positive load current. The regulator ground
lead current.
Ripple Rejection
The ratio of the peak-to-peak input ripple voltage to the
peak-to-peak output ripple voltage.
Current Limit
Peak current that can be delivered to the output.
Definition of Terms
Circuit Description


Similar Part No. - CS8141

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8147 CHERRY-CS8147 Datasheet
173Kb / 8P
   10V/5V Low Dropout Dual Regulator with ENABLE
logo
ON Semiconductor
CS8147 ONSEMI-CS8147 Datasheet
85Kb / 12P
   10 V/5.0 V Low Dropout Dual Regulator with ENABLE
January, 2001 ??Rev. 6
logo
Cherry Semiconductor Co...
CS8147YT5 CHERRY-CS8147YT5 Datasheet
173Kb / 8P
   10V/5V Low Dropout Dual Regulator with ENABLE
logo
ON Semiconductor
CS8147YT5 ONSEMI-CS8147YT5 Datasheet
85Kb / 12P
   10 V/5.0 V Low Dropout Dual Regulator with ENABLE
January, 2001 ??Rev. 6
logo
Cherry Semiconductor Co...
CS8147YTHA5 CHERRY-CS8147YTHA5 Datasheet
173Kb / 8P
   10V/5V Low Dropout Dual Regulator with ENABLE
More results

Similar Description - CS8141

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS5112 CHERRY-CS5112 Datasheet
199Kb / 10P
   1.4A Switching Regulator with 5V, 100mA Linear Regulator with Watchdog, RESET and ENABLE
CS5111 CHERRY-CS5111 Datasheet
188Kb / 10P
   1.4A Switching Regulator with 5V, 100mA Linear Regulator with Watchdog, RESET and ENABLE
CS8121 CHERRY-CS8121 Datasheet
205Kb / 8P
   5V, 1A Linear Regulator with and ENABLE RESET
CS8120 CHERRY-CS8120 Datasheet
198Kb / 8P
   5V, 300mA Linear Regulator with and ENABLE RESET
logo
ON Semiconductor
NCV8141 ONSEMI-NCV8141 Datasheet
89Kb / 12P
   5.0 V, 500 mA Linear Regulator with ENABLE, RESET, and Watchdog
August, 2004 ??Rev. 5
NCV8518A ONSEMI-NCV8518A Datasheet
139Kb / 13P
   Low Dropout Linear Regulator with Watchdog, Wake Up, RESET, and ENABLE
March, 2008 - Rev. 1
NCV8518B ONSEMI-NCV8518B Datasheet
172Kb / 13P
   Low Dropout Linear Regulator with Watchdog, Wake Up, RESET, and ENABLE
June, 2010 ??Rev. 1
NCV8141 ONSEMI-NCV8141_06 Datasheet
116Kb / 14P
   5.0 V, 500 mA Linear Regulator with ENABLE, RESET, and Watchdog
December, 2006 ??Rev. 10
logo
Cherry Semiconductor Co...
CS8101 CHERRY-CS8101 Datasheet
196Kb / 8P
   Micropower 5V, 100mA Low Dropout Linear Regulator with RESET and ENABLE
logo
ON Semiconductor
CS5112 ONSEMI-CS5112 Datasheet
121Kb / 13P
   1.4 A Switching Regulator with 5.0 V, 100 mA Linear Regulator with Watchdog, RESET and ENABLE
October, 2005 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com