Selected language     English  ▼


8-147099-8 Datasheet(PDF) 7 Page - Tyco Electronics

Part No. 8-147099-8
Description  Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 2.54 x 2.54 Centerline, End To End Stackable
Download  98 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

 7 page
background image
187
Catalog 1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 8-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Mod IV Receptacle Assemblies, Single-Row, Surface Mount,
.100 [2.54] Centerline with Compliant Pin Hold Downs
AMPMODU Interconnection System
Note: All part numbers are RoHS compliant.
5
Surface Mount, Single-Row,
Dual Entry with Compliant
Pin Holddowns
Material and Finish
Housing — Glass-filled thermoplastic,
black, 94V-0 rated
Contacts — Phosphor bronze, plated
as follows:
Plating A — Duplex .000030
[0.00076] gold on contact area,
.000150-.000300 [0.00381-0.00762]
matte tin on solder area all over .000050
[0.00127] nickel
Plating B — Duplex .000010
[0.000254] gold on contact area,
.000150-.000300 [0.00381-0.00762]
matte tin on solder area all over .000050
[0.00127] nickel
Plating C — .000150-.000300
[0.00381-0.00762] matte tin on solder
leads, all over .000050 [0.00127] nickel
Related Product Data
Mateable Headers —
Refer to Mating Post Selection Guide —
page 90
Performance Specifications —
page 186
.265
[6.73]
Typ.
.038
[0.97]
.020
[0.51]
.030 0.76
.025 [0.64 ]
Typ.
.140
[3.56]
.100
[2.54]
Typ.
.107
[2.72]
(Localized Gold
Plate Area)
.208
[5.28]
Max.
(Depressed)
.148
[3.77]
Point of
Contact
D
C
A
D
B
C
P.C. Board
.069
[1.75]
.090
[2.28]
Typ.
.060
[1.52]
Min.
.100
[2.54]
.040±.003
[1.02±0.08]
Dia. Typ.
(For bottom
entry or pass
thru applica-
tions)
.042±.003
[1.07±0.08]
Dia.
.075
[1.91]
.110
[2.79]
.228
[5.78]
Recommended PC Board Pad Pattern
(.008 [0.20] thick stencil)
Packaged in Tubes
Packaged in Tape & Reel
No. of
Dimensions
Contact Plating/ Part Nos.
Contact Plating/ Part Nos.
Pos.
AB
C
D
Plating A
Plating B
Plating C
Plating A
Plating B
Plating C
3
.500 [12.70]
.200
[5.08]
See note 3
.400 [10.16]
5-147744-1
5-147743-1
5-147742-1
5-147724-1
5-147730-1
5-147731-1
4
.600 [15.24]
.300
[7.62]
See note 3
.500 [12.70]
5-147744-2
5-147743-2
5-147742-2
5-147724-2
5-147730-2
5-147731-2
5
.700 [17.78]
.400 [10.16]
See note 3
.600 [15.24]
5-147744-3
5-147743-3
5-147742-3
5-147724-3
5-147730-3
5-147731-3
6
.800 [20.32]
.500 [12.70]
See note 3
.700 [17.78]
5-147744-4
5-147743-4
5-147742-4
5-147724-4
5-147730-4
5-147731-4
7
.900 [22.86]
.600 [15.24]
See note 3
.800 [20.32]
5-147744-5
5-147743-5
5-147742-5
5-147724-5
5-147730-5
5-147731-5
8
1.000 [25.40]
.700 [17.78]
See note 3
.900 [22.86]
5-147744-6
5-147743-6
5-147742-6
5-147724-6
5-147730-6
5-147731-6
9
1.100 [27.94]
.800 [20.32]
See note 3
1.000 [25.40]
5-147744-7
5-147743-7
5-147742-7
5-147724-7
5-147730-7
5-147731-7
10
1.200 [30.48]
.900 [22.86]
See note 3
1.100 [27.94]
5-147744-8
5-147743-8
5-147742-8
5-147724-8
5-147730-8
5-147731-8
11
1.300 [33.02]
1.000 [25.40]
See note 3
1.200 [30.48]
5-147744-9
5-147743-9
5-147742-9
5-147724-9
5-147730-9
5-147731-9
12
1.400 [35.56]
1.100 [27.94]
See note 3
1.300 [33.02]
6-147744-0
6-147743-0
6-147742-0
6-147724-0
6-147730-0
6-147731-0
13
1.500 [38.10]
1.200 [30.48]
See note 3
1.400 [35.56]
6-147744-1
6-147743-1
6-147742-1
6-147724-1
6-147730-1
6-147731-1
14
1.600 [40.64]
1.300 [33.02]
See note 3
1.500 [38.10]
6-147744-2
6-147743-2
6-147742-2
6-147724-2
6-147730-2
6-147731-2
15
1.700 [43.18]
1.400 [35.56]
See note 3
1.600 [40.64]
6-147744-3
6-147743-3
6-147742-3
6-147724-3
6-147730-3
6-147731-3
16
1.800 [45.72]
1.500 [38.10]
See note 3
1.700 [43.18]
6-147744-4
6-147743-4
6-147742-4
6-147724-4
6-147730-4
6-147731-4
17
1.900 [48.26]
1.600 [40.64]
See note 3
1.800 [45.72]
6-147744-5
6-147743-5
6-147742-5
6-147724-5
6-147730-5
6-147731-5
18
2.000 [50.80]
1.700 [43.18]
See note 3
1.900 [48.26]
6-147744-6
6-147743-6
6-147742-6
6-147724-6
6-147730-6
6-147731-6
19
2.100 [53.34]
1.800 [45.72]
See note 3
2.000 [50.80]
6-147744-7
6-147743-7
6-147742-7
6-147724-7
6-147730-7
6-147731-7
20
2.200 [55.88]
1.900 [48.26]
See note 3
2.100 [53.34]
6-147744-8
6-147743-8
6-147742-8
6-147724-8
6-147730-8
6-147731-8
30
3.200 [81.28]
2.900 [73.66]
See note 3
3.100 [78.74]
7-147744-8
7-147743-8
7-147742-8
7-147724-8
7-147730-8
7-147731-8
40
4.300 [109.22]
4.100 [104.14]
2.100 [53.34] 4.200 [106.68]
8-147744-8
8-147743-8
8-147742-8
8-147724-8
8-147730-8
8-147731-8
Notes: 1. Tyco Electronics recommends mating gold or duplex plated headers with duplex plated receptacle assemblies.
2. To obtain the minimum mating post length, add .020 [0.51] (not including the post lead in chamfer) to the maximum point-of-contact dimension, and
.062 [1.57] for recommended board thickness if used in bottom entry application
3. No center hold down.
.042±.003
[1.07±0.08]
Dia.
.042±.003
[1.07±0.08]
Dia.
Standoffs
Typ.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl