Selected language     English  ▼


8-147099-8 Datasheet(PDF) 1 Page - Tyco Electronics

Part No. 8-147099-8
Description  Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 2.54 x 2.54 Centerline, End To End Stackable
Download  98 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

 
 1 page
background image
181
Catalog 1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 8-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Mod IV Receptacle Assemblies, Single-Row, Outrigger Design
.100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
AMPMODU Interconnection System
5
No. of
Dimensions
Contact Plating/Part Nos.
Pos.
A
B
Plating A
Plating B
Plating C
3
.300 [7.62]
.200 [5.08]
5-147720-2
5-147726-2
5-147727-2
4
.400 [10.16]
.300 [7.62]
5-147720-3
5-147726-3
5-147727-3
5
.500 [12.70]
.400 [10.16]
5-147720-4
5-147726-4
5-147727-4
6
.600 [15.24]
.500 [12.70]
5-147720-5
5-147726-5
5-147727-5
7
.700 [17.78]
.600 [15.24]
5-147720-6
5-147726-6
5-147727-6
8
.800 [20.32]
.700 [17.78]
5-147720-7
5-147726-7
5-147727-7
9
.900 [22.86]
.800 [20.32]
5-147720-8
5-147726-8
5-147727-8
10
1.000 [25.40]
.900 [22.86]
5-147720-9
5-147726-9
5-147727-9
11
1.100 [27.94]
1.000 [25.40]
6-147720-0
6-147726-0
6-147727-0
12
1.200 [30.48]
1.100 [27.94]
6-147720-1
6-147726-1
6-147727-1
13
1.300 [33.02]
1.200 [30.48]
6-147720-2
6-147726-2
6-147727-2
14
1.400 [35.56]
1.300 [33.02]
6-147720-3
6-147726-3
6-147727-3
15
1.500 [38.10]
1.400 [35.56]
6-147720-4
6-147726-4
6-147727-4
16
1.600 [40.64]
1.500 [38.10]
6-147720-5
6-147726-5
6-147727-5
17
1.700 [43.18]
1.600 [40.64]
6-147720-6
6-147726-6
6-147727-6
18
1.800 [45.72]
1.700 [43.18]
6-147720-7
6-147726-7
6-147727-7
19
1.900 [48.26]
1.800 [45.72]
6-147720-8
6-147726-8
6-147727-8
20
2.000 [50.80]
1.900 [48.26]
7-147720-8
7-147726-8
7-147727-8
30
3.000 [76.20]
2.900 [73.66]
8-147720-8
8-147726-8
8-147727-8
40
4.000 [101.60]
3.900 [99.06]
8-147720-9
8-147726-9
8-147727-9
Notes: 1. Tyco Electronics recommends mating gold or duplex plated headers with duplex plated receptacle
assemblies.
2. To obtain the minimum mating post length, add .020 [0.51] (not including the post lead in chamfer) to
the maximum point-of-contact dimension and add .062 [1.57] for recommended board thickness if used in
bottom entry application.
Material and Finish
Housing — Glass-filled thermoplastic,
black, 94V-0 rated
Plating A — Duplex .000030 [0.00076]
gold on contact area, .000150-0.000300
[0.00381-0.00762] matte tin on solder
area all over .000050 [0.00127] nickel
Plating B — Duplex .000010
[0.000254] gold on contact area,
.000150-.000300 [0.00381-0.00762]
matte tin on solder area all over .000050
[0.00127] nickel
Plating C — .000150-.000300
[0.00381-0.00762] matte tin on solder
leads, all over .000050 [0.00127] nickel
.245
[6.22]
.140
[3.56]
.075
+.005
-.000
[1.90 +0.13]
-.000
.140
[3.56]
.125±.010
[3.17±0.25]
Typ.
Recommended PC Board Hole Layout
.020
[0.51]
(Standoffs)
B
.100
[2.54]
Typ.
.053
[1.34]
Typ.
.200
[5.08]
.035±.003
[0.89±0.08]
Dia.
.200±.003
[5.08±0.08]
Typ.
.100
[2.54]
Typ.
A
Dual Entry, End Stackable,
Low Profile, .100 x .100
[2.54 x 2.54] Centerline,
.200 [5.08] Tine Spacing
.107
[2.72]
(Localized Gold
Plate Area)
.148
[3.77]
Typ.
Point of
Contact
Note: All part numbers are RoHS
compliant.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl