Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8-147099-8 Datasheet(PDF) 20 Page - Tyco Electronics

Part # 8-147099-8
Description  Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 2.54 x 2.54 Centerline, End To End Stackable
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

8-147099-8 Datasheet(HTML) 20 Page - Tyco Electronics

Back Button 8-147099-8 Datasheet HTML 16Page - Tyco Electronics 8-147099-8 Datasheet HTML 17Page - Tyco Electronics 8-147099-8 Datasheet HTML 18Page - Tyco Electronics 8-147099-8 Datasheet HTML 19Page - Tyco Electronics 8-147099-8 Datasheet HTML 20Page - Tyco Electronics 8-147099-8 Datasheet HTML 21Page - Tyco Electronics 8-147099-8 Datasheet HTML 22Page - Tyco Electronics 8-147099-8 Datasheet HTML 23Page - Tyco Electronics 8-147099-8 Datasheet HTML 24Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 98 page
background image
200
Catalog 1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 8-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Headers, Right-Angle Post, Double-Row, .100 x .100 [2.54 x 2.54]
Centerline
AMPMODU Interconnection System
Note: All part numbers are RoHS compliant.
5
Card Extender
(with Pin Protection
and Guide Pins)
Material and Finish
Housing — Glass-filled thermoplastic,
black, 94V-0 rated
Posts — Phosphor bronze, plated as
follows:
Plating A — Duplex plated .000030
[0.00076] gold on contact area,
.000100-.000200 [0.00254-0.00508]
matte tin on termination end, with entire
post underplated .000050 [0.00127]
nickel
Plating B — Duplex plated .000015
[0.00038] gold on contact area,
.000100-.000200 [0.00254-0.00508]
matte tin on termination end, with entire
post underplated .000050 [0.00127]
nickel
Related Product Data
Mateable Receptacles —
pages 195, 196
Performance Specifications —
page 194
Technical Documents — page 276
Product Specification
108-25017
Application Specification
114-9009
Additional header sizes are
available; minimum order
quantities may apply. Consult
Tyco Electronics.
.065
[1.65]
R
(2 Plc.)
.040
[1.02]
Typ.
.200
[5.08]
Typ.
.185
[4.70]
Typ.
.100
[2.54]
Pos.
Ref.
Board Retention Tails
(where indicated)
.599
[15.21]
.762
[19.35]
Max.
.035±.003
[0.89±0.08]
Dia. Typ.
(Standard
Finished Hole)
.157
[3.99]
.157
[3.99]
.320
[8.13]
.320
[8.13]
.100
[2.54]
.125
[3.18]
.125
[3.18]
.100
[2.54]
(Localized
Gold Plate
Area)
.040±.003
[1.02±0.08]
(Finished
Hole
w/Bd. Ret.)
A
B
Recommended PC Board Hole Layout
(for .055 [1.40] min. thick PC board)
Tolerances not to accumulate within one
connector pattern.
.025 [0.64] Square
Board Retention Tails
.100±.003
[2.54±0.08]
Header Part Nos. with .125 [3.18] Tail Length
No. of
Dimensions
Standard Solder Tails
Board Retention Tails
Pos.
AB
Plating A
Plating B
Plating A
12
.980 [24.89]
.500 [12.70]
6-102802-2
5-102589-8
5-534245-5
16
1.180 [29.97]
.700 [17.78]
6-102802-4
5-534245-4
20
1.380 [35.05]
.900 [22.86]
6-102802-5
6-102589-2
5-534245-6
24
1.580 [40.13]
1.100 [27.94]
6-102802-3
5-102589-6
5-534245-7
30
1.880 [47.75]
1.400 [35.56]
6-102802-6
5-102589-4
5-534245-2
36
2.180 [55.37]
1.700 [43.18]
5-102802-3
5-102589-2
5-534245-8
40
2.380 [60.45]
1.900 [48.26]
5-102802-8
6-102589-3
50
2.880 [73.15]
2.400 [60.96]
5-102802-4
5-102589-5
5-534245-1
60
3.380 [85.85]
2.900 [73.66]
5-102802-9
5-102589-7
72
3.980 [101.09]
3.500 [88.90]
6-102802-7
6-102589-7
80
4.380 [111.25]
3.900 [99.06]
5-102802-5
5-102589-1
6-534245-0
90
4.880 [123.95]
4.400 [111.76]
6-102802-0
6-102589-4
100
5.380 [136.65]
4.900 [124.46]
5-102802-6
5-102589-3
6-534245-1
120
6.380 [162.05]
5.900 [149.86]
5-102802-2
6-102589-1
5-534245-3
130
6.880 [174.75]
6.400 [162.56]
6-102802-9
6-102589-9
6-534245-3
Note: Headers with make first/break last posts can be made available, consult Tyco Electronics.
2 3 4
.100±.003
[2.54±0.08]


Similar Part No. - 8-147099-8

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
8-147099-8 MACOM-8-147099-8 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies
8-147099-8 MACOM-8-147099-8 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
8-147099-8 MACOM-8-147099-8 Datasheet
4Mb / 98P
   AMPMODU Interconnection System
More results

Similar Description - 8-147099-8

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5-104935-4 MACOM-5-104935-4 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
1-87456-1 MACOM-1-87456-1 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
2-87631-5 MACOM-2-87631-5 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
5-104361-8 MACOM-5-104361-8 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
logo
Adam Technologies, Inc.
BHR50VU ADAM-TECH-BHR50VU Datasheet
122Kb / 1P
   .100 BOX HEADERS .100 X .100 [2.54 X 2.54] CENTERLINE
MHR40VUAL ADAM-TECH-MHR40VUAL Datasheet
130Kb / 1P
   .100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
FCS50SG ADAM-TECH-FCS50SG Datasheet
131Kb / 1P
   .100 IDC SOCKET .100 X .100 [2.54 X 2.54] CENTERLINE
MHR ADAM-TECH-MHR Datasheet
97Kb / 1P
   .100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
BHR-10-VSGA ADAM-TECH-BHR-10-VSGA Datasheet
489Kb / 3P
   100 BOX HEADERS 100 x .100 2.54 x 2.54 CENTERLINE
BHRE50VUAXXX ADAM-TECH-BHRE50VUAXXX Datasheet
130Kb / 1P
   .100 ELEVATED BOX HEADERS.100 X .100 [2.54 X 2.54] CENTERLINE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com