Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9-147099-0 Datasheet(PDF) 72 Page - Tyco Electronics

Part # 9-147099-0
Description  Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 2.54 x 2.54 Centerline, End To End Stackable
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

9-147099-0 Datasheet(HTML) 72 Page - Tyco Electronics

Back Button 9-147099-0 Datasheet HTML 68Page - Tyco Electronics 9-147099-0 Datasheet HTML 69Page - Tyco Electronics 9-147099-0 Datasheet HTML 70Page - Tyco Electronics 9-147099-0 Datasheet HTML 71Page - Tyco Electronics 9-147099-0 Datasheet HTML 72Page - Tyco Electronics 9-147099-0 Datasheet HTML 73Page - Tyco Electronics 9-147099-0 Datasheet HTML 74Page - Tyco Electronics 9-147099-0 Datasheet HTML 75Page - Tyco Electronics 9-147099-0 Datasheet HTML 76Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 98 page
background image
252
Catalog 1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 8-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
MTE Headers, Vertical, Polarized/Latching, Surface Mount
AMPMODU Interconnection System
5
.075
[1.90]
.535
[13.59]
.063
[1.52]
E
.025
Typ.
[0.62]
.313
[7.62]
A
B
K
K
.025
[0.64]
Typ.
.100
[2.54]
.200
[5.08]
.120
[3.05]
.230
[5.84]
Pick and Place Cap
Position No. 1 Indicator
Position No. 1
.100
[2.54]
Typ.
.055±.003
[1.40±0.08]
Ø .052
+ .002
– .003
[1.32 + 0.05
– 0.07
]
.070±.002
[1.78±0.05]
.088±.003
[2.25±0.08]
D
C
0.06
[1.53]
.113
[2.88]
.227
[5.76]
No. of
Dimensions
Vertical SMT Headers
Pos.
A
B
C
D
E
Plating A
Plating B
Plating C
2
.300[7.62]
.220[5.59]
.100[2.54]
.220[5.60]
.110[2.80]
5-1375583-1
5-1375582-1
5-1375549-1
3
.400[10.16]
.320[8.13]
.200[5.08]
.320[8.14]
.160[4.07]
5-1375583-2
5-1375582-2
5-1375549-2
4
.500[12.70]
.420[10.67]
.300[7.62]
.420[10.68]
.210[5.34]
5-1375583-3
5-1375582-3
5-1375549-3
5
.600[15.24]
.520[13.21]
.400[10.16]
.520[13.22]
.260[6.61]
5-1375583-4
5-1375582-4
5-1375549-4
6
.700[17.78]
.620[15.75]
.500[12.70]
.620[15.76]
.310[7.88]
5-1375583-5
5-1375582-5
5-1375549-5
7
.800[20.32]
.720[18.29]
.600[15.24]
.720[18.30]
.360[9.15]
5-1375583-6
5-1375582-6
5-1375549-6
8
.900[22.86]
.820[20.83]
.700[17.78]
.820[20.84]
.410[10.42]
5-1375583-7
5-1375582-7
5-1375549-7
9
1.000[25.40]
.920[23.37]
.800[20.32]
.920[23.38]
.460[11.69]
5-1375583-8
5-1375582-8
5-1375549-8
10 1.100[27.94]
1.020[25.91]
.900[22.86]
1.020[25.92]
.510[12.96]
5-1375583-9
5-1375582-9
5-1375549-9
11 1.200[30.48]
1.120[28.45]
1.000[25.40]
1.120[28.46]
.560[14.23]
6-1375583-0
6-1375582-0
6-1375549-0
12 1.300[33.02]
1.220[30.99]
1.100[27.94]
1.220[31.00]
.610[15.50]
6-1375583-1
6-1375582-1
6-1375549-1
13 1.400[35.56]
1.320[33.53]
1.200[30.48]
1.320[33.54]
.660[16.77]
6-1375583-2
6-1375582-2
6-1375549-2
14 1.500[38.10]
1.420[36.07]
1.300[33.02]
1.420[36.08]
.710[18.04]
6-1375583-3
6-1375582-3
6-1375549-3
15 1.600[40.64]
1.520[38.61]
1.400[35.56]
1.520[38.62]
.760[19.31]
6-1375583-4
6-1375582-4
6-1375549-4
16 1.700[43.18]
1.620[41.15]
1.500[38.10]
1.620[41.16]
.810[20.58]
6-1375583-5
6-1375582-5
6-1375549-5
17 1.800[45.72]
1.720[43.69]
1.600[40.64]
1.720[43.70]
.860[21.85]
6-1375583-6
6-1375582-6
6-1375549-6
18 1.900[48.26]
1.820[46.23]
1.700[43.18]
1.820[46.24]
.910[23.12]
6-1375583-7
6-1375582-7
6-1375549-7
19 2.000[50.80]
1.920[48.77]
1.800[45.72]
1.920[48.78]
.960[24.39]
6-1375583-8
6-1375582-8
6-1375549-8
20 2.100[53.34]
2.020[51.31]
1.900[48.26]
2.020[51.32]
1.010[25.66]
6-1375583-9
6-1375582-9
6-1375549-9
21 2.200[55.88]
2.120[53.85]
2.000[50.80]
2.120[53.86]
1.060[26.93]
7-1375583-0
7-1375582-0
7-1375549-0
22 2.300[58.42]
2.220[56.39]
2.100[53.34]
2.220[56.40]
1.110[28.20]
7-1375583-1
7-1375582-1
7-1375549-1
23 2.400[60.96]
2.320[58.93]
2.200[55.88]
2.320[58.94]
1.160[29.47]
7-1375583-2
7-1375582-2
7-1375549-2
24 2.500[63.50]
2.420[61.47]
2.300[58.42]
2.420[61.48]
1.210[30.74]
7-1375583-3
7-1375582-3
7-1375549-3
25 2.600[66.04]
2.520[64.01]
2.400[60.96]
2.520[64.02]
1.260[32.01]
7-1375583-4
7-1375582-4
7-1375549-4
Material and Finish
Housing — Black thermoplastic, 94V-0
rated
Posts — Brass, plated as follows:
Plating A — Duplex plated .000030
[.00076] gold on contact area, .000100
[.00254] min. tin on solder area, with
entire post underplated .000050
[.00127] nickel.
Plating B — Duplex plated .000015
[.00038] gold on contact area, .000100
[.00254] min. tin on solder area, with
entire post underplated .000050
[.00127] nickel.
Plating C — .000100 [.00254] tin
over .000050 [.00127] nickel on entire
post
Recommended
PC Board Layout
(Refer to MTE Application Spec.
114-25026 for Stencil Aperature Layout
using .006 [0.152] or .008 [0.203]
stencil thickness
Related Product Data
Mateable AMPMODU MTE
Products —
Receptacle Assemblies (Polarized/
Latching) — pages 230, 231
Receptacle Assemblies with Guide
Ribs (installed in Single-Row
Coupling Shroud) — pages 232, 233,
235, 240
Technical Documents
pages 277, 278
Product Specification
108-25034
Application Specification
114-25026
Ø
Plated Thru-Hole
Section K-K
Note: All part numbers are RoHS
compliant.
Recommended PC Board Layout


Similar Part No. - 9-147099-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
9-147099-0 MACOM-9-147099-0 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies
9-147099-0 MACOM-9-147099-0 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
9-147099-0 MACOM-9-147099-0 Datasheet
4Mb / 98P
   AMPMODU Interconnection System
More results

Similar Description - 9-147099-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5-104935-4 MACOM-5-104935-4 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
1-87456-1 MACOM-1-87456-1 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
2-87631-5 MACOM-2-87631-5 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
5-104361-8 MACOM-5-104361-8 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
logo
Adam Technologies, Inc.
BHR50VU ADAM-TECH-BHR50VU Datasheet
122Kb / 1P
   .100 BOX HEADERS .100 X .100 [2.54 X 2.54] CENTERLINE
MHR40VUAL ADAM-TECH-MHR40VUAL Datasheet
130Kb / 1P
   .100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
FCS50SG ADAM-TECH-FCS50SG Datasheet
131Kb / 1P
   .100 IDC SOCKET .100 X .100 [2.54 X 2.54] CENTERLINE
MHR ADAM-TECH-MHR Datasheet
97Kb / 1P
   .100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
BHR-10-VSGA ADAM-TECH-BHR-10-VSGA Datasheet
489Kb / 3P
   100 BOX HEADERS 100 x .100 2.54 x 2.54 CENTERLINE
BHRE50VUAXXX ADAM-TECH-BHRE50VUAXXX Datasheet
130Kb / 1P
   .100 ELEVATED BOX HEADERS.100 X .100 [2.54 X 2.54] CENTERLINE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com