Electronic Components Datasheet Search |
|
9-147099-0 Datasheet(PDF) 89 Page - Tyco Electronics |
|
9-147099-0 Datasheet(HTML) 89 Page - Tyco Electronics |
89 / 98 page 269 Catalog 1307819 Dimensions are in inches and Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-2103-6000 Revised 8-08 millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com are metric equivalents. to change. C. America: 52-55-1106-0803 UK: 44-8706-080-208 Mini-Tandem Spring Contacts AMPMODU Interconnection System Note: All part numbers are RoHS compliant. 5 Receptacle Contacts Material and Finish Phosphor bronze, plated as follows: Plating A — Duplex plated .000030 [0.00076] gold inlay on contact area, matte tin in crimp area, with entire contact underplated .000050 [0.00127] nickel Plating B — Duplex plated .000015 [0.00038] gold inlay on contact area, matte tin in crimp area, with entire contact underplated .000050 [0.00127] nickel Plating C — Duplex plated .000050 [0.00127] over matte tin in contact area, over .000030 [0.00076] nickel on entire contact Plating D — .000100 [0.00254] min. matte tin over .000030 [0.00076] nickel on entire contact Technical Documents — pages 277, 278 Product Specification 108-25031 Application Specification 114-25021 .060 [1.52] .085 [2.15] Min. Contact Area with Gold Inlay .060 [1.52] Low Pressure Contacts Miniature Applicator for Wire Size Range Ins. Dia. Contact Part No. Applicator for AMP-O-MATIC AWG mm2 Range Finish Strip Form Loose Piece AMP-O-LECTRIC Stripper/Crimper Machine* Machine 26-22 0.14-0.32 0.36-0.54 Plating A 5531216-3 5531216-4 466819-2 466943-1 [0.64-1.37] Plating B 5531216-1 5531216-2 Standard Pressure Contacts Miniature Applicator for Wire Size Range Ins. Dia. Contact Part No. Applicator for AMP-O-MATIC AWG mm2 Range Finish Strip Form Loose Piece AMP-O-LECTRIC Stripper/Crimper Machine* Machine .025-.054 Plating B 530901-2 530901-3 32-28 0.03-0.08 [0.64-1.37] Plating C 5530901-6 5530901-7 466723-1 466952-1 Plating D 5530901-4 5530901-5 .036-.054 Plating B 5530553-4 — 26-22 0.14-0.32 [0.91-1.37] Plating C 5530553-6 — 466819-2 466943-1 Plating D 5530553-2 — High Pressure Contacts Miniature Applicator for Wire Size Range Ins. Dia. Contact Part No. Applicator for AMP-O-MATIC AWG mm2 Range Finish Strip Form Loose Piece AMP-O-LECTRIC Stripper/Crimper Machine* Machine 32-28 0.03-0.08 .025-.054 Plating B 5531225-6 — 466723-1 466952-1 [0.64-1.37] 26-22 0.14-0.32 .036-.054 Plating B 5531224-6 — 466819-2 466943-1 [0.91-1.37] *For use with AMP-O-LECTRIC Model “K” machines. Call the Tooling/Technical Assistance Center (1-800-522-6752) for part nos. of applicators for use with the AMP-O-LECTRIC Model “G” machines (shown on page 270), as well as other bench machines and fully automatic AMPOMATOR lead making machines. Notes: 1. Mini-Tandem Spring Receptacle Contacts are for use only in the housings shown on pages 267 & 268. They cannot be used in AMPMODU Mod IV Housings. 2. Use Hand Tool No. 91540-1 for crimping loose-piece receptacles to all wire sizes listed above. 3. Application tooling is described on pages 270 & 275. |
Similar Part No. - 9-147099-0 |
|
Similar Description - 9-147099-0 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |