Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9-147099-0 Datasheet(PDF) 94 Page - Tyco Electronics

Part # 9-147099-0
Description  Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 2.54 x 2.54 Centerline, End To End Stackable
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

9-147099-0 Datasheet(HTML) 94 Page - Tyco Electronics

Back Button 9-147099-0 Datasheet HTML 90Page - Tyco Electronics 9-147099-0 Datasheet HTML 91Page - Tyco Electronics 9-147099-0 Datasheet HTML 92Page - Tyco Electronics 9-147099-0 Datasheet HTML 93Page - Tyco Electronics 9-147099-0 Datasheet HTML 94Page - Tyco Electronics 9-147099-0 Datasheet HTML 95Page - Tyco Electronics 9-147099-0 Datasheet HTML 96Page - Tyco Electronics 9-147099-0 Datasheet HTML 97Page - Tyco Electronics 9-147099-0 Datasheet HTML 98Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 94 / 98 page
background image
274
Catalog 1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 8-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
AMPMODU Interconnection System
Note: All part numbers are RoHS compliant.
5
Tooling shown on this page
is designed to terminate
IDC contacts for various
AMPMODU wire-to-board
connectors. Refer to page
88 to determine the appli-
cable connectors.
Tube-Fed Ribbon Cable Machine
2700 lb. Power Unit With
Cable Notching Die
Equipped with a cable
notching die an adapter kit,
this fully pneumatic bench
machine provides the 2700 lb
[12 010N] force required for
end-notching ribbon cable.
It features a grooved cable
support plate, a pressure
plate and a cable stop to
facilitate cable alignment
and positioning during the
notching process.
Notching Dies:
854449-1 (for 24-22 AWG
[0.2-0.6 mm2] Wire
854449-2 (for 28-26 AWG
[0.08-0.15 mm2] Wire
Tube-Fed Ribbon Cable Machine No. 856002-1
2700 lb. Power Unit
No. 312522-1
spring-driven unit which
conveys connectors
through the product tube to
the terminating station. The
air-operated terminating sta-
tion positions and termi-
nates contacts onto the
notched cable. The seating
station is manually operated
and seats connector hous-
ings onto the terminated
contacts.
Designed for bench appli-
cations, this machine is
pneumatically operated and
controlled by a foot pedal. It
terminates connectors onto
end-notched ribbon cable.
*The connectors are sup-
plied in strip form and in
plastic tubes. The machine
consists of three basic sub-
assemblies: a feed track, a
terminating station and a
seating station. The feed
track is a constant force,
*At a rate of 13-25 positions at a time.
Application Tooling for Insulation Displacement Crimp (IDC)
Contacts and Connectors (Continued)


Similar Part No. - 9-147099-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
9-147099-0 MACOM-9-147099-0 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies
9-147099-0 MACOM-9-147099-0 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
9-147099-0 MACOM-9-147099-0 Datasheet
4Mb / 98P
   AMPMODU Interconnection System
More results

Similar Description - 9-147099-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5-104935-4 MACOM-5-104935-4 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
1-87456-1 MACOM-1-87456-1 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
2-87631-5 MACOM-2-87631-5 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
5-104361-8 MACOM-5-104361-8 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
logo
Adam Technologies, Inc.
BHR50VU ADAM-TECH-BHR50VU Datasheet
122Kb / 1P
   .100 BOX HEADERS .100 X .100 [2.54 X 2.54] CENTERLINE
MHR40VUAL ADAM-TECH-MHR40VUAL Datasheet
130Kb / 1P
   .100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
FCS50SG ADAM-TECH-FCS50SG Datasheet
131Kb / 1P
   .100 IDC SOCKET .100 X .100 [2.54 X 2.54] CENTERLINE
MHR ADAM-TECH-MHR Datasheet
97Kb / 1P
   .100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
BHR-10-VSGA ADAM-TECH-BHR-10-VSGA Datasheet
489Kb / 3P
   100 BOX HEADERS 100 x .100 2.54 x 2.54 CENTERLINE
BHRE50VUAXXX ADAM-TECH-BHRE50VUAXXX Datasheet
130Kb / 1P
   .100 ELEVATED BOX HEADERS.100 X .100 [2.54 X 2.54] CENTERLINE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com