Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9-147099-0 Datasheet(PDF) 26 Page - Tyco Electronics

Part # 9-147099-0
Description  Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 2.54 x 2.54 Centerline, End To End Stackable
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

9-147099-0 Datasheet(HTML) 26 Page - Tyco Electronics

Back Button 9-147099-0 Datasheet HTML 22Page - Tyco Electronics 9-147099-0 Datasheet HTML 23Page - Tyco Electronics 9-147099-0 Datasheet HTML 24Page - Tyco Electronics 9-147099-0 Datasheet HTML 25Page - Tyco Electronics 9-147099-0 Datasheet HTML 26Page - Tyco Electronics 9-147099-0 Datasheet HTML 27Page - Tyco Electronics 9-147099-0 Datasheet HTML 28Page - Tyco Electronics 9-147099-0 Datasheet HTML 29Page - Tyco Electronics 9-147099-0 Datasheet HTML 30Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 98 page
background image
5
206
Catalog 1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 8-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Locking Clip Contacts and Housings
AMPMODU Interconnection System
.100 x .100
[2.54 x 2.54]
Contact
Clearance
Hole
Product Facts
Self-retaining contacts
provide permanent
connection with quick
connect and disconnect
Fast, easy installation with
no additional locking
hardware required
Mates with .025 [0.64]
square posts in a variety
of configurations
Single- and double-row
configurations in up to
20 positions on .100 [2.54]
centers
Modular design permits
end-to-end stacking
(double- row only) for
circuit grouping
Choice of tin or select gold
plating
Housings made of 94V-0
rated glass-filled polyester
Recognized under the
Component Program
of Underwriters
Laboratories Inc.,
File No. E28476
Certified by Canadian
Standards
Association,
File No. LR 7189
.273/.350*
[6.93/8.89]
(with housing)
Extraction
Tool Slot
.200/.277*
[5.08/7.04]
(without
housing
PC Board
Single Row
Both Ends
Closed
(Page 208)
Single
Contact
(Page 207)
Both Ends
Closed
(for specified
no. of circuits—
housing size)
(Page 209)
Right End
Open (for
stacking to
right side)
(Page 209)
Left End
Open (for
stacking to
left side)
(Page 209)
Typical Application
*If post is longer than maximum specified, post tip may butt against wire ends.
Dimension defines .025 x .025 [0.64 x 0.64] portion of post.
Performance
Characteristics
Contact Current Rating —
3 amperes
Termination Resistance —
12 milliohms (max.) — Gold plated
contacts
16 milliohms (max.) — Tin plated
contacts
Durability — Ref. Product
Specification 108-36028 and
108-36028-1
.025
[0.64]
Sq. Posts
R
R


Similar Part No. - 9-147099-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
9-147099-0 MACOM-9-147099-0 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies
9-147099-0 MACOM-9-147099-0 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
9-147099-0 MACOM-9-147099-0 Datasheet
4Mb / 98P
   AMPMODU Interconnection System
More results

Similar Description - 9-147099-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5-104935-4 MACOM-5-104935-4 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
1-87456-1 MACOM-1-87456-1 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
2-87631-5 MACOM-2-87631-5 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
5-104361-8 MACOM-5-104361-8 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
logo
Adam Technologies, Inc.
BHR50VU ADAM-TECH-BHR50VU Datasheet
122Kb / 1P
   .100 BOX HEADERS .100 X .100 [2.54 X 2.54] CENTERLINE
MHR40VUAL ADAM-TECH-MHR40VUAL Datasheet
130Kb / 1P
   .100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
FCS50SG ADAM-TECH-FCS50SG Datasheet
131Kb / 1P
   .100 IDC SOCKET .100 X .100 [2.54 X 2.54] CENTERLINE
MHR ADAM-TECH-MHR Datasheet
97Kb / 1P
   .100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
BHR-10-VSGA ADAM-TECH-BHR-10-VSGA Datasheet
489Kb / 3P
   100 BOX HEADERS 100 x .100 2.54 x 2.54 CENTERLINE
BHRE50VUAXXX ADAM-TECH-BHRE50VUAXXX Datasheet
130Kb / 1P
   .100 ELEVATED BOX HEADERS.100 X .100 [2.54 X 2.54] CENTERLINE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com