Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9-147099-0 Datasheet(PDF) 48 Page - Tyco Electronics

Part # 9-147099-0
Description  Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 2.54 x 2.54 Centerline, End To End Stackable
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

9-147099-0 Datasheet(HTML) 48 Page - Tyco Electronics

Back Button 9-147099-0 Datasheet HTML 44Page - Tyco Electronics 9-147099-0 Datasheet HTML 45Page - Tyco Electronics 9-147099-0 Datasheet HTML 46Page - Tyco Electronics 9-147099-0 Datasheet HTML 47Page - Tyco Electronics 9-147099-0 Datasheet HTML 48Page - Tyco Electronics 9-147099-0 Datasheet HTML 49Page - Tyco Electronics 9-147099-0 Datasheet HTML 50Page - Tyco Electronics 9-147099-0 Datasheet HTML 51Page - Tyco Electronics 9-147099-0 Datasheet HTML 52Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 98 page
background image
228
Catalog 1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 8-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
MTE Receptacle Assemblies—Plain, Single-Row, .100 [2.54] Centerline
AMPMODU Interconnection System
5
Preassembled housings in strip
form are available in positions
2 thru 12. For ease of handling,
positions 2 thru 5 are recom-
mended when using the
Tyco Electronics Manual Pistol
Grip Tool.
Material and Finish
Housing — Black thermoplastic,
94V-0 rated
Contacts — Phosphor Bronze,
plated as follows:
Plating A — Duplex plated .000030
[0.00076] gold on contact area, .000050
[0.00127] min. tin in crimp area, with
entire contact underplated .000050
[0.00127] nickel
Plating B — Duplex plated .000015
[0.00038] gold on contact area, .000050
[0.00127] min. tin in crimp area, with
entire contact underplated .000050
[0.00127] nickel
Plating C — .000100 [0.00254] tin
over .000050 [0.00127] nickel on entire
contact
Note: Insulation displacement contacts
accept an insulation diameter of .030 [0.76]
min. to .054 [1.37] max. with an insula-
tion wall thickness of .015 [0.38] max.
Mating post length for preloaded housings
is .200 [5.08] min., .250 [6.35] max.
Related Product Data
Mateable AMPMODU Products
Breakaway Headers — pages 102-
110 (with .230 mating length)
Reeled Breakaway Headers —
pages 106, 107 (with .230 mating
length)
Machine Applied Bandolier
Posts — page 163
Single-Row Shrouded Headers
with .066 [1.68] End Dimension —
pages 115, 116
Interchangeable Crimp Contacts
(Short Point) — page 253
Application Tooling — page 273
Performance Specifications —
page 225
Technical Documents
pages 277, 278
Product Specification
108-25034
Application Specification
114-25026
Receptacle Contacts
(See Note 1)
Position No. 1 Indicator
(Farside)
1.120
[28.45]
.600
[15.24]
.098
[2.49]
.100
[2.54]
Typ.
B
Typ.
A
.520
[13.21]
These receptacle assemblies
with plain housings can be
stacked end-to-end and/or side-
to-side for single or double-row
connections to an open pin field
with a .100 [2.54] centerline grid.


Similar Part No. - 9-147099-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
9-147099-0 MACOM-9-147099-0 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies
9-147099-0 MACOM-9-147099-0 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
9-147099-0 MACOM-9-147099-0 Datasheet
4Mb / 98P
   AMPMODU Interconnection System
More results

Similar Description - 9-147099-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5-104935-4 MACOM-5-104935-4 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
1-87456-1 MACOM-1-87456-1 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
2-87631-5 MACOM-2-87631-5 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
5-104361-8 MACOM-5-104361-8 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
logo
Adam Technologies, Inc.
BHR50VU ADAM-TECH-BHR50VU Datasheet
122Kb / 1P
   .100 BOX HEADERS .100 X .100 [2.54 X 2.54] CENTERLINE
MHR40VUAL ADAM-TECH-MHR40VUAL Datasheet
130Kb / 1P
   .100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
FCS50SG ADAM-TECH-FCS50SG Datasheet
131Kb / 1P
   .100 IDC SOCKET .100 X .100 [2.54 X 2.54] CENTERLINE
MHR ADAM-TECH-MHR Datasheet
97Kb / 1P
   .100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
BHR-10-VSGA ADAM-TECH-BHR-10-VSGA Datasheet
489Kb / 3P
   100 BOX HEADERS 100 x .100 2.54 x 2.54 CENTERLINE
BHRE50VUAXXX ADAM-TECH-BHRE50VUAXXX Datasheet
130Kb / 1P
   .100 ELEVATED BOX HEADERS.100 X .100 [2.54 X 2.54] CENTERLINE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com