Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9-147099-0 Datasheet(PDF) 54 Page - Tyco Electronics

Part # 9-147099-0
Description  Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 2.54 x 2.54 Centerline, End To End Stackable
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

9-147099-0 Datasheet(HTML) 54 Page - Tyco Electronics

Back Button 9-147099-0 Datasheet HTML 50Page - Tyco Electronics 9-147099-0 Datasheet HTML 51Page - Tyco Electronics 9-147099-0 Datasheet HTML 52Page - Tyco Electronics 9-147099-0 Datasheet HTML 53Page - Tyco Electronics 9-147099-0 Datasheet HTML 54Page - Tyco Electronics 9-147099-0 Datasheet HTML 55Page - Tyco Electronics 9-147099-0 Datasheet HTML 56Page - Tyco Electronics 9-147099-0 Datasheet HTML 57Page - Tyco Electronics 9-147099-0 Datasheet HTML 58Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 98 page
background image
234
Catalog 1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 8-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
MTE High Pressure Receptacle Assemblies—Plain,
Single-Row, .100 [2.54] Centerline
AMPMODU Interconnection System
Note: All part numbers are RoHS compliant.
5
Receptacle Contacts
(See Note 1)
Position No. 1 Indicator
(Farside)
1.120
[28.45]
.600
[15.24]
.098
[2.49]
.100
[2.54]
Typ.
B
Typ.
A
.520
[13.21]
Strip Form
Strip Form
No. of
Dimensions
Housings
Receptacle
Receptacle
Pos.
Quantities Per
Assembly
Assembly
AB
Strip Segment
30-26 AWG
26-22 AWG
[.05-.15mm2] Wire
[.12-.30mm2] Wire
2
1.980 [50.29]
.198 [5.03]
10
5-104438-1
5-104439-1
3
1.490 [37.85]
.298 [7.57]
5
5-104438-2
5-104439-2
4
1.990 [50.55]
.398 [10.11]
5
5-104438-3
5-104439-3
5
1.990 [50.55]
.498 [12.65]
4
5-104438-4
5-104439-4
6
2.390 [60.71]
.598 [15.19]
4
5-104438-5
5-104439-5
7
1.400 [35.56]
.698 [17.73]
2
5-104438-6
5-104439-6
8
1.600 [40.64]
.798 [20.27]
2
5-104438-7
5-104439-7
9
1.800 [45.72]
.898 [22.81]
2
5-104438-8
5-104439-8
10
2.000 [50.80]
.998 [23.35]
2
5-104438-9
5-104439-9
11
2.200 [55.88]
1.098 [27.89]
2
6-104438-0
6-104439-0
12
2.400 [60.96]
1.198 [30.43]
2
6-104438-1
6-104439-1
Notes: 1. Receptacle assemblies are furnished with strip contacts partially inserted into housing—contacts latched
into “preload” windows. Contacts are fully inserted into housings automatically when terminated with
Tyco Electronics application machines, or manually when terminated with Tyco Electronics pistol grip
hand tool.
2. High pressure receptacle contacts can be made available in other housing styles and position sizes.
Contact your Tyco Electronics sales representative.
Preassembled housings in strip
form are available in positions
2 thru 12. For ease of handling,
positions 2 thru 5 are recom-
mended when using the
Tyco Electronics Manual Pistol
Grip Tool.
Material and Finish
Housing — Black thermoplastic,
94V-0 rated
Contacts — Phosphor Bronze, duplex
plated .000030 [0.00076] gold on
contact area, .000050 [0.00127] min.
tin in crimp area, with entire contact
underplated .000050 [0.00127] nickel
Note: Insulation displacement contacts
accept an insulation diameter of .030 [0.76]
min. to .054 [1.37] max. with an
insulation wall thickness of .015 [0.38]
max. Mating post length for preloaded
housings is .200 [5.08] min., .250 [6.35]
max.
Related Product Data
Mateable AMPMODU Products
Breakaway Headers — pages 102-
110, (with .230 mating length)
Reeled Breakaway Headers —
pages 106, 107 (with .230 mating
length)
Machine Applied Bandolier
Posts — page 163
Application Tooling — page 273
Performance Specifications —
page 225
Technical Documents
pages 277, 278)
Product Specification
108-25034
Application Specification
114-25026


Similar Part No. - 9-147099-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
9-147099-0 MACOM-9-147099-0 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies
9-147099-0 MACOM-9-147099-0 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
9-147099-0 MACOM-9-147099-0 Datasheet
4Mb / 98P
   AMPMODU Interconnection System
More results

Similar Description - 9-147099-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5-104935-4 MACOM-5-104935-4 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
1-87456-1 MACOM-1-87456-1 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
2-87631-5 MACOM-2-87631-5 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
5-104361-8 MACOM-5-104361-8 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
logo
Adam Technologies, Inc.
BHR50VU ADAM-TECH-BHR50VU Datasheet
122Kb / 1P
   .100 BOX HEADERS .100 X .100 [2.54 X 2.54] CENTERLINE
MHR40VUAL ADAM-TECH-MHR40VUAL Datasheet
130Kb / 1P
   .100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
FCS50SG ADAM-TECH-FCS50SG Datasheet
131Kb / 1P
   .100 IDC SOCKET .100 X .100 [2.54 X 2.54] CENTERLINE
MHR ADAM-TECH-MHR Datasheet
97Kb / 1P
   .100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
BHR-10-VSGA ADAM-TECH-BHR-10-VSGA Datasheet
489Kb / 3P
   100 BOX HEADERS 100 x .100 2.54 x 2.54 CENTERLINE
BHRE50VUAXXX ADAM-TECH-BHRE50VUAXXX Datasheet
130Kb / 1P
   .100 ELEVATED BOX HEADERS.100 X .100 [2.54 X 2.54] CENTERLINE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com