Electronic Components Datasheet Search |
|
9-147100-0 Datasheet(PDF) 16 Page - Tyco Electronics |
|
9-147100-0 Datasheet(HTML) 16 Page - Tyco Electronics |
16 / 98 page 196 Catalog 1307819 Dimensions are in inches and Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-2103-6000 Revised 8-08 millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com are metric equivalents. to change. C. America: 52-55-1106-0803 UK: 44-8706-080-208 Receptacle Assemblies, Board Mount, Double-Row, Closed Entry, .100 x .100 [2.54 x 2.54] Centerline (Continued) AMPMODU Interconnection System Note: All part numbers are RoHS compliant. 5 Vertical Mount (with Guide Pin Slots and Standoffs) Material and Finish Housing — Glass-filled thermoplastic, black, 94V-0 rated Contacts — Phosphor bronze, duplex plated .000030 [0.00076] gold on contact area, .000050-.000100 [0.00127-0.00254] matte tin on solder area, with entire contact underplated .000050 [0.00127] nickel Related Product Data Mateable Headers — pages 198, 199 Performance Specifications — page 194 Technical Documents — page 276 Product Specification 108-25017 Application Specification 114-9009 Additional receptacle assembly sizes and solder tail lengths are available; minimum order quantities may apply. Consult Tyco Electronics. .115 [2.92] .129 [3.28] Typ. .320 [8.13] .410 [10.41] .238 [6.05] .100 [2.54] Typ. .179 [4.55] Typ. .125 [3.18] (Localized Gold Plate Area) .100 [2.54] .100 [2.54] .144 [3.68] Dia. .069 [1.75] Typ. A B ±.008 [±0.20] .100±.003 [2.54±0.08] .100±.003 [2.54±0.08] .035±.003 [0.89±0.08] Typ. Dia. Recommended PC Board Hole Layout (for .055 [1.40] min. thick PC board) Tolerances not to accumulate within one connector pattern. Keying Plug No. of Dimensions Receptacle Assembly Pos. AB Part Nos. 30 1.758 [44.65] 1.400 [35.56] 5-534972-1 40 2.258 [57.35] 1.900 [48.26] 5-534972-2 50 2.758 [70.05] 2.400 [60.96] 5-534972-3 60 3.258 [82.75] 2.900 [73.66] 5-534972-4 70 3.758 [95.45] 3.400 [86.36] 5-534972-5 80 4.258 [108.15] 3.900 [99.06] 5-534972-6 90 4.758 [120.85] 4.400 [111.76] 5-534972-7 100 5.258 [133.55] 4.900 [124.46] 5-534972-8 120 6.258 [158.95] 5.900 [149.86] 6-534972-0 Material — Natural color nylon Part No. 86286-1 (Plugs into receptacle contact) |
Similar Part No. - 9-147100-0 |
|
Similar Description - 9-147100-0 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |