Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9-147100-0 Datasheet(PDF) 55 Page - Tyco Electronics

Part # 9-147100-0
Description  Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 2.54 x 2.54 Centerline, End To End Stackable
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

9-147100-0 Datasheet(HTML) 55 Page - Tyco Electronics

Back Button 9-147100-0 Datasheet HTML 51Page - Tyco Electronics 9-147100-0 Datasheet HTML 52Page - Tyco Electronics 9-147100-0 Datasheet HTML 53Page - Tyco Electronics 9-147100-0 Datasheet HTML 54Page - Tyco Electronics 9-147100-0 Datasheet HTML 55Page - Tyco Electronics 9-147100-0 Datasheet HTML 56Page - Tyco Electronics 9-147100-0 Datasheet HTML 57Page - Tyco Electronics 9-147100-0 Datasheet HTML 58Page - Tyco Electronics 9-147100-0 Datasheet HTML 59Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 98 page
background image
235
Catalog 1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 8-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
MTE High Pressure Receptacle Assemblies – Guide Ribs
AMPMODU Interconnection System
Note: All part numbers are RoHS compliant.
5
Preassembled housings in strip
form are available in positions
2 thru 12. For ease of handling,
positions 2 thru 5 are recom-
mended when using the
Tyco Electronics Manual Pistol
Grip Tool.
Material and Finish
Housing — Thermoplastic, black,
94V-0 rated
Contacts — Phosphor Bronze,
duplex plated .000030 [0.00076] gold
on contact area, .000050 [0.00127] min.
tin on crimp area, with entire contact
underplated .000050 [0.00127] nickel.
Related Product Data
Coupling Shrouds used with —
Single-Row — page 240
Double-Row — page 241
Mateable AMPMODU Products
(with Receptacle Assemblies
Installed in Single-Row Coupling
Shrouds) —
Pin Assemblies (Polarized/
Latching) — pages 236, 237
Pin Assemblies with Guide Ribs
(installed in Panel Mount Pin
Shroud) — pages 238, 239, 242
Headers (Polarized/Latching) —
pages 244-252
Mateable AMPMODU Products
(with Receptacle Assemblies
Installed in Double-Row Coupling
Shrouds) —
Headers, Shrouded, Double-Row
(.318 [8.08] mating post length,
.150 [3.81] end dimension) —
pages 119-121, 124, 125, 128, 129,
131-133
Application Tooling — page 273
Performance Specifications —
page 225
Technical Documents
pages 277, 278
Product Specification
108-25034
Application Specification
114-25026
Receptacle Contacts
(See Note 1)
Position No. 1 Indicator
(Farside)
1.120
[28.45]
.600
[15.24]
.098
[2.49]
.100
[2.54]
Typ
B
Typ.
A
.520
[13.21]
Strip Form
Strip Form
No. of
Dimensions
Housings
Receptacle
Receptacle
Pos.
Quantities Per
Assembly
Assembly
AB
Strip Segment
30-26 AWG
26-22 AWG
[.05-.15mm2] Wire
[.12-.30mm2] Wire
2
1.980 [50.29]
.198 [5.03]
10
5-147396-1
5-147030-3
3
1.490 [37.85]
.298 [7.57]
5
5-147396-2
5-147030-4
4
1.990 [50.55]
.398 [10.11]
5
5-147396-3
5-147030-1
5
1.990 [50.55]
.498 [12.65]
4
5-147396-4
5-147030-2
6
2.390 [60.71]
.598 [15.19]
4
5-147396-5
5-147030-5
7
1.400 [35.56]
.698 [17.73]
2
5-147396-6
5-147030-6
8
1.600 [40.64]
.798 [20.27]
2
5-147396-7
5-147030-7
9
1.800 [45.72]
.898 [22.81]
2
5-147396-8
5-147030-8
10
2.000 [50.80]
.998 [23.35]
2
5-147396-9
5-147030-9
11
2.200 [55.88]
1.098 [27.89]
2
6-147396-0
6-147030-0
12
2.400 [60.96]
1.198 [30.43]
2
6-147396-1
6-147030-1


Similar Part No. - 9-147100-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
9-147100-0 MACOM-9-147100-0 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies
9-147100-0 MACOM-9-147100-0 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
More results

Similar Description - 9-147100-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5-104935-4 MACOM-5-104935-4 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
1-87456-1 MACOM-1-87456-1 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
2-87631-5 MACOM-2-87631-5 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
5-104361-8 MACOM-5-104361-8 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
logo
Adam Technologies, Inc.
BHR50VU ADAM-TECH-BHR50VU Datasheet
122Kb / 1P
   .100 BOX HEADERS .100 X .100 [2.54 X 2.54] CENTERLINE
MHR40VUAL ADAM-TECH-MHR40VUAL Datasheet
130Kb / 1P
   .100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
FCS50SG ADAM-TECH-FCS50SG Datasheet
131Kb / 1P
   .100 IDC SOCKET .100 X .100 [2.54 X 2.54] CENTERLINE
MHR ADAM-TECH-MHR Datasheet
97Kb / 1P
   .100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
BHR-10-VSGA ADAM-TECH-BHR-10-VSGA Datasheet
489Kb / 3P
   100 BOX HEADERS 100 x .100 2.54 x 2.54 CENTERLINE
BHRE50VUAXXX ADAM-TECH-BHRE50VUAXXX Datasheet
130Kb / 1P
   .100 ELEVATED BOX HEADERS.100 X .100 [2.54 X 2.54] CENTERLINE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com