Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

63900-1 Datasheet(PDF) 3 Page - Tyco Electronics

Part # 63900-1
Description  FASTON Printed Circuit Board Tabs and Receptacles
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

63900-1 Datasheet(HTML) 3 Page - Tyco Electronics

  63900-1 Datasheet HTML 1Page - Tyco Electronics 63900-1 Datasheet HTML 2Page - Tyco Electronics 63900-1 Datasheet HTML 3Page - Tyco Electronics 63900-1 Datasheet HTML 4Page - Tyco Electronics 63900-1 Datasheet HTML 5Page - Tyco Electronics 63900-1 Datasheet HTML 6Page - Tyco Electronics 63900-1 Datasheet HTML 7Page - Tyco Electronics 63900-1 Datasheet HTML 8Page - Tyco Electronics 63900-1 Datasheet HTML 9Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
45
Catalog 82004
Dimensions are shown for
Dimensions are in inches and
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 3-11
reference purposes only.
millimeters unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
FASTON Printed Circuit Board Tabs and Receptacles (Continued)
FASTON Terminals (Insulated and Uninsulated)
E
L
Hole
M
K
.200
[5.08]
.312
[7.92]
L
.312
[7.92]
.125
[3.18]
.200
[5.08]
Dimension
Material
Terminal
L
and Finish
Part No.
1.062
Tin Plated Brass
X
X
63949-1
26.97
1.207
Tin Plated Brass
X
X
63950-1
30.66
250 Series Printed Circuit
Board Tabs (Continued)
Stock Thickness — .032 [0.81]
Board Hole Size —
.055 ± .002 [1.40 ± 0.05] Dia.
Stock Thickness — .032 [0.81]
Board Hole Size —
.055 ± .002 [1.40 ± 0.05] Dia.
R
R
Note: All part numbers are RoHS compliant.
Dimensions
Material
Terminal Part No.
LK
E
M
and Finish
Strip1
Loose Piece
.552
.150
.312
.402
Tin Plated Brass
X
X
63862-12
1742188-12
14.02
3.81
7.92
10.21
X
X
63824-1
63849-1
.582
.180
.312
.402
Tin Plated Brass
X
X
1217136-1
1217421-1
14.78
4.57
7.92
10.21
.650
.150
.410
.500
Tin Plated Brass
X
X
1217126-12
16.51
3.81
10.41
12.70
.710
.150
.470
.560
Tin Plated Brass
X
X
1217125-1
1217169-1
18.03
3.81
11.94
14.22
.780
.150
.540
.630
Tin Plated Brass
X
X
1217127-1
1217167-1
26.18
3.81
13.72
16.00
1
Insertion equipment available.
2
Dimple.
R
R


Similar Part No. - 63900-1

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63900-1000 MOLEX11-63900-1000 Datasheet
34Kb / 1P
   Conductor Punch
63900-1000 MOLEX11-63900-1000 Datasheet
39Kb / 1P
   Insulation Punch
63900-1000 MOLEX11-63900-1000 Datasheet
36Kb / 1P
   Conductor Anvil
63900-1000 MOLEX11-63900-1000 Datasheet
35Kb / 1P
   Insulation Anvil
63900-1000 MOLEX11-63900-1000 Datasheet
49Kb / 1P
   FineAdjust Applicator, 22 AWG Wire
More results

Similar Description - 63900-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
0-0928814-1 ETC2-0-0928814-1 Datasheet
535Kb / 9P
   FASTON Printed Circuit Board Tabs and Receptacles
logo
TE Connectivity Ltd
3-520106-2 TEC-3-520106-2 Datasheet
521Kb / 15P
   Ultra-Fast Fully Insulated FASTON Receptacles and Tabs
Revised 3-11
logo
List of Unclassifed Man...
41802 ETC2-41802 Datasheet
944Kb / 22P
   FASTON Receptacles
logo
Tyco Electronics
42710-2 MACOM-42710-2 Datasheet
944Kb / 22P
   FASTON Receptacles
141156-1 MACOM-141156-1 Datasheet
34Kb / 1P
   FASTON TABS 45. 250series
logo
Amphenol Corporation
BNC75OHM AMPHENOL-BNC75OHM Datasheet
300Kb / 2P
   Standard Height BNC Printed Circuit Board Right Angle Bulkhead Receptacles
logo
ITT Industries
XLM-3-31-PCS ITT-XLM-3-31-PCS Datasheet
330Kb / 3P
   Printed Circuit Board
logo
Semikron International
SKPC22-2 SEMIKRON-SKPC22-2 Datasheet
437Kb / 3P
   PRINTED CIRCUIT BOARD
logo
Amphenol Corporation
BNC50OHM AMPHENOL-BNC50OHM Datasheet
305Kb / 2P
   Standard Height 50 ohm BNC Printed Circuit Board Right Angle Bulkhead Receptacles
logo
Maxim Integrated Produc...
MAX5015EVKIT MAXIM-MAX5015EVKIT Datasheet
196Kb / 7P
   fully assembled and tested printed circuit board
Rev 3; 2/07
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com