Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS8156 Datasheet(PDF) 7 Page - Cherry Semiconductor Corporation

Part # CS8156
Description  12V, 5V Low Dropout Dual Regulator with ENABLE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS8156 Datasheet(HTML) 7 Page - Cherry Semiconductor Corporation

  CS8156 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS8156 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS8156 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS8156 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS8156 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS8156 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS8156 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS8156 Datasheet HTML 8Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
Application Notes
Step 3:
Increase the ESR of the capacitor from zero using
the decade box and vary the load current until oscillations
appear. Record the values of load current and ESR that
cause the greatest oscillation. This represents the worst
case load conditions for the output at low temperature.
Step 4:
Maintain the worst case load conditions set in step
3 and vary the input voltage until the oscillations increase.
This point represents the worst case input voltage conditions.
Step 5:
If the capacitor is adequate, repeat steps 3 and 4
with the next smaller valued capacitor. A smaller capaci-
tor will usually cost less and occupy less board space. If
the output oscillates within the range of expected operat-
ing conditions, repeat steps 3 and 4 with the next larger
standard capacitor value.
Step 6:
Test the load transient response by switching in
various loads at several frequencies to simulate its real
working environment. Vary the ESR to reduce ringing.
Step 7:
Remove the unit from the environmental chamber
and heat the IC with a heat gun. Vary the load current as
instructed in step 5 to test for any oscillations.
Once the minimum capacitor value with the maximum
ESR is found for each output, a safety factor should be
added to allow for the tolerance of the capacitor and any
variations in regulator performance. Most good quality
aluminum electrolytic capacitors have a tolerance of +/-
20% so the minimum value found should be increased by
at least 50% to allow for this tolerance plus the variation
which will occur at low temperatures. The ESR of the
capacitors should be less than 50% of the maximum allow-
able ESR found in step 3 above.
Repeat steps 1 through 7 with C3, the capacitor on the
other output.
The maximum power dissipation for a dual output regula-
tor (Figure 1) is:
PD(max) = {VIN(max)ÐVOUT1(min)}IOUT1(max)+
{VIN(max)ÐVOUT2(min)}IOUT2(max)+VIN(max)IQ
(1)
Where:
VIN(max) is the maximum input voltage,
VOUT1(min) is the minimum output voltage from VOUT1,
VOUT2(min) is the minimum output voltage fromVOUT2,
IOUT1(max) is the maximum output current for the appli-
cation,
IOUT2(max) is the maximum output current for the appli-
cation, and
IQ is the quiescent current the regulator consumes at
IOUT(max).
Once the value of PD(max) is known, the maximum permis-
sible value of RQJA can be calculated:
RQJA =
(2)
Figure 1: Dual output regulator with key performance parameters
labeled.
The value of RQJA can then be compared with those in
the package section of the data sheet. Those packages
with RQJA's less than the calculated value in equation 2
will keep the die temperature below 150¡C.
In some cases, none of the packages will be sufficient to
dissipate the heat generated by the IC, and an external
heatsink will be required.
A heat sink effectively increases the surface area of the
package to improve the flow of heat away from the IC and
into the surrounding air.
Each material in the heat flow path between the IC and the
outside environment will have a thermal resistance. Like
series electrical resistances, these resistances are summed
to determine the value of RQJA:
RQJA = RQJC + RQCS + RQSA
(3)
where
RQJC = the junctionÐtoÐcase thermal resistance,
RQCS = the caseÐtoÐheatsink thermal resistance, and
RQSA = the heatsinkÐtoÐambient thermal resistance.
RQJC appears in the package section of the data sheet. Like
RQJA, it too is a function of package type. RQCS and RQSA
are functions of the package type, heatsink and the inter-
face between them. These values appear in heat sink data
sheets of heat sink manufacturers.
C1*
0.1
mF
+
C2**
22
mF
+
C3**
22
mF
VIN
ENABLE
VOUT1
VOUT2
Gnd
CS8156
Test & Application Circuit
Heat Sinks
VIN
Smart
Regulator
VOUT1
IOUT1
IIN
IQ
Control
Features
}
VOUT2
IOUT2
150¡C - T
A
PD
Calculating Power Dissipation
in a Dual Output Linear Regulator
NOTES:
*C1 required if regulator is located far
from power supply filter.
** C2, C3 required for stability.


Similar Part No. - CS8156

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS8156 ONSEMI-CS8156 Datasheet
94Kb / 11P
   12 V, 5.0 V Low Dropout Dual Regulator with ENABLE
February, 2006 ??Rev. 8
CS8156 ONSEMI-CS8156 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
CS8156YT5 ONSEMI-CS8156YT5 Datasheet
94Kb / 11P
   12 V, 5.0 V Low Dropout Dual Regulator with ENABLE
February, 2006 ??Rev. 8
CS8156YT5G ONSEMI-CS8156YT5G Datasheet
94Kb / 11P
   12 V, 5.0 V Low Dropout Dual Regulator with ENABLE
February, 2006 ??Rev. 8
CS8156YTHA5 ONSEMI-CS8156YTHA5 Datasheet
94Kb / 11P
   12 V, 5.0 V Low Dropout Dual Regulator with ENABLE
February, 2006 ??Rev. 8
More results

Similar Description - CS8156

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8161 CHERRY-CS8161 Datasheet
198Kb / 8P
   12V, 5V Low Dropout Dual Regulator with ENABLE
CS8135 CHERRY-CS8135 Datasheet
180Kb / 8P
   5V, 5V Low Dropout Dual Regulator with /ENABLE RESET
CS8147 CHERRY-CS8147 Datasheet
173Kb / 8P
   10V/5V Low Dropout Dual Regulator with ENABLE
CS8164 CHERRY-CS8164 Datasheet
167Kb / 8P
   8V/5V Low Dropout Dual Regulator with ENABLE
logo
Global Mixed-mode Techn...
G9105 GMT-G9105 Datasheet
404Kb / 9P
   5V 1A Low Dropout Regulator with Enable
logo
Cherry Semiconductor Co...
CS8361 CHERRY-CS8361 Datasheet
169Kb / 6P
   5V Dual Micropower Low Dropout Regulator with ENABLE and RESET
logo
Global Mixed-mode Techn...
G98MXX GMT-G98MXX Datasheet
77Kb / 1P
   5V~12V 1A Low Dropout Regulator
logo
Cherry Semiconductor Co...
CS8281 CHERRY-CS8281 Datasheet
153Kb / 6P
   5V/250mA, 5V/100mA Micropower Low Dropout Regulator with ENABLE
CS8391 CHERRY-CS8391 Datasheet
152Kb / 6P
   5V/250mA, 5V/100mA Micropower Low Dropout Regulator with ENABLE
logo
Global Mixed-mode Techn...
G965 GMT-G965 Datasheet
400Kb / 8P
   1.5A Low Dropout Regulator with Enable
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com