Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4N60 Datasheet(PDF) 7 Page - Nell Semiconductor Co., Ltd

Part # 4N60
Description  N-Channel Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

4N60 Datasheet(HTML) 7 Page - Nell Semiconductor Co., Ltd

Back Button 4N60 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 4N60 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 4N60 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 4N60 Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 4N60 Datasheet HTML 6Page - Nell Semiconductor Co., Ltd 4N60 Datasheet HTML 7Page - Nell Semiconductor Co., Ltd 4N60 Datasheet HTML 8Page - Nell Semiconductor Co., Ltd 4N60 Datasheet HTML 9Page - Nell Semiconductor Co., Ltd 4N60 Datasheet HTML 10Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
SEMICONDUCTOR
Nell High Power Products
RoHS
RoHS
Fig.8 Body diode forward voltage variation
vs. source current and temperature
Source-Drain voltage, V
(V)
SD
Drain-Source voltage, V
(V)
DS
Fig.7 On-Resistance variation vs drain
current and gate voltage
Drain current, I (A)
D
■ TYPICAL CHARACTERISTICS
4
3
2
0
5
6
Fig.9 Capacitance characteristics
(Non-Repetitive)
Fig.10 Gate charge characteristics
0
12
10
8
6
4
2
Total gate charge, Q (nC)
G
4N60 Series
0.1
1
10
0.2
0.4
0.6
0.8
1.0
1.2
www.nellsemi.com
Page 7 of 10
1
0
2
4
6
8
10
12
Note:
1. T = 25°C
C
V
= 10V
GS
1.4
1.6
1.8
150ºC
25ºC
Note:
1. V
2.
= 0V
GS
250
µs Test
C
=
(
)
iss
C
+C
C
= shorted
gs
gd
ds
C
= C
+C
C
= C
oss
ds
gd
rss
gd
Ciss
Coss
Crss
Note:
1. V
2.
= 0V
GS
f = 1MHz
0.1
1
10
200
400
600
800
1000
1200
V
= 120V
DS
V
= 300V
DS
V
= 480V
DS
0
5
10
15
20
25
0
Note:
1. l = 4A
D
V
= 20V
GS
Drain-to-Source voltage, V
(V)
DS
Fig.5 On-State characteristics
10
1
0.1
10
1
0.1
VGS
Top: 10V
9V
8V
7V
6V
5.5V
Bottorm: 5.0V
5V
6V
8V
10V
Note:
1.
2. T
250µs Pulse Test
= 25°C
C
Fig.6 Transfer characteristics
Gate-Source voltage, V
(V)
GS
25°C
150°C
Note:
1.
2.
V
= 50V
DS
250µs Pulse Test
10
1
0.1
2
4
6
8
10


Similar Part No. - 4N60

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
4N60 UTC-4N60 Datasheet
152Kb / 8P
   4 Amps, 600 Volts N-CHANNEL POWER MOSFET
logo
ARTSCHIP ELECTRONICS CO...
4N60 ARTSCHIP-4N60 Datasheet
987Kb / 7P
   N-Channel Power MOSFET
logo
Estek Electronics Co. L...
4N60 ESTEK-4N60 Datasheet
543Kb / 5P
   4 Amps竊?00Volts N-Channel MOSFET
logo
VBsemi Electronics Co.,...
4N60 VBSEMI-4N60 Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
logo
Unisonic Technologies
4N60 UTC-4N60 Datasheet
397Kb / 8P
   4 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
More results

Similar Description - 4N60

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com