Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7N90 Datasheet(PDF) 2 Page - Nell Semiconductor Co., Ltd

Part # 7N90
Description  N-Channel Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

7N90 Datasheet(HTML) 2 Page - Nell Semiconductor Co., Ltd

  7N90 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 7N90 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 7N90 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 7N90 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 7N90 Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 7N90 Datasheet HTML 6Page - Nell Semiconductor Co., Ltd 7N90 Datasheet HTML 7Page - Nell Semiconductor Co., Ltd 7N90 Datasheet HTML 8Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SEMICONDUCTOR
RoHS
RoHS
Nell High Power Products
www.nellsemi.com
Page 2 of 8
7N90 Series
UNIT
MIN.
0.5
3.1
THERMAL RESISTANCE
PARAMETER
Thermal resistance, junction to case
SYMBOL
Rth(j-c)
TYP.
MAX.
ºC/W
62.5
Thermal resistance, junction to ambient
Rth(j-a)
UNIT
V
ns
μA
pF
nC
55
MAX.
100
900
-100
100
0.96
1440
17
35
80
95
140
ELECTRICAL CHARACTERISTICS (T = 25°C unless otherwise specified)
C
I = 250μA,
D
V
= 0V
GS
TEST CONDITIONS
I = 250μA,
D
V
=V
DS
GS
V
=900V, V
=0V
DS
GS
T =25°C
C
Fall time
Gate to source reverse leakage current
Input capacitance
Total gate charge
Output capacitance
PARAMETER
Rise time
Gate to source forward leakage current
Turn-on delay time
Reverse transfer capacitance
Breakdown voltage temperature coefficient
Drain to source breakdown voltage
Turn-off delay time
SYMBOL
CISS
V
/
(BR)DSS
TJ
V(BR)DSS
IGSS
QG
tr
tf
QGS
8.5
Gate to source charge
Drain to source leakage current
IDSS
COSS
CRSS
td(ON)
td(OFF)
V/ºC
Ω
nA
T =125°C
C
TYP.
MIN.
10
52
V
=450V,
DD
(Note1,2)
V
=10V
GS
I =7A, R
=25Ω
D
GS
V
=25V, V
=0V, f=1MHz
DS
GS
V
= -30V, V
= 0V
GS
DS
V
= 30V, V
= 0V
GS
DS
V
=720V, V
=0V
DS
GS
OFF CHARACTERISTICS
ON CHARACTERISTICS
DYNAMIC CHARACTERISTICS
1880
185
23
SWITCHING CHARACTERISTICS
120
80
170
200
40
V
= 720V,
DD
(Note1,2)
V
=10V
GS
I =7A,
D
1.5
Static drain to source on-state resistance
1.8
RDS(ON)
V
=10V, l =3.5A
GS
D
3
V
Gate threshold voltage
5
VGS(TH)
Gate to drain charge (Miller charge)
QGD
20
TO-220AB
TO-220F
TO-220AB
TO-220F
62.5
S
V
=V
, I =250μA
GS
DS
D
5.7
V
=50V, I =3.5A
DS
D
gFS
Forward transconductance
SOURCE TO DRAIN DIODE RATINGS AND CHARACTERISTICS (T = 25°C unless otherwise specified)
C
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
VSD
Diode forward voltage
I
= 7A, V
= 0V
SD
GS
1.4
V
Is (IsD)
Continuous source to drain current
Integral reverse P-N junction
diode in the MOSFET
7
D (Drain)
G
(Gate)
S (Source)
A
ISM
Pulsed source current
28
trr
Reverse recovery time
400
ns
I
= 7A, V
= 0V,
SD
GS
dI /dt = 100A/µs
F
Qrr
Reverse recovery charge
4.3
μC
Note:
1. Pulse test: Pulse width ≤ 300µs, duty cycle ≤ 2%.
2. Essentially independent of operating temperature.
TO-220F


Similar Part No. - 7N90

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
7N90 UTC-7N90 Datasheet
173Kb / 6P
   900V N-CHANNEL POWER MOSFET
7N90 UTC-7N90 Datasheet
185Kb / 6P
   7A, 900V N-CHANNEL POWER MOSFET
logo
Inchange Semiconductor ...
7N90 ISC-7N90 Datasheet
67Kb / 2P
   Fast Switching Speed
logo
Unisonic Technologies
7N90-MK6 UTC-7N90-MK6 Datasheet
210Kb / 5P
   N-CHANNEL POWER MOSFET
logo
Inchange Semiconductor ...
7N90A ISC-7N90A Datasheet
291Kb / 2P
   isc N-Channel Mosfet Transistor
More results

Similar Description - 7N90

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com