Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJE13003G-E-E-T6S-K Datasheet(PDF) 5 Page - Unisonic Technologies

Part # MJE13003G-E-E-T6S-K
Description  HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MJE13003G-E-E-T6S-K Datasheet(HTML) 5 Page - Unisonic Technologies

  MJE13003G-E-E-T6S-K Datasheet HTML 1Page - Unisonic Technologies MJE13003G-E-E-T6S-K Datasheet HTML 2Page - Unisonic Technologies MJE13003G-E-E-T6S-K Datasheet HTML 3Page - Unisonic Technologies MJE13003G-E-E-T6S-K Datasheet HTML 4Page - Unisonic Technologies MJE13003G-E-E-T6S-K Datasheet HTML 5Page - Unisonic Technologies MJE13003G-E-E-T6S-K Datasheet HTML 6Page - Unisonic Technologies MJE13003G-E-E-T6S-K Datasheet HTML 7Page - Unisonic Technologies MJE13003G-E-E-T6S-K Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MJE13003-E
NPN EPITAXIAL SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
5 of 8
www.unisonic.com.tw
QW-R223-009.A
SWITCHING TIMES NOTE
In resistive switching circuits, rise, fall, and storage times have been defined and apply to both current and voltage
waveforms since they are in phase, However, for inductive loads which are common to SWITCHMODE power
supplies and hammer drivers, current and voltage waveforms are not in phase. Therefore, separate measurements
must be made on each wave form to determine the total switching time, For this reason, the following new terms have
been defined.
tSV=Voltage Storage Time, 90% IB1 to 10% Vclamp
tRV=Voltage Rise Time, 10-90% Vclamp
tFI=Current Fall Time, 90-10% IC
tTI=Current Tail, 10-2% IC
tC=Crossover Time, 10% Vclamp to 10% IC
An enlarged portion of the inductive switching waveforms is shown in Figure 1 to aid in the visual identity of
these terms.
For the designer, there is minimal switching loss during storage time and the predominant switching power losses
occur during the crossover interval and can be obtained using the standard equation from AN-222:
PSWT=1/2 VccIc (tc)f
In general, trv + tfi tc. However, at lower test currents this relationship may not be valid.
As is common with most switching transistor, resistive switching is specified at 25°C and has become a
benchmark for designers. However, for designers of high frequency converter circuits, the user oriented specifications
which make this a “SWITCHMODE” transistor are the inductive switching speeds (tc and tsv) which are guaranteed at
100°C.
RESISTIVE SWITCHING PERFORMANCE
0.02
Fig 3. Turn-Off Time
0.03
0.05
2
10
7
5
1
0.7
0.1
0.07
0.2
0.1
0.3
0.5 0.7 1
3
2
0.5
0.3
0.2
tS
Vcc=125V
Ic/IB=5
TJ=25°C
0.02
Fig 2. Turn-On Time
0.03
0.05
20
2
1
0.7
0.2
0.1
0.02
0.07
0.2
0.1
0.3
0.5 0.7
1
0
0.5
0.3
0.07
0.05
0.03
Vcc=125V
Ic/IB=5
TJ=25°C
tR
td @ VBE(off)=5V
tR
Collector Current, IC (A)
Collector Current, IC (A)


Similar Part No. - MJE13003G-E-E-T6S-K

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MJE13003G-E-E-T6S-K UTC-MJE13003G-E-E-T6S-K Datasheet
280Kb / 8P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
More results

Similar Description - MJE13003G-E-E-T6S-K

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUL312FP STMICROELECTRONICS-BUL312FP Datasheet
149Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL742 STMICROELECTRONICS-BUL742 Datasheet
112Kb / 5P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BULB39D STMICROELECTRONICS-BULB39D Datasheet
191Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
August 2001
SGSIF464 STMICROELECTRONICS-SGSIF464 Datasheet
88Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
STD83003 STMICROELECTRONICS-STD83003 Datasheet
299Kb / 8P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
ST2001HI STMICROELECTRONICS-ST2001HI Datasheet
67Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
ST83003 STMICROELECTRONICS-ST83003 Datasheet
258Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
October 2002
BUL128 STMICROELECTRONICS-BUL128 Datasheet
79Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL138 STMICROELECTRONICS-BUL138 Datasheet
69Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL213 STMICROELECTRONICS-BUL213 Datasheet
71Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL39D STMICROELECTRONICS-BUL39D Datasheet
185Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com