Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF13N50 Datasheet(PDF) 4 Page - Nell Semiconductor Co., Ltd

Part # IRF13N50
Description  N-Channel Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

IRF13N50 Datasheet(HTML) 4 Page - Nell Semiconductor Co., Ltd

  IRF13N50 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd IRF13N50 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd IRF13N50 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd IRF13N50 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd IRF13N50 Datasheet HTML 5Page - Nell Semiconductor Co., Ltd IRF13N50 Datasheet HTML 6Page - Nell Semiconductor Co., Ltd IRF13N50 Datasheet HTML 7Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SEMICONDUCTOR
Nell High Power Products
RoHS
RoHS
Fig.5 Typical capacitance vs. Drain-to-Source
voltage
Drain-to-Source voltage , VDS (V)
Source-to-drain voltage, VSD (V)
Fig.8 Maximum safe operating area
Drain-to-Source voltage, VDS (V)
Case temperature, T (°C)
C
Fig.7 Typical gate charge vs. gate-to-source
voltage
Total gate charge , QG (nC)
Fig.6 Typical source-drain diode forward
voltage
Fig.9 Maximum drain current vs.
Case temperature
5
12
1000
100
10
0
0
12
24
36
48
7
2
0
10
1
100
1000
15
12
9
6
3
0
25
50
75
100
125
150
0.5
0.2
1.1
1.4
0.8
60
10
10
0.1
1
10
10²
10³
www.nellsemi.com
Page 4 of 7
10000
100000
IRF13N50 Series
C
=
(
)
iss
C
+C
C
= shorted
gs
gd
ds
C
= C
rss
gd
C
= C
+C
oss
ds
gd
V
= 0V,
GS
f =1MHZ
1000
100
Crss
Coss
Ciss
100
10
1
0.1
T = 25°C
J
T = 150°C
J
V
= 0V
GS
V
= 400V
DS
V
= 250V
DS
V
= 100V
DS
l = 14A
D
Operation in This Area is Limited by RDS(ON)
1mssx
100µs
10msec
Note:
1. T
2. T
= 25°C
C
= 150°C
J
3. Single Pulse


Similar Part No. - IRF13N50

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRF130 SAMSUNG-IRF130 Datasheet
211Kb / 5P
   N-CHANNEL POWER MOSFETS
logo
Seme LAB
IRF130 SEME-LAB-IRF130 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
IRF130 FAIRCHILD-IRF130 Datasheet
180Kb / 6P
   N-Channel Power MOSFETs, 20 A, 60-100 V
logo
Intersil Corporation
IRF130 INTERSIL-IRF130 Datasheet
56Kb / 7P
   14A, 100V, 0.160 Ohm, N-Channel Power MOSFET
logo
International Rectifier
IRF130 IRF-IRF130 Datasheet
147Kb / 7P
   TRANSISTORS N-CHANNEL(Vdss=100V, Rds(on)=0.18ohm, Id=14A)
More results

Similar Description - IRF13N50

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com