Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF22N60 Datasheet(PDF) 2 Page - Nell Semiconductor Co., Ltd

Part # IRF22N60
Description  N-Channel Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

IRF22N60 Datasheet(HTML) 2 Page - Nell Semiconductor Co., Ltd

  IRF22N60 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd IRF22N60 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd IRF22N60 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd IRF22N60 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd IRF22N60 Datasheet HTML 5Page - Nell Semiconductor Co., Ltd IRF22N60 Datasheet HTML 6Page - Nell Semiconductor Co., Ltd IRF22N60 Datasheet HTML 7Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SEMICONDUCTOR
RoHS
RoHS
Nell High Power Products
UNIT
MIN.
0.34
0.24
THERMAL RESISTANCE
PARAMETER
Thermal resistance, case to heat sink
Thermal resistance, junction to case
SYMBOL
Rth(j-c)
Rth(c-s)
TYP.
MAX.
ºC/W
40
Thermal resistance, junction to ambient
Rth(j-a)
UNIT
V
ns
μA
pF
nC
37
MAX.
250
600
-100
100
0.30
3570
36
26
99
48
350
ELECTRICAL CHARACTERISTICS (T = 25°C unless otherwise specified)
C
I = 250μA,
D
V
= 0V
GS
TEST CONDITIONS
I = 1mA,
D
V
=V
DS
GS
V
=600V, V
=0V
DS
GS
T = 25°C
C
Fall time
Gate to source reverse leakage current
Input capacitance
Total gate charge
Output capacitance
PARAMETER
Rise time
Gate to source forward leakage current
Turn-on delay time
Reverse transfer capacitance
Breakdown voltage temperature coefficient
Drain to source breakdown voltage
Turn-off delay time
SYMBOL
CISS
V
/
(BR)DSS
TJ
V(BR)DSS
IGSS
QG
tr
tf
QGS
Gate to source charge
Drain to source leakage current
IDSS
COSS
CRSS
td(ON)
td(OFF)
V/ºC
Ω
nA
T =125°C
C
TYP.
MIN.
50
150
V
= 300V,
DD
(Note1,2)
V
= 10V
GS
I = 22A, R = 6.2Ω, R = 3.2Ω
D
G
D
V
= 25V, V
= 0V, f =1MHz
DS
GS
V
= -30V, V
= 0V
GS
DS
V
= 30V, V
= 0V
GS
DS
Forward transconductance
gfs
V
= 50V, l = 13A
DS
D
V
=480V, V
=0V
DS
GS
S
STATIC
DYNAMIC
45
V
= 480V,
DD
(Note1,2)
V
= 10V
GS
I = 22A,
D
0.28
Static drain to source on-state resistance
RDS(ON)
I = 13A, V
= 10V
D
GS
3.0
V
5.0
V
=V
, I =250μA
GS
DS
D
Gate threshold voltage
VGS(TH)
Gate to drain charge (Miller charge)
QGD
Note:
1. Pulse test: Pulse width ≤ 300µs, duty cycle ≤ 2%.
2. Essentially independent of operating temperature.
www.nellsemi.com
Page 2 of 7
11
76
IRF22N60 Series
0.24
SOURCE TO DRAIN DIODE RATINGS AND CHARACTERISTICS (T = 25°C unless otherwise specified)
C
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
VSD
Diode forward voltage
I
= 22A, V
= 0V
SD
GS
1.5
V
Is (IsD)
Continuous source to drain current
Integral reverse P-N junction
diode in the MOSFET
22
D (Drain)
G
(Gate)
S (Source)
A
ISM
Pulsed source current
88
trr
Reverse recovery time
890
ns
I
= 22A, V
= 0V,
SD
GS
dI /dt = 100A/µs
F
Qrr
Reverse recovery charge
μC
13
1010
T =25
°C
J
T =125
°C
J
T =25
°C
J
T =125
°C
J
IRRM
A
11
39
8.5
590
670
7.2
26
Reverse recovery current
Forward turn-on time
Intrinsic turn-on time is negligible (turn-on is dominated by L +L )
S
D
tqd


Similar Part No. - IRF22N60

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRF220 SAMSUNG-IRF220 Datasheet
209Kb / 5P
   N-CHANNEL POWER MOSFETS
logo
Fairchild Semiconductor
IRF220 FAIRCHILD-IRF220 Datasheet
165Kb / 5P
   N-Channel Power MOSFETs, 7A, 150-200V
logo
Intersil Corporation
IRF220 INTERSIL-IRF220 Datasheet
68Kb / 7P
   4.0A and 5.0A, 150V and 200V, 0.8 and 1.2 Ohm, N-Channel Power MOSFETs
logo
New Jersey Semi-Conduct...
IRF220 NJSEMI-IRF220 Datasheet
135Kb / 3P
   Nanosecond Switching Speeds
logo
Inchange Semiconductor ...
IRF220 ISC-IRF220 Datasheet
48Kb / 2P
   High Speed Applications
More results

Similar Description - IRF22N60

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com