Electronic Components Datasheet Search |
|
725963-2 Datasheet(PDF) 4 Page - Tyco Electronics |
|
725963-2 Datasheet(HTML) 4 Page - Tyco Electronics |
4 / 9 page 46 Catalog 82004 Dimensions are shown for Dimensions are in inches and Canada: +1 (905) 475-6222 UK: +44 (0) 800-267666 Revised 3-11 reference purposes only. millimeters unless otherwise Mexico/C. Am.: +52 (0) 55-1106-0800 France: +33 (0) 1-3420-8686 Specifications subject specified. Latin/S. Am.: +54 (0) 11-4733-2200 Netherlands: +31 (0) 73-6246-999 www.te.com to change. USA: +1 (800) 522-6752 Germany: +49 (0) 6251-133-1999 China: +86 (0) 400-820-6015 FASTON Printed Circuit Board Tabs and Receptacles (Continued) FASTON Terminals (Insulated and Uninsulated) .295 [7.49] A L .330 [8.38] .200 [5.08] Style Fits Dimensions Material Part No. Tab AL and Finish Strip Loose Piece .032 (LIF) .075 .480 Tin Plated Brass — — 63968-1 — 0.81 . 1.91 12.19 .032 . .075 .480 Tin Plated Brass — — 63969-1 1217080-1 0.81 . 1.91 12.19 A .025 (LIF) .075 .480 Tin Plated Brass — — 63994-1 — 0.64 . 1.91 12.19 .510 Tin Plated Brass — — 1217137-12 — .025 . .075 12.95 0.64 . 1.91 .480 Tin Plated Brass — — 1217180-1 — 12.19 B .020 . —— Tin Plated — — 1217107-11 — 0.51 . Phos Bronze .250 x .016 C 6.35 x 0.41 — — Tin Plated Brass — — 62751-1 62806-1 Spade 1 Horizontal mount. 2 .180 [4.57] length — solder legs. 250 Series Printed Circuit Board Tabs (Continued) Right-Angle Printed Circuit Board Tabs Stock Thickness — .032 [0.81] Board Hole Size — .055 ± .002 [1.40 ± 0.05] Dia. .250/.205 Printed Circuit Board Receptacles Stock Thickness — .016 [0.41] R R .150 [3.81] .200 [5.08] L Hole Dimensions Material Terminal LW and Finish Part No. .525 .070 Tin Plated Brass X X 62411-11 13.34 1.78 .545 .160 Tin Plated Brass X X 60284-21 13.84 4.06 1 Loose piece only. .250 [6.35] .205 [5.21] .125 [3.18] L W 205 Series Printed Circuit Board Only Stock Thickness — .020 [0.51] Board Hole Size — .100 – .095 [2.54 – 2.41] Dia. Dimensions Material Terminal Part No. EL and Finish Strip1 Loose Piece .312 .800 Tin Plated Brass X X 63951-1 1217754-1 7.92 20.32 .358 .630 Tin Plated Brass — — — 928814-1 9.09 16.00 .662 1.00 Tin Plated Brass — — 63952-1 — 16.83 25.40 1 Insertion equipment available. R R R R E .295 [7.49] .062 [1.57] .100 [2.54] .250 [6.35] .295 [7.49] .200 [5.08] A B C Note: All part numbers are RoHS compliant. |
Similar Part No. - 725963-2 |
|
Similar Description - 725963-2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |