Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS8161YDWF16 Datasheet(PDF) 7 Page - Cherry Semiconductor Corporation

Part # CS8161YDWF16
Description  12V, 5V Low Dropout Dual Regulator with ENABLE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS8161YDWF16 Datasheet(HTML) 7 Page - Cherry Semiconductor Corporation

  CS8161YDWF16 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS8161YDWF16 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS8161YDWF16 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS8161YDWF16 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS8161YDWF16 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS8161YDWF16 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS8161YDWF16 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS8161YDWF16 Datasheet HTML 8Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
Step 1:
Place the completed circuit with a tantalum capaci-
tor of the recommended value in an environmental cham-
ber at the lowest specified operating temperature and
monitor the outputs on the oscilloscope. A decade box
connected in series with the capacitor C2 will simulate the
higher ESR of an aluminum capacitor. (Leave the decade
box outside the chamber, the small resistance added by
the longer leads is negligible)
Step 2:
With the input voltage at its maximum value,
increase the load current slowly from zero to full load
while observing the output for any oscillations. If no oscil-
lations are observed, the capacitor is large enough to
ensure a stable design under steady state conditions.
Step 3:
Increase the ESR of the capacitor from zero using
the decade box and vary the load current until oscillations
appear. Record the values of load current and ESR that
cause the greatest oscillation. This represents the worst
case load conditions for the regulator at low temperature.
Step 4:
Maintain the worst case load conditions set in step
3 and vary the input voltage until the oscillations increase.
This point represents the worst case input voltage condi-
tions.
Step 5:
If the capacitor C2 is adequate, repeat steps 3 and 4
with the next smaller valued capacitor. (A smaller capaci-
tor will usually cost less and occupy less board space.) If
the capacitor oscillates within the range of expected oper-
ating conditions, repeat steps 3 and 4 with the next larger
standard capacitor value.
Step 6:
Test the load transient response by switching in
various loads at several frequencies to simulate its real
work environment. Vary the ESR to reduce ringing.
Step 7:
Remove the unit from the environmental chamber
and heat the IC with a heat gun. Vary the load current as
instructed in step 5 to test for any oscillations.
Once the minimum capacitor value with the maximum
ESR is found, a safety factor should be added to allow for
the tolerance of the capacitor and any variations in regula-
tor performance. Most good quality aluminum electrolytic
capacitors have a tolerance of +/-20% so the minimum
value found should be increased by at least 50% to allow
for this tolerance plus the variation which will occur at
low temperatures. The ESR of the capacitor should be less
than 50% of the maximum allowable ESR found in step 3
above. Once the value for C2 is determined, repeat the
steps to determine the appropriate value for C3.
The maximum power dissipation for a dual output regula-
tor (Figure 1) is
PD(max) = {VIN(max)ÐVOUT1(min)}IOUT
1(max)+
{VIN(max)ÐVOUT
2(min)}IOUT2(max)+VIN(max)IQ
(1)
Where
VIN(max) is the maximum input voltage,
VOUT
1(min) is the minimum output voltage from VOUT1,
VOUT
2(min) is the minimum output voltage from VOUT2,
IOUT
1(max) is the maximum output current, for the appli-
cation
IOUT
2(max) is the maximum output current, for the appli-
cation
IQ is the quiescent current the regulator consumes at
IOUT(max).
Once the value of PD(max) is known, the maximum permis-
sible value of R
QJA can be calculated:
R
QJA =
(2)
The value of R
QJA can then be compared with those in
the package section of the data sheet. Those packages
with R
QJA's less than the calculated value in equation 2
will keep the die temperature below 150¡C.
In some cases, none of the packages will be sufficient to
dissipate the heat generated by the IC, and an external
heatsink will be required.
A heat sink effectively increases the surface area of the
package to improve the flow of heat away from the IC and
into the surrounding air.
Each material in the heat flow path between the IC and the
outside environment will have a thermal resistance. Like
series electrical resistances, these resistances are summed
to determine the value of R
QJA.
R
QJA = RQJC + RQCS + RQSA
(3)
where
R
QJC = the junctionÐtoÐcase thermal resistance,
R
QCS = the caseÐtoÐheatsink thermal resistance, and
R
QSA = the heatsinkÐtoÐambient thermal resistance.
R
QJC appears in the package section of the data sheet. Like
R
QJA, it too is a function of package type. RQCS and RQSA
are functions of the package type, heatsink and the inter-
face between them. These values appear in heat sink data
sheets of heat sink manufacturers.
150¡C - T
A
PD
Application Notes: continued
Calculating Power Dissipation
in a Dual Output Linear Regulator
VIN
Smart
Regulator
VOUT1
IOUT1
IIN
IQ
Control
Features
}
VOUT2
IOUT2
Figure 1: Dual output regulator with key performance parameters
labeled.
Heat Sinks


Similar Part No. - CS8161YDWF16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS8161YT5 ONSEMI-CS8161YT5 Datasheet
97Kb / 11P
   12 V, 5.0 V Low Dropout Dual Regulator with ENABLE
June, 2006 ??Rev. 7 1
CS8161YT5G ONSEMI-CS8161YT5G Datasheet
97Kb / 11P
   12 V, 5.0 V Low Dropout Dual Regulator with ENABLE
June, 2006 ??Rev. 7 1
CS8161YTHA5 ONSEMI-CS8161YTHA5 Datasheet
97Kb / 11P
   12 V, 5.0 V Low Dropout Dual Regulator with ENABLE
June, 2006 ??Rev. 7 1
CS8161YTHA5G ONSEMI-CS8161YTHA5G Datasheet
97Kb / 11P
   12 V, 5.0 V Low Dropout Dual Regulator with ENABLE
June, 2006 ??Rev. 7 1
CS8161YTVA5 ONSEMI-CS8161YTVA5 Datasheet
97Kb / 11P
   12 V, 5.0 V Low Dropout Dual Regulator with ENABLE
June, 2006 ??Rev. 7 1
More results

Similar Description - CS8161YDWF16

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8156 CHERRY-CS8156 Datasheet
172Kb / 8P
   12V, 5V Low Dropout Dual Regulator with ENABLE
CS8135 CHERRY-CS8135 Datasheet
180Kb / 8P
   5V, 5V Low Dropout Dual Regulator with /ENABLE RESET
CS8147 CHERRY-CS8147 Datasheet
173Kb / 8P
   10V/5V Low Dropout Dual Regulator with ENABLE
CS8164 CHERRY-CS8164 Datasheet
167Kb / 8P
   8V/5V Low Dropout Dual Regulator with ENABLE
logo
Global Mixed-mode Techn...
G9105 GMT-G9105 Datasheet
404Kb / 9P
   5V 1A Low Dropout Regulator with Enable
logo
Cherry Semiconductor Co...
CS8361 CHERRY-CS8361 Datasheet
169Kb / 6P
   5V Dual Micropower Low Dropout Regulator with ENABLE and RESET
logo
Global Mixed-mode Techn...
G98MXX GMT-G98MXX Datasheet
77Kb / 1P
   5V~12V 1A Low Dropout Regulator
logo
Cherry Semiconductor Co...
CS8281 CHERRY-CS8281 Datasheet
153Kb / 6P
   5V/250mA, 5V/100mA Micropower Low Dropout Regulator with ENABLE
CS8391 CHERRY-CS8391 Datasheet
152Kb / 6P
   5V/250mA, 5V/100mA Micropower Low Dropout Regulator with ENABLE
logo
Global Mixed-mode Techn...
G965 GMT-G965 Datasheet
400Kb / 8P
   1.5A Low Dropout Regulator with Enable
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com