Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJE13003L-H-D-T6S-K Datasheet(PDF) 4 Page - Unisonic Technologies

Part # MJE13003L-H-D-T6S-K
Description  NPN SILICON POWER TRANSISTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MJE13003L-H-D-T6S-K Datasheet(HTML) 4 Page - Unisonic Technologies

  MJE13003L-H-D-T6S-K Datasheet HTML 1Page - Unisonic Technologies MJE13003L-H-D-T6S-K Datasheet HTML 2Page - Unisonic Technologies MJE13003L-H-D-T6S-K Datasheet HTML 3Page - Unisonic Technologies MJE13003L-H-D-T6S-K Datasheet HTML 4Page - Unisonic Technologies MJE13003L-H-D-T6S-K Datasheet HTML 5Page - Unisonic Technologies MJE13003L-H-D-T6S-K Datasheet HTML 6Page - Unisonic Technologies MJE13003L-H-D-T6S-K Datasheet HTML 7Page - Unisonic Technologies MJE13003L-H-D-T6S-K Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MJE13003-H
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
4 of 8
www.unisonic.com.tw
QW-R223-010.B
APPLICATION INFORMATION
Table 1.Test Conditions for Dynamic Performance
Reverse Bias Safe Operating Area and Inductive Switching
Resistive
Switching
+125V
RB
D1
-4.0V
SCOPE
Rc
TUT
Coil Data :
GAP for 30 mH/2 A
VCC=20V
Ferroxcube core #6656
LCOIL=50mH
VCLAMP=300V
Full Bobbin ( ~ 200 Turns) #20
VCC=125V
RC=125Ω
D1=1N5820 or
Equiv.
RC=47Ω
Output Waveforms
+10.3 V
25μS
0
-8.5V
tr, tf<10ns
Duty Cycly=1.0%
RB and Rc adjusted
for desired IB and Ic
Ic
(A)
Tc
(°C)
tsv
(μs)
tRV
(μs)
tFI
(μs)
tTI
(μs)
tc
(μs)
0.5
1
1.5
25
100
1.3
1.6
0.23
0.26
0.30
0.30
0.35
0.40
0.30
0.36
25
100
1.5
1.7
0.10
0.13
0.14
0.26
0.05
0.06
0.16
0.29
25
100
1.8
3
0.07
0.08
0.10
0.22
0.05
0.08
0.16
0.28
Table 2. Typical Inductive Switching Performance
Note: All Data Recorded in the Inductive Switching
Circuit in Table 1
Time
ICPK
90% Vclamp
IC
tsv
tRV
tFI
tTI
VCLAMP
10% VCLAMP
tc
90% Ic
2% Ic
10%
ICPK
VCE
IB
90% IB1
Fig.1 Inductive Switching Measurements


Similar Part No. - MJE13003L-H-D-T6S-K

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MJE13003L-H-T6C-K UTC-MJE13003L-H-T6C-K Datasheet
405Kb / 9P
   NPN SILICON POWER TRANSISTOR
MJE13003L-H-X-T60-K UTC-MJE13003L-H-X-T60-K Datasheet
378Kb / 8P
   NPN SILICON POWER TRANSISTOR
MJE13003L-H-X-T6C-A-K UTC-MJE13003L-H-X-T6C-A-K Datasheet
378Kb / 8P
   NPN SILICON POWER TRANSISTOR
MJE13003L-H-X-T6C-K UTC-MJE13003L-H-X-T6C-K Datasheet
378Kb / 8P
   NPN SILICON POWER TRANSISTOR
MJE13003L-H-X-T6S-K UTC-MJE13003L-H-X-T6S-K Datasheet
378Kb / 8P
   NPN SILICON POWER TRANSISTOR
More results

Similar Description - MJE13003L-H-D-T6S-K

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MRF10031 MA-COM-MRF10031 Datasheet
195Kb / 5P
   Microwave Power Silicon NPN Transistor Microwave Power Silicon NPN Transistor
logo
NEC
2SC3568 NEC-2SC3568 Datasheet
172Kb / 3P
   NPN SILICON POWER TRANSISTOR
logo
Seme LAB
BUW46 SEME-LAB-BUW46 Datasheet
17Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
NEC
2SC2752 NEC-2SC2752 Datasheet
188Kb / 4P
   NPN SILICON POWER TRANSISTOR
logo
Seme LAB
SDT96305 SEME-LAB-SDT96305 Datasheet
17Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
NEC
2SD1818 NEC-2SD1818 Datasheet
196Kb / 3P
   NPN SILICON POWER TRANSISTOR
logo
Transys Electronics
BUL791 TRSYS-BUL791 Datasheet
873Kb / 6P
   NPN SILICON POWER TRANSISTOR
logo
Siemens Semiconductor G...
BU326A SIEMENS-BU326A Datasheet
69Kb / 3P
   NPN SILICON POWER TRANSISTOR
logo
Boca Semiconductor Corp...
2N3441 BOCA-2N3441 Datasheet
100Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
Central Semiconductor C...
CZT5338 CENTRAL-CZT5338 Datasheet
101Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
AUK corp
STD13003L AUK-STD13003L Datasheet
271Kb / 3P
   NPN Silicon Power Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com