Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJE13005DL-K-C-TM3-T Datasheet(PDF) 2 Page - Unisonic Technologies

Part # MJE13005DL-K-C-TM3-T
Description  HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MJE13005DL-K-C-TM3-T Datasheet(HTML) 2 Page - Unisonic Technologies

  MJE13005DL-K-C-TM3-T Datasheet HTML 1Page - Unisonic Technologies MJE13005DL-K-C-TM3-T Datasheet HTML 2Page - Unisonic Technologies MJE13005DL-K-C-TM3-T Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MJE13005D-K
Preliminary
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R213-021.b
ABSOLUTE MAXIMUM RATING (TC=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATING
UNIT
Collector- Emitter Voltage (VBE =0)
VCES
700
V
Collector-Emitter Voltage (IB =0)
VCEO
400
V
Emitter-Base Voltage
VEBO
9
V
Collector Current
DC
IC
4
A
Pulse
ICP
8
A
Base Current
DC
IB
2
A
Pulse
IBP
4
A
Power Dissipation
PD
44
W
Storage Temperature
TSTG
-55 ~ +150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Pulse Test: Pulse Width = 5.0 ms, Duty Cycle < 10%.
THERMAL DATA
PARAMETER
SYMBOL
RATING
UNIT
Junction to Ambient
θJA
100
°C/W
Junction to Case
θJC
2.87
°C/W
ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Collector-Emitter Breakdown Voltage
BVCEO
IC=10mA, IB=0
400
V
Collector -Base Breakdown Voltage
BVCBO
IC=1mA, IB=0
700
V
Emitter-Base Breakdown Voltage
BVEBO
IE =1mA, IC=0
9
V
Collect Cut-off Current
ICBO
VCB=700V, IE=0
100
μA
Collect Cut-off Current
ICEO
VCE=400V,IB=0
50
μA
Emitter Cut-off Current
IEBO
VEB=9V, IC=0
10
μA
DC Current Gain
hFE1
VCE =5V, IC=500mA
15
50
hFE2
VCE =5V, IC=2A
5
Collector-Emitter Saturation Voltage
VCE
IC=1A, IB=0.2A
0.5
V
IC=2A, IB=0.5A
0.6
IC=4A, IB=1A
1
IC=2A, IB=0.5A, TC=100°C
1
Base-Emitter Saturation Voltage
VBE(SAT)
IC=2A, IB=0.5A
1.6
V
Resistive Load
Fall Time
tF
VCC=24V, IC=2A, IB1=-IB2=0.4A
0.7
μs
Storage Time
tS
4
μs
Current Gain Bandwidth Product
fT
VCE=10V, IC=0.5A
4
MHZ
Diode Forward Voltage
VF
IF=1A
1.5
V
CLASSIFICATION OF hFE1
RANK
A
B
C
D
E
RANGE
15 ~ 20
20 ~ 25
25 ~ 30
30 ~ 40
40 ~ 50


Similar Part No. - MJE13005DL-K-C-TM3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MJE13005DL-TA3-T UTC-MJE13005DL-TA3-T Datasheet
108Kb / 3P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
MJE13005DL-X-T60-K UTC-MJE13005DL-X-T60-K Datasheet
124Kb / 3P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
MJE13005DL-X-T6S-K UTC-MJE13005DL-X-T6S-K Datasheet
124Kb / 3P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
MJE13005DL-X-TA3-T UTC-MJE13005DL-X-TA3-T Datasheet
124Kb / 3P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
MJE13005DL-X-TF3-T UTC-MJE13005DL-X-TF3-T Datasheet
124Kb / 3P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
More results

Similar Description - MJE13005DL-K-C-TM3-T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUL312FP STMICROELECTRONICS-BUL312FP Datasheet
149Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL742 STMICROELECTRONICS-BUL742 Datasheet
112Kb / 5P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BULB39D STMICROELECTRONICS-BULB39D Datasheet
191Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
August 2001
SGSIF464 STMICROELECTRONICS-SGSIF464 Datasheet
88Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
STD83003 STMICROELECTRONICS-STD83003 Datasheet
299Kb / 8P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
ST2001HI STMICROELECTRONICS-ST2001HI Datasheet
67Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
ST83003 STMICROELECTRONICS-ST83003 Datasheet
258Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
October 2002
BUL128 STMICROELECTRONICS-BUL128 Datasheet
79Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL138 STMICROELECTRONICS-BUL138 Datasheet
69Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL213 STMICROELECTRONICS-BUL213 Datasheet
71Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL39D STMICROELECTRONICS-BUL39D Datasheet
185Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com