Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJE13009L-P-TA3-T Datasheet(PDF) 6 Page - Unisonic Technologies

Part # MJE13009L-P-TA3-T
Description  SWITCHMODE SERIES NPN SILICON POWER TRANSISTORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MJE13009L-P-TA3-T Datasheet(HTML) 6 Page - Unisonic Technologies

  MJE13009L-P-TA3-T Datasheet HTML 1Page - Unisonic Technologies MJE13009L-P-TA3-T Datasheet HTML 2Page - Unisonic Technologies MJE13009L-P-TA3-T Datasheet HTML 3Page - Unisonic Technologies MJE13009L-P-TA3-T Datasheet HTML 4Page - Unisonic Technologies MJE13009L-P-TA3-T Datasheet HTML 5Page - Unisonic Technologies MJE13009L-P-TA3-T Datasheet HTML 6Page - Unisonic Technologies MJE13009L-P-TA3-T Datasheet HTML 7Page - Unisonic Technologies MJE13009L-P-TA3-T Datasheet HTML 8Page - Unisonic Technologies MJE13009L-P-TA3-T Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
MJE13009-P
NPN SILICON TRANSISTOR
UNISONIC TECHNOLOGIES CO., LTD
6 of 9
www.unisonic.com.tw
QW-R223-008, A
TABLE 3. TYPICAL INDUCTIVE SWITCHING PERFORMANCE
IC(A)
TC(°C)
tSV(ns)
tRV(ns)
tFI(ns)
tTI(ns)
tC(ns)
3
25
100
770
1000
100
230
150
160
200
200
240
320
5
25
100
630
820
72
100
26
55
10
30
100
180
8
25
100
720
920
55
70
27
50
2
8
77
120
12
25
100
640
800
20
32
17
24
2
4
41
54
SWITCHING TIME NOTES
In resistive switching circuits, rise, fall, and storage times have been defined and apply to both current and
voltage waveforms since they are in phase. However, for inductive loads which are common to SWITCHMODE
power supplies and hammer drivers, current and voltage waveforms are not in phase. Therefore, separate
measurements must be made on each waveform to determine the total switching time. For this reason, the following
new terms have been defined.
tSV = Voltage Storage Time, 90% IB1 to 10% VCEM
tRV = Voltage Rise Time, 10–90% VCEM
tFI = Current Fall Time, 90–10% ICM
tTI = Current Tail, 10–2% ICM
tC = Crossover Time, 10% VCEM to 10% ICM
An enlarged portion of the turn–off waveforms is shown in Fig. 13 to aid in the visual identity of these terms.
For the designer, there is minimal switching loss during storage time and the predominant switching power losses
occur during the crossover interval and can be obtained using the standard equation from AN–222:
PSWT = 1/2 VCCIC(tC) f
Typical inductive switching waveforms are shown in Fig. 14. In general, tRV + tFI ≈ tC. However, at lower test currents
this relationship may not be valid.
As is common with most switching transistors, resistive switching is specified at 25°C and has become a
benchmark for designers. However, for designers of high frequency converter circuits, the user oriented
specifications which make this a “SWITCHMODE” transistor are the inductive switching speeds (tC and tSV) which
are guaranteed at 100°C.


Similar Part No. - MJE13009L-P-TA3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MJE13009L-P-TA3-T UTC-MJE13009L-P-TA3-T Datasheet
424Kb / 9P
   SWITCHMODE SERIES NPN SILICON POWER TRANSISTORS
More results

Similar Description - MJE13009L-P-TA3-T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N6547 ONSEMI-2N6547 Datasheet
77Kb / 8P
   SWITCHMODE Series NPN Silicon Power Transistors
April, 2001 ??Rev. 6
logo
Tiger Electronic Co.,Lt...
MJE13003 TGS-MJE13003 Datasheet
84Kb / 1P
   SWITCHMODE Series NPN Silicon Power Transistors
logo
New Jersey Semi-Conduct...
MJE16002 NJSEMI-MJE16002 Datasheet
126Kb / 3P
   SWITCHMODE Series NPN Silicon Power Transistors
MJE8502 NJSEMI-MJE8502 Datasheet
92Kb / 2P
   SWITCHMODE SERIES NPN SILICON POWER TRANSISTORS
MJ16010 NJSEMI-MJ16010 Datasheet
1Mb / 3P
   SWITCHMODE Series NPN Silicon Power Transistors
logo
Boca Semiconductor Corp...
2N6546 BOCA-2N6546 Datasheet
217Kb / 4P
   SWITCHMODE SERIES NPN SILICON POWER TRANSISTORS
logo
Unisonic Technologies
MJE13009-K UTC-MJE13009-K_15 Datasheet
440Kb / 9P
   SWITCHMODE SERIES NPN SILICON POWER TRANSISTORS
MJE13009-K UTC-MJE13009-K Datasheet
445Kb / 9P
   SWITCHMODE SERIES NPN SILICON POWER TRANSISTORS
MJE13009-P UTC-MJE13009-P_15 Datasheet
424Kb / 9P
   SWITCHMODE SERIES NPN SILICON POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
MJ8504 NJSEMI-MJ8504 Datasheet
95Kb / 2P
   SWITCHMODE SERIES NPN SILICON POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com