Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC001121 Datasheet(PDF) 5 Page - PHOENIX CONTACT

Part # EC001121
Description  PCB terminal block - MKDSP 25/ 3-15,00 - 1932591
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

EC001121 Datasheet(HTML) 5 Page - PHOENIX CONTACT

  EC001121 Datasheet HTML 1Page - PHOENIX CONTACT EC001121 Datasheet HTML 2Page - PHOENIX CONTACT EC001121 Datasheet HTML 3Page - PHOENIX CONTACT EC001121 Datasheet HTML 4Page - PHOENIX CONTACT EC001121 Datasheet HTML 5Page - PHOENIX CONTACT EC001121 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
https://www.phoenixcontact.com/us/products/1932591
12/24/13   Page 5 / 6
PCB terminal block - MKDSP 25/ 3-15,00 - 1932591
Approvals
GOST 
cULus Recognized 
Accessories
Accessories
Screwdriver tools
Screwdriver - SZS 1,0X6,5 VDE - 1205079
Screwdriver, slot-headed, VDE insulated, size: 1.0 x 6.5 x 150 mm, 2-component grip, with non-slip grip
 
 
Terminal marking
Zack Marker strip, flat - ZBF 15:UNBEDRUCKT - 0811202
Zack Marker strip, flat, Strip, white, Unlabeled, Can be labeled with: Plotter, Mounting type: Snap into flat marker groove,
Lettering field: 15 x 5.2 mm
 
 
Test plug terminal block
Reducing plug - RPS - 0201647
Reducing plug, Color: gray
 
 
Drawings


Similar Part No. - EC001121

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
EC001121 PHOENIX-EC001121 Datasheet
105Kb / 7P
   Housing - MCV 1,5/ 3-G-3,81 P26 THR
EC001121 PHOENIX-EC001121 Datasheet
69Kb / 3P
   Printed-circuit board connector - CCDN 2,5/ 9-G1F P26 THR
EC001121 PHOENIX-EC001121 Datasheet
53Kb / 3P
   Printed-circuit board connector - MSTBV 2,5/16-G-5,08 AU
EC001121 PHOENIX-EC001121 Datasheet
44Kb / 3P
   Printed-circuit board connector - MSTB 2,5/ 9-ST-5,08 AU
EC001121 PHOENIX-EC001121 Datasheet
41Kb / 2P
   Printed-circuit board connector - MSTBA 2,5/20-G BK
More results

Similar Description - EC001121

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1728811 PHOENIX-1728811 Datasheet
46Kb / 3P
   PCB terminal block - MKDSP 25/ 3-15,00 BD:NZ
1932614 PHOENIX-1932614 Datasheet
172Kb / 12P
   PCB terminal block - MKDSP 25/ 5-15,00
09/12/2020
1932627 PHOENIX-1932627 Datasheet
551Kb / 17P
   PCB terminal block - MKDSP 25/ 6-15,00
Jan 10, 2023
1728714 PHOENIX-1728714 Datasheet
46Kb / 3P
   PCB terminal block - MKDSP 25/ 5-15,00 BD:NZ
1932504 PHOENIX-1932504 Datasheet
85Kb / 5P
   PCB terminal block - MKDSP 25/ 3-15.00-F
1714036 PHOENIX-1714036 Datasheet
89Kb / 7P
   PCB terminal block - MKDSP 3/ 3
1932588 PHOENIX-1932588 Datasheet
94Kb / 6P
   PCB terminal block - MKDSP 25/ 2-15.00
1932601 PHOENIX-1932601 Datasheet
94Kb / 6P
   PCB terminal block - MKDSP 25/ 4-15.00
1730023 PHOENIX-1730023 Datasheet
126Kb / 6P
   PCB terminal block - MKDSP 1,5/ 3
1714735 PHOENIX-1714735 Datasheet
149Kb / 8P
   PCB terminal block - MKDSP 3/ 3-5,08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com